công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM301A bảng dữ liệu(PDF) 1 Page - Motorola, Inc

tên linh kiện LM301A
Giải thích chi tiết về linh kiện  Operational Amplifiers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

LM301A bảng dữ liệu(HTML) 1 Page - Motorola, Inc

  LM301A Datasheet HTML 1Page - Motorola, Inc LM301A Datasheet HTML 2Page - Motorola, Inc LM301A Datasheet HTML 3Page - Motorola, Inc LM301A Datasheet HTML 4Page - Motorola, Inc LM301A Datasheet HTML 5Page - Motorola, Inc LM301A Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
LM301A
LM201A
SEMICONDUCTOR
TECHNICAL DATA
OPERATIONAL AMPLIFIERS
Order this document by LM301A/D
Compensation
VCC
Output
Balance
VEE 4
D SUFFIX
PLASTIC PACKAGE
CASE 751
(SO–8)
N SUFFIX
PLASTIC PACKAGE
CASE 626
Balance 1
2
3
8
7
6
5
Inputs
(Top View)
8
1
8
1
PIN CONNECTIONS
Device
Operating
Temperature Range
Package
ORDERING INFORMATION
LM301AD
LM301AN
TA = – 25° to +85°C
SO–8
Plastic DIP
LM201AD
LM201AN
TA = 0° to +70°C
SO–8
Plastic DIP
1
MOTOROLA ANALOG IC DEVICE DATA
Operational Amplifiers
A general purpose operational amplifier that allows the user to choose the
compensation capacitor best suited to his needs. With proper compensation,
summing amplifier slew rates to 10 V/
µs can be obtained.
Low Input Offset Current: 20 nA Maximum Over Temperature Range
External Frequency Compensation for Flexibility
Class AB Output Provides Excellent Linearity
Output Short Circuit Protection
Guaranteed Drift Characteristics
Figure 1. Standard
Compensation and
Offset Balancing Circuit
Balance
VEE
VCC
Output
Inverting
Input
Balance
10 M
Freq
Compen
30 pF
VEE
20 k
+
Non–
Inverting
Input
5.1 M
VCC
VO
VUT
VI
VEE
VCC
VLT
VEE
MZ4622 or Equiv.
VO
VO = 4.8 V for
VLT ≤ VI ≤ VUT
VO = –0.4 V
VI < VLT or VI > VUT
(Pins Not Shown Are Not Connected)
+
Inputs
Balance
Compensation
VCC
Output
VEE
Balance
25
500
50
80 k
1.0 k
40 k
40 k
10 k
20 k
5 k
450
250
3.9 V
+
Figure 2. Double–Ended
Limit Detector
Figure 3. Representative Circuit Schematic
© Motorola, Inc. 1996
Rev 5


Số phần tương tự - LM301A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
LM301A STMICROELECTRONICS-LM301A Datasheet
165Kb / 11P
   SINGLE OPERATIONAL AMPLIFIER
logo
Linear Technology
LM301A LINER-LM301A Datasheet
388Kb / 6P
   Operational Amplifiers
logo
Fairchild Semiconductor
LM301A FAIRCHILD-LM301A Datasheet
60Kb / 6P
   Single Operational Amplifier
logo
ON Semiconductor
LM301A ONSEMI-LM301A Datasheet
94Kb / 8P
   Non Compensated Single Operational Amplifiers
July, 2005 ??Rev. 10
logo
National Semiconductor ...
LM301A NSC-LM301A Datasheet
608Kb / 20P
   Operational Amplifiers
More results

Mô tả tương tự - LM301A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Linear Technology
LM308A LINER-LM308A_15 Datasheet
459Kb / 8P
   OPERATIONAL AMPLIFIERS
logo
Analog Devices
AD8529 AD-AD8529_15 Datasheet
400Kb / 16P
   Operational Amplifiers
REV. D
logo
Texas Instruments
LM112 TI1-LM112_11 Datasheet
450Kb / 8P
[Old version datasheet]   Operational Amplifiers
LM107 TI1-LM107_11 Datasheet
444Kb / 12P
[Old version datasheet]   Operational Amplifiers
logo
National Semiconductor ...
LM101A NSC-LM101A_00 Datasheet
608Kb / 20P
   Operational Amplifiers
logo
Maxwell Technologies
OP284 MAXWELL-OP284 Datasheet
861Kb / 16P
   Operational Amplifiers
logo
National Semiconductor ...
LM108 NSC-LM108 Datasheet
289Kb / 10P
   Operational Amplifiers
LM107 NSC-LM107 Datasheet
194Kb / 10P
   Operational Amplifiers
logo
SG Micro Corp
SGM8535 SGMICRO-SGM8535 Datasheet
379Kb / 16P
   Operational Amplifiers
logo
Texas Instruments
LM118-N TI1-LM118-N_15 Datasheet
1Mb / 25P
[Old version datasheet]   Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com