công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC12052AD bảng dữ liệu(PDF) 1 Page - Motorola, Inc

tên linh kiện MC12052AD
Giải thích chi tiết về linh kiện  1.1 GHz Super Low Power Dual Modulus Prescaler
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC12052AD bảng dữ liệu(HTML) 1 Page - Motorola, Inc

  MC12052AD Datasheet HTML 1Page - Motorola, Inc MC12052AD Datasheet HTML 2Page - Motorola, Inc MC12052AD Datasheet HTML 3Page - Motorola, Inc MC12052AD Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ARCHIVED BY FREESCALE SEMICONDUCTOR, INC. 2005
MC12052A
Order this document by MC12052A/D
SEMICONDUCTOR
TECHNICAL DATA
MECL PLL COMPONENTS
÷64/65, ÷128/129 LOW POWER
DUAL MODULUS PRESCALER
PIN CONNECTIONS
D SUFFIX
PLASTIC PACKAGE
CASE 751
(SO–8)
1
8
IN
(Top View)
8
IN
VCC
SW
OUT
NC
MC
Gnd
7
6
5
1
2
3
4
Device
Operating
Temp Range
Package
ORDERING INFORMATION
MC12052AD
TA =–40 to 85°C
SO–8
1
MOTOROLA RF/IF DEVICE DATA
1.1 GHz Super Low Power
Dual Modulus Prescaler
The MC12052A is a super low power dual modulus prescaler used in
phase–locked loop applications. Motorola’s advanced Bipolar MOSAIC
™ V
technology is utilized to achieve low power dissipation of 2.7 mW at a
minimum supply voltage of 2.7 V.
The MC12052A can be used with CMOS synthesizers requiring positive
edges to trigger internal counters such as Motorola’s MC145XXX series in a
PLL to provide tuning signals up to 1.1 GHz in programmable frequency
steps.
A Divide Ratio Control (SW) permits selection of a 64/65 or 128/129 divide
ratio as desired.
The Modulus Control (MC) selects the proper divide number after SW has
been biased to select the desired divide ratio.
1.1 GHz Toggle Frequency
The MC12052 is Pin and Functionally Compatible with the MC12022
Low Power 1.0 mA Typical
2.0 mA Maximum, –40 to 85°C, VCC = 2.7 to 5.5 Vdc
Short Setup Time (tset) 16 ns Maximum @ 1.1 GHz
Modulus Control Input Level is Compatible with Standard CMOS and
TTL
Maximum Input Voltage Should Be Limited to 6.5 Vdc
MOSAIC V is a trademark of Motorola
FUNCTIONAL TABLE
SW
MC
Divide Ratio
H
H
64
H
L
65
L
H
128
L
L
129
NOTES: 1. SW: H = VCC, L = Open. A logic L can also be applied by grounding this pin,
but this is not recommended due to increased power consumption.
2. MC: H = 2.0 V to VCC, L = GND to 0.8 V.
MAXIMUM RATINGS
Characteristic
Symbol
Range
Unit
Power Supply Voltage, Pin 2
VCC
–0.5 to 7.0
Vdc
Operating Temperature Range
TA
–40 to 85
°C
Storage Temperature Range
Tstg
–65 to 150
°C
Modulus Control Input, Pin 6
MC
–0.5 to 6.5
Vdc
© Motorola, Inc. 1998
Rev 4
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Số phần tương tự - MC12052AD

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
LANSDALE Semiconductor ...
MC12052AD LANSDALE-MC12052AD Datasheet
292Kb / 5P
   1.1 GHz Super Low Power Dual Modulus Prescaler
MC12052AD LANSDALE-MC12052AD Datasheet
106Kb / 5P
   1.1 GHz Super Low Power Dual Modulus Prescaler
More results

Mô tả tương tự - MC12052AD

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
LANSDALE Semiconductor ...
ML12052 LANSDALE-ML12052_08 Datasheet
106Kb / 5P
   1.1 GHz Super Low Power Dual Modulus Prescaler
ML12052 LANSDALE-ML12052 Datasheet
292Kb / 5P
   1.1 GHz Super Low Power Dual Modulus Prescaler
ML12038 LANSDALE-ML12038 Datasheet
616Kb / 5P
   1.1 GHz Low Power Dual Modulus Prescaler
ML12038 LANSDALE-ML12038_08 Datasheet
464Kb / 5P
   1.1 GHz Low Power Dual Modulus Prescaler
logo
Motorola, Inc
MC12058 MOTOROLA-MC12058 Datasheet
260Kb / 6P
   1.1 GHz Low Power Dual Modulus Prescaler
logo
ON Semiconductor
MC12026A ONSEMI-MC12026A_06 Datasheet
130Kb / 6P
   1.1 GHz Dual Modulus Prescaler
January, 2006 ??Rev. 8
MC12026A ONSEMI-MC12026A Datasheet
50Kb / 8P
   1.1 GHz Dual Modulus Prescaler
November, 2001 ??Rev. 7
MC12026A ONSEMI-MC12026A_16 Datasheet
141Kb / 6P
   1.1GHz Dual Modulus Prescaler
August, 2016 ??Rev. 9
logo
Motorola, Inc
MC12053A MOTOROLA-MC12053A Datasheet
252Kb / 5P
   1.1 GHz Super Low Power Dual Modulus Prescaler With Stand-By Mode
logo
LANSDALE Semiconductor ...
ML12054A LANSDALE-ML12054A_08 Datasheet
94Kb / 4P
   2.0 GHz Super Low Power Dual Modulus Prescaler
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com