công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MC12016 bảng dữ liệu(PDF) 2 Page - Motorola, Inc |
|
MC12016 bảng dữ liệu(HTML) 2 Page - Motorola, Inc |
2 / 3 page MC12015 MC12016 MC12017 2 MOTOROLA RF/IF DEVICE DATA MAXIMUM RATINGS Rating Symbol Value Unit Regulated Voltage, Pin 7 Vreg 8.0 Vdc Power Supply Voltage, Pin 8 VCC 10 Vdc Operating Temperature Range TA –40 to +85 °C Storage Temperature Range Tstg –65 to +175 °C NOTE: ESD data available upon request. ELECTRICAL CHARACTERISTICS (VCC = 5.5 to 9.5 V; Vreg = 4.5 to 5.5 V; TA = –40 to 85°C, unless otherwise noted.) Characteristic Symbol Min Typ Max Unit Toggle Frequency (Sine Wave Input) fmax 225 – – MHz fmin – – 35 Supply Current ICC – 6.0 7.8 mA Control Input HIGH ( ÷32, 40 or 64) VIH 2.0 – – V Control Input LOW ( ÷33, 41 or 65) VIL – – 0.8 V Output Voltage HIGH (Isource = 50µA) [Nofe 1] VOH 2.5 – – V Output Voltage LOW (Isink = 2mA) [Note 1] VOL – – 0.5 V Input Voltage Sensitivity Vin mVpp 35 MHz 400 – 800 50 to 225 MHz 200 – 800 PLL Response Time [Notes 2 and 3] tPLL – – tout to 70 ns NOTES: 1. Pin 2 connected to Pin 3. 2. tPLL = the period of time the PLL has from the prescaler rising output tranistion (50%) to the modulus control input edge transition (50%) to ensure proper modulus selection. 3. tout = period of output waveform. Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com ARCHIVED BY FREESCALE SEMICONDUCTOR, INC. 2005 |
Số phần tương tự - MC12016 |
|
Mô tả tương tự - MC12016 |