công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC3374FTB bảng dữ liệu(PDF) 6 Page - Motorola, Inc

tên linh kiện MC3374FTB
Giải thích chi tiết về linh kiện  Low Voltage FM Narrowband Receiver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC3374FTB bảng dữ liệu(HTML) 6 Page - Motorola, Inc

  MC3374FTB Datasheet HTML 1Page - Motorola, Inc MC3374FTB Datasheet HTML 2Page - Motorola, Inc MC3374FTB Datasheet HTML 3Page - Motorola, Inc MC3374FTB Datasheet HTML 4Page - Motorola, Inc MC3374FTB Datasheet HTML 5Page - Motorola, Inc MC3374FTB Datasheet HTML 6Page - Motorola, Inc MC3374FTB Datasheet HTML 7Page - Motorola, Inc MC3374FTB Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
MC3374
6
MOTOROLA ANALOG IC DEVICE DATA
CIRCUIT DESCRIPTION
The MC3374 is an FM narrowband receiver capable of
operation to 75 MHz. The low voltage design yields low
power drain and excellent sensitivity in narrowband voice
and data link applications. In the typical application the mixer
amplifies the incoming RF or IF signal and converts this
frequency to 455 kHz. The signal is then filtered by a 455 kHz
ceramic filter and applied to the first intermediate frequency
(IF) amplifier input, before passing through a second ceramic
filter. The modulated IF signal is then applied to the limiting IF
amplifier and detector circuitry. Modulation is recovered by a
conventional quadrature detector. The typical modulation
bandwidth available is 3.0 to 5.0 kHz.
Features available include buffers for audio/data
amplification and active filtering, on board voltage regulator,
low battery detection circuitry with programmable level, and
receiver disable circuitry. The MC3374 is an FM utility
receiver to be used for voice and/or narrowband data
reception. It is especially suitable where extremely low power
consumption and high design flexibility are required.
APPLICATION
The MC3374 can be used as a high performance FM IF for
the use in low power dual conversion receivers. Because of
the MC3374’s extremely good sensitivity (0.6
µV for 20 dB
(S+N/N, see Figure 3)), it can also be used as a stand alone
single conversion narrowband receiver to 75 MHz for
applications not sensitive to image frequency interference.
An RF preamplifier will likely be needed to overcome
preselector losses.
The oscillator is a Colpitts type which must be run under
crystal control. For fundamental mode crystals choose
resonators, parallel resonant, for a 32 pF load. For higher
frequencies, use a 3rd overtone series mode type. The coil
L2 and RD resistor are needed to ensure proper operation.
The best adjacent channel and sensitivity response occur
when two 455 kHz ceramic filters are used, as shown in
Figure 1. Either can be replaced by a 0.1
µF coupling
capacitor to reduce cost, but some degradation in sensitivity
and/or stability is suspected.
The detector is a quadrature type, with the connection
from the limiter output to the detector input provided
internally. A 455 kHz LC tank circuit must be provided
externally. One of the tank pins (Pin 8) must be decoupled
using a 0.1
µF capacitor. The 56 kΩ damping resistor (see
Figure 1), determines the peak separation of the detector
(and thus its bandwidth). Smaller values will increase the
separation and bandwidth but decrease recovered audio and
sensitivity.
The data buffer is a noninverting amplifier with a nominal
voltage gain of 2.7 V/V. This buffer needs its dc bias
(approximately 250 mV) provided externally or else
debiasing will occur. A 2nd order Sallen–Key low pass filter,
as shown in Figure 1, connecting the recovered audio output
to the data buffer input provides the necessary dc bias and
some post detection filtering. The buffer can also be used as
an active filter.
The audio buffer is a noninverting amplifier with a nominal
voltage gain of 4.0 V/V. This buffer is self–biasing so its input
should be ac coupled. The two buffers, when applied as
active filters, can be used together to allow simultaneous
audio and very low speed data reception. Another possible
configuration is to receive audio only and include a
noise–triggered squelch.
The comparator is a noninverting type with an open
collector output. Typically, the pull–up resistor used between
Pin 14 and VCC is 100 kΩ. With RL = 100 kΩ the comparator
is capable of operation up to 25 kHz. The circuit is
self–biasing, so its input should be ac coupled.
The regulator is a 1.07 V reference capable of sourcing
3.0 mA. This pin (Pin 17) needs to be decoupled using a
1.0 – 10
µF capacitor to maintain stability of the MC3374.
All three VCCs on the MC3374 (VCC, VCC2, VCC3) run on
the same supply voltage. VCC is typically decoupled using
capacitors only. VCC2 and VCC3 should be bypassed using
the RC bypasses shown in Figure 1. Eliminating the resistors
on the VCC2 and VCC3 bypasses may be possible in some
applications, but a reduction in sensitivity and quieting will
likely occur.
The low battery detection circuit gives an NPN open
collector output at Pin 20 which drops low when the MC3374
supply voltage drops below 1.2 V. Typically it would be pulled
up via a 100 k
Ω resistor to supply.
The 1.2 V Select pin, when connected to the MC3374 supply,
programs the low battery detector to trip at VCC < 1.1 V. Leaving
this pin open raises the trip voltage on the low battery detector.
Pin 15 is a receiver enable which is connected to VCC for
normal operation. Connecting this pin to ground shuts off
receiver and reduces current drain to ICC < 0.5 µA.
APPENDIX
Design of 2nd Order Sallen–Key Low Pass Filters
Input
R1
R2
C2
C1
Bias
Avo = K
Low Pass Output
0 to fo Hz
+
The audio and data buffers can easily be configured as active
low pass filters using the circuit configuration shown above.
The circuit has a center frequency (fo) and quality factor (Q)
given by the following:
fo +
1
2
p R1R2C1C2
Q
+
1
R2C2
R1C1
)
R1C2
R2C1
) (1–K)
R1C1
R2C2
If possible, let R1 = R2 or C1 = C2 to simplify the above
equations. Be sure to avoid a negative Q value to prevent
instability. Setting Q
+ 1 2 + 0.707 yields a maximally flat
filter response.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Số phần tương tự - MC3374FTB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC33742 MOTOROLA-MC33742 Datasheet
1Mb / 52P
   System Basis Chip (SBC) with Enhanced High-Speed CAN Transceiver
MC33742DW MOTOROLA-MC33742DW Datasheet
1Mb / 52P
   System Basis Chip (SBC) with Enhanced High-Speed CAN Transceiver
logo
Freescale Semiconductor...
MC33742DW FREESCALE-MC33742DW Datasheet
2Mb / 65P
   System Basis Chip (SBC) with Enhanced High-Speed CAN Transceiver
MC33742DW FREESCALE-MC33742DW Datasheet
1Mb / 70P
   System Basis Chip with Enhanced High Speed CAN Transceiver
logo
Motorola, Inc
MC33742DWR2 MOTOROLA-MC33742DWR2 Datasheet
1Mb / 52P
   System Basis Chip (SBC) with Enhanced High-Speed CAN Transceiver
More results

Mô tả tương tự - MC3374FTB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC3367 MOTOROLA-MC3367 Datasheet
499Kb / 9P
   LOW VOLTAGE FM NARROWBAND RECEIVER
MC3335 MOTOROLA-MC3335 Datasheet
118Kb / 6P
   Low Power Narrowband FM Receiver
logo
LANSDALE Semiconductor ...
ML13135 LANSDALE-ML13135 Datasheet
771Kb / 11P
   FM Communications Receiver; Dual Conversion Narrowband FM Receiver
logo
Ceramate Technical
CM5018 CERAMATE-CM5018 Datasheet
917Kb / 6P
   Low Power Narrowband FM IF
logo
Motorola, Inc
MC3361 MOTOROLA-MC3361 Datasheet
156Kb / 6P
   LOW POWER NARROWBAND FM IF
MC3361B MOTOROLA-MC3361B Datasheet
209Kb / 8P
   Low Power Narrowband FM IF
logo
Sanyo Semicon Device
LA8608V SANYO-LA8608V Datasheet
310Kb / 14P
   1.8 V Low-Voltage Narrowband FM-IF System
logo
LANSDALE Semiconductor ...
ML3371 LANSDALE-ML3371 Datasheet
1Mb / 19P
   Low Power Narrowband FM IF
ML3371 LANSDALE-ML3371_08 Datasheet
892Kb / 19P
   Low Power Narrowband FM IF
logo
National Semiconductor ...
LM1866 NSC-LM1866 Datasheet
257Kb / 7P
   LOW VOLTAGE AM/FM RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com