công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC3361BP bảng dữ liệu(PDF) 2 Page - Motorola, Inc

tên linh kiện MC3361BP
Giải thích chi tiết về linh kiện  Low Power Narrowband FM IF
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC3361BP bảng dữ liệu(HTML) 2 Page - Motorola, Inc

  MC3361BP Datasheet HTML 1Page - Motorola, Inc MC3361BP Datasheet HTML 2Page - Motorola, Inc MC3361BP Datasheet HTML 3Page - Motorola, Inc MC3361BP Datasheet HTML 4Page - Motorola, Inc MC3361BP Datasheet HTML 5Page - Motorola, Inc MC3361BP Datasheet HTML 6Page - Motorola, Inc MC3361BP Datasheet HTML 7Page - Motorola, Inc MC3361BP Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MC3361B
2
MOTOROLA RF/IF DEVICE DATA
MAXIMUM RATINGS (TA = 25°C, unless otherwise noted.)
Rating
Pin
Symbol
Value
Unit
Power Supply Voltage
4
VCC(max)
10
Vdc
Operating Supply Voltage Range
4
VCC
2.0 to 8.0
Vdc
Detector Input Voltage
8
1.0
Vpp
Input Voltage (VCC q 4.0 V)
16
V16
1.0
Vrms
Mute Function
14
V14
–0.5 to 5.0
Vpk
Junction Temperature
TJ
150
°C
Operating Ambient Temperature Range
TA
–30 to 70
°C
Storage Temperature Range
Tstg
–65 to 150
°C
NOTES: 1. Maximum Ratings are those values beyond which damage to the device may occur.
Functional operation should be restricted to the limits in the Electrical Characteristics
tables or Pin Descriptions section.
2. ESD data available upon request.
ELECTRICAL CHARACTERISTICS (VCC = 4.0 Vdc, fo = 10.7 MHz, ∆f = ± 3.0 kHz, fmod = 1.0 kHz, TA = 25°C,
unless otherwise noted.)
Characteristic
Pin
Min
Typ
Max
Unit
Drain Current (No Signal)
Squelch “Off”
4
29
39
49
mA
Squelch Off
Squelch “On”
2.9
4.4
3.9
5.4
4.9
6.4
Recovered Audio Output Voltage (Vin = 10 mVrms)
9
130
160
200
mVrms
Input Limiting Voltage ( –3.0 dB Limiting)
16
2.6
6.0
µV
Total Harmonic Distortion
9
0.86
%
Recovered Output Voltage (No Input Signal)
9
60
120
250
mVrms
Drop Voltage AF Gain Loss
9
–3.0
–0.6
dB
Detector Output Impedance
450
Filter Gain (10 kHz) (Vin = 0.3 mVrms)
40
50
dB
Filter Output Voltage
11
1.0
1.3
1.6
Vdc
Mute Function Low
14
30
50
Mute Function High
14
1.0
11
M
Scan Function Low (Mute “Off”) (V12 = 1.0 Vdc)
13
0
0.4
Vdc
Scan Function High (Mute “On”) (V12 = Gnd)
13
3.0
3.5
Vdc
Trigger Hysteresis
45
100
mV
Mixer Conversion Gain
3
28
dB
Mixer Input Resistance
16
3.3
k
Mixer Input Capacitance
16
2.2
pF
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Số phần tương tự - MC3361BP

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Unisonic Technologies
MC3361BP UTC-MC3361BP Datasheet
174Kb / 5P
   LOW VOLTAGE/POWER NARROW BAND FM IF
MC3361BP-D16-T UTC-MC3361BP-D16-T Datasheet
174Kb / 5P
   LOW VOLTAGE/POWER NARROW BAND FM IF
MC3361BP-D16-T UTC-MC3361BP-D16-T Datasheet
186Kb / 5P
   LOW VOLTAGE/POWER NARROW BAND FM IF
MC3361BP-N16-R UTC-MC3361BP-N16-R Datasheet
174Kb / 5P
   LOW VOLTAGE/POWER NARROW BAND FM IF
MC3361BP-N16-R UTC-MC3361BP-N16-R Datasheet
186Kb / 5P
   LOW VOLTAGE/POWER NARROW BAND FM IF
More results

Mô tả tương tự - MC3361BP

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Ceramate Technical
CM5018 CERAMATE-CM5018 Datasheet
917Kb / 6P
   Low Power Narrowband FM IF
logo
Motorola, Inc
MC3361 MOTOROLA-MC3361 Datasheet
156Kb / 6P
   LOW POWER NARROWBAND FM IF
logo
LANSDALE Semiconductor ...
ML3371 LANSDALE-ML3371 Datasheet
1Mb / 19P
   Low Power Narrowband FM IF
ML3371 LANSDALE-ML3371_08 Datasheet
892Kb / 19P
   Low Power Narrowband FM IF
logo
Sanyo Semicon Device
LA8604M SANYO-LA8604M Datasheet
136Kb / 8P
   Narrowband FM IF Stage
LA8608V SANYO-LA8608V Datasheet
310Kb / 14P
   1.8 V Low-Voltage Narrowband FM-IF System
logo
Motorola, Inc
MC3335 MOTOROLA-MC3335 Datasheet
118Kb / 6P
   Low Power Narrowband FM Receiver
logo
LANSDALE Semiconductor ...
ML13150 LANSDALE-ML13150 Datasheet
1Mb / 20P
   Narrowband FM Coilless Detector IF Subsystem
logo
Motorola, Inc
MC13150 MOTOROLA-MC13150 Datasheet
517Kb / 20P
   Narrowband FM Coilless Detector IF Subsystem
logo
Sanyo Semicon Device
LA8615M SANYO-LA8615M Datasheet
305Kb / 11P
   Narrowband FM IF Amplifiers for Pager Receivers
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com