công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC3356DW bảng dữ liệu(PDF) 1 Page - Motorola, Inc

tên linh kiện MC3356DW
Giải thích chi tiết về linh kiện  Wideband FSK Receiver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC3356DW bảng dữ liệu(HTML) 1 Page - Motorola, Inc

  MC3356DW Datasheet HTML 1Page - Motorola, Inc MC3356DW Datasheet HTML 2Page - Motorola, Inc MC3356DW Datasheet HTML 3Page - Motorola, Inc MC3356DW Datasheet HTML 4Page - Motorola, Inc MC3356DW Datasheet HTML 5Page - Motorola, Inc MC3356DW Datasheet HTML 6Page - Motorola, Inc MC3356DW Datasheet HTML 7Page - Motorola, Inc MC3356DW Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Device
Operating
Temperature Range
Package
MC3356
SEMICONDUCTOR
TECHNICAL DATA
WIDEBAND
FSK
RECEIVER
ORDERING INFORMATION
MC3356DW
MC3356P
TA = – 40 to +85°C
SO–20L
Plastic DIP
Order this document by MC3356/D
P SUFFIX
PLASTIC PACKAGE
CASE 738
DW SUFFIX
PLASTIC PACKAGE
CASE 751D
(SO–20L)
20
1
2
3
4
5
6
7
8
9
10
19
18
17
16
15
14
13
12
11
RF Ground
OSC Emitter
OSC Collector
RF VCC
Mixer Output
IF VCC
Limiter Input
Limiter Bias
Limiter Bias
Quad Bias
RF Input
Ground
Data Output
+ Comparator
– Comparator
Squelch Control
Quad Input
Squelch Status
Buffered Output
Demodulator
Filter
PIN CONNECTIONS
1
MOTOROLA WIRELESS SEMICONDUCTOR
SOLUTIONS – RF AND IF DEVICE DATA
Wideband FSK Receiver
The MC3356 includes Oscillator, Mixer, Limiting IF Amplifier, Quadrature
Detector, Audio Buffer, Squelch, Meter Drive, Squelch Status output, and
Data Shaper comparator. The MC3356 is designed for use in digital data
communciations equipment.
Data Rates up to 500 kilobaud
Excellent Sensitivity: – 3 dB Limiting Sensitivity
Excellent Sensitivity: 30
µVrms @ 100 MHz
Highly Versatile, Full Function Device, yet Few External Parts are
Required
Down Converter Can be Used Independently — Similar to NE602
Figure 1. Representative Block Diagram
RF
VCC
RF
Ground
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
Ceramic
Filter
VCC
Quadrature Detector
Tank
Limiter
Comparator
Meter
Current
Buffer
+
+
Data Shaping
Comparator
Mixer
OSC
RF
Input
Ground
Data
Output
VCC
Squelch
Status
Hysteresis
Squelch
Adjust
(Meter)
© Motorola, Inc. 1996
Rev 0
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Số phần tương tự - MC3356DW

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
LANSDALE Semiconductor ...
MC3356DW LANSDALE-MC3356DW Datasheet
973Kb / 9P
   Wideband FSK Receiver
MC3356DW LANSDALE-MC3356DW Datasheet
276Kb / 9P
   Wideband FSK Receiver
More results

Mô tả tương tự - MC3356DW

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanyo Semicon Device
LA7775M SANYO-LA7775M Datasheet
74Kb / 5P
   Wideband FSK Receiver
logo
LANSDALE Semiconductor ...
ML3356 LANSDALE-ML3356_08 Datasheet
276Kb / 9P
   Wideband FSK Receiver
ML3356 LANSDALE-ML3356 Datasheet
973Kb / 9P
   Wideband FSK Receiver
ML13055 LANSDALE-ML13055 Datasheet
313Kb / 9P
   Wideband FSK Receiver
ML13055 LANSDALE-ML13055_08 Datasheet
243Kb / 9P
   Wideband FSK Receiver
logo
Motorola, Inc
MC13055 MOTOROLA-MC13055 Datasheet
207Kb / 8P
   WIDEBAND FSK RECEIVER
logo
Samsung semiconductor
S1T8531 SAMSUNG-S1T8531 Datasheet
157Kb / 10P
   WIDEBAND FM/FSK IF RECEIVER
logo
List of Unclassifed Man...
RRF1-XXX-Y ETC2-RRF1-XXX-Y Datasheet
25Kb / 2P
   FSK Superhet Receiver
logo
HOPE Microelectronics C...
RFM218BW HOPE-RFM218BW Datasheet
395Kb / 4P
   FSK Receiver Module
logo
Melexis Microelectronic...
MLX71121 MELEXIS-MLX71121_15 Datasheet
356Kb / 29P
   FSK/OOK Receiver
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com