công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
5424.6051121 bảng dữ liệu(PDF) 1 Page - Schurter Inc. |
|
5424.6051121 bảng dữ liệu(HTML) 1 Page - Schurter Inc. |
1 / 4 page Power Entry Modules with Line Filter Felcom 54 www.schurter.com/pg06 EMC Products IEC Appliance Inlet C14 Modular Assembling Options 5411.XX5X.XXX Appliance inlet Fuseholder Line filter 5431.X05X.XXX Appliance inlet Appliance outlet Switch Line filter Standard- or Medical-Filter C14 70° C F 70° C Description -PanelMount: Snap-inversionfromfrontside -2-5Functions: ApplianceInletProtectionclassI,Connector,LineSwitch2-pole,Fuse- holderforfuse-links5x20mm1-or2-pole,Linefilterinstandardand medicalversion -Solderterminals3.5x0.8mmorquickconnectterminals6.3x0.8 mm -Alternative:versionwithoutlinefilterFelcom64 Approvals -VDELicenseNumber:101307 -ULLicenseNumber:E72928 Characteristics -Modularcomponentselection -Individualcomponentssolderedonaprintedcircuitboard -Plugremovalnecessaryforfuse-linkreplacement FusedrawermeetsrequirementsofmedicalstandardIEC/EN60601-1 Thefuseholderisaccessiblefromtheequipmentfront -Technicaldataoffilter-componentsseeblockfiltertype5500 -Fullyinsulatedfromtherear -QualifiedforuseinequipmentaccordingIEC/EN60950 Other versions on request -Lineswitchwithotherrockermarking References GeneralProductInformation Weblinks Approvals,RoHS,CHINA-RoHS,MatingConnectors,e-Store, Distributor-Stock-Check,Accessories Technical Data RatingsIEC 1-10A@Ta40°C/250VAC;50Hz RatingsUL/CSA 1-10A@Ta40°C/250VAC;60Hz LeakageCurrent standard<0.5mA(250V/60Hz) medical<5µA(250V/60Hz) DielectricStrength >1.7kVDCbetweenL-N >2.7kVDCbetweenL/N-PE Testvoltage(2sec) AllowableOperationTemp. -25°Cto85°C ClimaticCategory 25/085/21acc.toIEC60068-1 DegreeofProtection fromfrontsideIP40acc.toIEC60529 ProtectionClass Suitableforapplianceswithprotection class1acc.toIEC61140 Terminal Solderterminals3.5x0.8mmorquick connectterminals6.3x0.8mm PanelThicknesss Snap-in:1/1.2/1.5/2/2.5/3mm1/1.2/1.5 /2/2.5/3mm Material:Housing Thermoplastic,black,UL94V-0 Appliance-Inlet/-Outlet C14acc.toIEC/EN60320-1, Facc.toIEC/EN60320-2-2, UL498,CSAC22.2no.42(forcold conditions)pin-temperature70°C,10A, ProtectionClass1 Fuseholder 1or2pole,ShocksafecategoryPC2 acc.toIEC60127-6, forfuse-links5x20mm RatedPowerAcceptance@ Ta23°C 5x20:2W(1pole)/1.6W(2-pole)per pole PowerAcceptance@Ta> 23°C Admissiblepoweracceptanceathig- herambienttemperatureseederating curves LineSwitch Rockerswitch2-pole,non-illuminated, acc.toIEC61058-1 Technicaldetails LineFilter StandardVersion,IEC60939,IEC 60601-1,UL1283,UL544,EN133 200,CSAC22.2no.8 Technicaldetails MTBF >1'400'000hacc.toMIL-HB-217F |
Số phần tương tự - 5424.6051121 |
|
Mô tả tương tự - 5424.6051121 |