công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

5421.4051121 bảng dữ liệu(PDF) 4 Page - Schurter Inc.

tên linh kiện 5421.4051121
Giải thích chi tiết về linh kiện  IEC Appliance Inlet C14 Modular Assembling Options
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SCHURTER [Schurter Inc.]
Trang chủ  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

5421.4051121 bảng dữ liệu(HTML) 4 Page - Schurter Inc.

  5421.4051121 Datasheet HTML 1Page - Schurter Inc. 5421.4051121 Datasheet HTML 2Page - Schurter Inc. 5421.4051121 Datasheet HTML 3Page - Schurter Inc. 5421.4051121 Datasheet HTML 4Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
Power Entry Modules with Line Filter
Felcom 54
www.schurter.com/pg06
EMC Products
Accessories
Description
Cord retaining kits
Cord retaining strain relief
Flat head, A
4700.0001
Mating Inlets/Plugs
Category / Description
Interconnection Cord Overview complete
Interconnection Cord with IEC Plug E, Angled
0607
Interconnection Cord with IEC Plug E, Angled
0608
Interconnection Cord with IEC Plug E, Straight
0609
Interconnection Cord with IEC Plug G, Angled
607B
Interconnection Cord with IEC Plug G, Angled
608B
Interconnection Cord further types to Felcom 54
...
Plug Overview complete
IEC Plug E, Cord Connector (Rewireable), Straight, max. cable Diameter 8.5 mm
4732
IEC Plug E, Cord Connector (Rewireable), Angled, max. Cable Diameter 10 mm
4733
IEC Plug E, Cord Connector (Rewireable), Straight, max. Cable Diameter 10 mm
4735
IEC Plug E, Cord Connector (Rewireable), Angled, max. Cable Diameter 10 mm
4736
IEC Plug E, Cord Connector (Rewireable), Straight
9009
Plug further types to Felcom 54
...
Mating Outlets/Connectors
Appliance Outlet Overview complete
IEC Appliance Outlet F, Screw-on Mounting, Front Side, Solder or Quick-connect Terminal
4787
IEC Appliance Outlet F, Snap-in Mounting, Front Side, Solder or Quick-connect Terminal
4788
IEC Appliance Outlet F or H, Screw-on Mounting, Front Side, Solder, PCB or Quick-connect Terminal
5091
IEC Appliance Outlet F or H, Screw-on Mounting, Front Side, Solder or Quick-connect Terminal
5092
Appliance Outlet further types to Felcom 54
Connector Overview complete
IEC Connector C15, Rewireable, Straight
0101
IEC Connector C15A, Rewireable, Straight
0102
IEC Connector C15A, Rewireable, Straight
0102-G
IEC Connector C15A, Rewireable, Angled
0112
IEC Connector C13, Rewireable, Angled
4012
Connector further types to Felcom 54
...
Power Cord Overview complete
Power Cord with IEC Connector C13, Angled
0311
Power Cord with IEC Connector C13, Angled
3011
Power Cord with IEC Connector C13, Angled
3012
Power Cord with IEC Connector C13, Angled
3013
Power Cord with IEC Connector C13
3020
Power Cord further types to Felcom 54
...
Thespecifications,descriptionsandillustrationsindicatedinthisdocumentarebasedon
currentinformation.Allcontentissubjecttomodificationsandamendments.


Số phần tương tự - 5421.4051121

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
5421 ETC1-5421 Datasheet
51Kb / 1P
   DUAL 4-INPUT POSITIVE AND GATE
logo
3M Electronics
5421 3M-5421 Datasheet
172Kb / 2P
   UHMW Polyethylene Tape
logo
Heyco.
5421 HEYCO-5421 Datasheet
380Kb / 2P
   Full Thickness Male Blades
logo
OSRAM GmbH
54210 OSRAM-54210 Datasheet
105Kb / 2P
   Low Voltage Tungsten Halogen Lamps with Reflector
54211 OSRAM-54211 Datasheet
105Kb / 2P
   Low Voltage Tungsten Halogen Lamps with Reflector
More results

Mô tả tương tự - 5421.4051121

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Schurter Inc.
FELCOM54 SCHURTER-FELCOM54_V01 Datasheet
570Kb / 8P
   IEC Appliance Inlet C14 Modular Assembling Options
04.01.2022
FELCOM54 SCHURTER-FELCOM54 Datasheet
560Kb / 8P
   IEC Appliance Inlet C14 Modular Assembling Options
6048 SCHURTER-6048_18 Datasheet
318Kb / 4P
   IEC Appliance Inlet C14
6421005110 SCHURTER-6421005110 Datasheet
662Kb / 5P
   IEC Appliance Inlet C14 with modular extended Components
FELCOM64 SCHURTER-FELCOM64 Datasheet
584Kb / 7P
   IEC Appliance Inlet C14 with modular extended Components
FELCOM64 SCHURTER-FELCOM64_18 Datasheet
530Kb / 7P
   IEC Appliance Inlet C14 with modular extended Components
FELCOM64 SCHURTER-FELCOM64_V01 Datasheet
533Kb / 7P
   IEC Appliance Inlet C14 with modular extended Components
08.12.2021
5110 SCHURTER-5110_18 Datasheet
692Kb / 6P
   IEC Appliance Inlet C14 with Filter
KFS SCHURTER-KFS_V01 Datasheet
528Kb / 6P
   IEC Appliance Inlet C14 with Filter
04.01.2022
KFS SCHURTER-KFS Datasheet
462Kb / 3P
   IEC Appliance Inlet C14 with Filter
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com