công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCK68HC16Z1VPV20 bảng dữ liệu(PDF) 7 Page - Freescale Semiconductor, Inc

tên linh kiện MCK68HC16Z1VPV20
Giải thích chi tiết về linh kiện  M68HC16Z Series
Download  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCK68HC16Z1VPV20 bảng dữ liệu(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button MCK68HC16Z1VPV20 Datasheet HTML 3Page - Freescale Semiconductor, Inc MCK68HC16Z1VPV20 Datasheet HTML 4Page - Freescale Semiconductor, Inc MCK68HC16Z1VPV20 Datasheet HTML 5Page - Freescale Semiconductor, Inc MCK68HC16Z1VPV20 Datasheet HTML 6Page - Freescale Semiconductor, Inc MCK68HC16Z1VPV20 Datasheet HTML 7Page - Freescale Semiconductor, Inc MCK68HC16Z1VPV20 Datasheet HTML 8Page - Freescale Semiconductor, Inc MCK68HC16Z1VPV20 Datasheet HTML 9Page - Freescale Semiconductor, Inc MCK68HC16Z1VPV20 Datasheet HTML 10Page - Freescale Semiconductor, Inc MCK68HC16Z1VPV20 Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 500 page
background image
M68HC16 Z SERIES
USER’S MANUAL
(Continued)
Paragraph
Title
Page
TABLE OF CONTENTS
5.8.1
Interrupt Exception Processing .......................................................5-58
5.8.2
Interrupt Priority and Recognition ....................................................5-58
5.8.3
Interrupt Acknowledge and Arbitration ............................................5-59
5.8.4
Interrupt Processing Summary ........................................................5-60
5.8.5
Interrupt Acknowledge Bus Cycles ..................................................5-61
5.9
Chip-Selects ............................................................................................5-61
5.9.1
Chip-Select Registers ......................................................................5-63
5.9.1.1
Chip-Select Pin Assignment Registers ...................................5-64
5.9.1.2
Chip-Select Base Address Registers ......................................5-65
5.9.1.3
Chip-Select Option Registers ..................................................5-66
5.9.1.4
PORTC Data Register .............................................................5-67
5.9.2
Chip-Select Operation .....................................................................5-67
5.9.3
Using Chip-Select Signals for Interrupt Acknowledge .....................5-68
5.9.4
Chip-Select Reset Operation ...........................................................5-69
5.10
Parallel Input/Output Ports ......................................................................5-70
5.10.1
Pin Assignment Registers ...............................................................5-70
5.10.2
Data Direction Registers .................................................................5-70
5.10.3
Data Registers .................................................................................5-71
5.11
Factory Test ............................................................................................5-71
SECTION 6
STANDBY RAM MODULE
6.1
SRAM Register Block ................................................................................6-1
6.2
SRAM Array Address Mapping .................................................................6-2
6.3
SRAM Array Address Space Type ............................................................6-2
6.4
Normal Access ..........................................................................................6-2
6.5
Standby and Low-Power Stop Operation ..................................................6-2
6.6
Reset .........................................................................................................6-3
SECTION 7
MASKED ROM MODULE
7.1
MRM Register Block ..................................................................................7-1
7.2
MRM Array Address Mapping ...................................................................7-1
7.3
MRM Array Address Space Type ..............................................................7-2
7.4
Normal Access ..........................................................................................7-2
7.5
Low-Power Stop Mode Operation .............................................................7-3
7.6
ROM Signature ..........................................................................................7-3
7.7
Reset .........................................................................................................7-3
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Số phần tương tự - MCK68HC16Z1VPV20

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MCK68HC16Z1VPV20 FREESCALE-MCK68HC16Z1VPV20 Datasheet
5Mb / 500P
   Symbols and Operators, CPU16 Register Mnemonics
MCK68HC16Z1VPV20 FREESCALE-MCK68HC16Z1VPV20 Datasheet
5Mb / 500P
   M68HC16Z Series users manual
More results

Mô tả tương tự - MCK68HC16Z1VPV20

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MC68HC16Z1CEH25 FREESCALE-MC68HC16Z1CEH25 Datasheet
5Mb / 500P
   M68HC16Z Series
M68HC16Z FREESCALE-M68HC16Z Datasheet
5Mb / 500P
   M68HC16Z Series
MC68HC16ZUM FREESCALE-MC68HC16ZUM Datasheet
5Mb / 500P
   M68HC16Z Series users manual
MC68HC16Z1CAG16 FREESCALE-MC68HC16Z1CAG16 Datasheet
5Mb / 500P
   M68HC16Z Series users manual
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
   C10507-11 series C10751 series
logo
Texas Instruments
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
   Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com