công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

UC1823BL bảng dữ liệu(PDF) 4 Page - Texas Instruments

tên linh kiện UC1823BL
Giải thích chi tiết về linh kiện  HIGH-SPEED PWM CONTROLLER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

UC1823BL bảng dữ liệu(HTML) 4 Page - Texas Instruments

  UC1823BL Datasheet HTML 1Page - Texas Instruments UC1823BL Datasheet HTML 2Page - Texas Instruments UC1823BL Datasheet HTML 3Page - Texas Instruments UC1823BL Datasheet HTML 4Page - Texas Instruments UC1823BL Datasheet HTML 5Page - Texas Instruments UC1823BL Datasheet HTML 6Page - Texas Instruments UC1823BL Datasheet HTML 7Page - Texas Instruments UC1823BL Datasheet HTML 8Page - Texas Instruments UC1823BL Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
UC1823A,UC2823A, UC2823B,
UC3823A,UC3823B,UC1825A,
UC2825A,UC2825B,UC3825A,UC3825B
SLUS334D − AUGUST 1995 − REVISED NOVEMBER 2008
www.ti.com
4
ELECTRICAL CHARACTERISTICS
TA = −55°C to 125°C for the UC1823A/UC1825A, TA = −40°C to 85°C for the UC2823x/UC2825x, TA = 0°C to 70°C for the UC3823x/UC3825x,
RT = 3.65 kΩ, CT = 1 nF, VCC = 12 V, TA = TJ (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
REFERENCE, VREF
VO
Ouput voltage range
TJ = 25°C, IO = 1 mA
5.05
5.1
5.15
V
Line regulation
12 V
≤ VCC ≤ 20 V
2
15
mV
Load regulation
1 mA
≤ IO ≤ 10 mA
5
20
mV
Total output variation
Line, load, temperature
5.03
5.17
V
Temperature stability(1)
T(min) < TA < T(max)
0.2
0.4
mV/
°C
Output noise voltage(1)
10 Hz < f < 10 kHz
50
µVRMS
Long term stability(1)
TJ = 125°C, 1000 hours
5
25
mV
Short circuit current
VREF = 0 V
30
60
90
mA
OSCILLATOR
fOSC
Initial accuracy(1)
TJ = 25°C
375
400
425
kHz
fOSC
Initial accuracy(1)
RT = 6.6 kΩ, CT = 220 pF, TA = 25°C
0.9
1
1.1
MHz
Total variation(1)
Line, temperature
350
450
kHz
Total variation(1)
RT = 6.6 kΩ, CT = 220 pF,
0.85
1.15
MHz
Voltage stability
12 V < VCC < 20 V
1%
Temperature stability(1)
T(min) < TA < T(max)
+/−
5%
High-level output voltage, clock
3.7
4
Low-level output voltage, clock
0
0.2
Ramp peak
2.6
2.8
3
V
Ramp valley
0.7
1
1.25
V
Ramp valley-to-peak
1.6
1.8
2
IOSC
Oscillator discharge current
RT = OPEN, VCT = 2 V
9
10
11
mA
ERROR AMPLIFIER
Input offset voltage
2
10
mV
Input bias current
0.6
3
A
Input offset current
0.1
1
µA
Open loop gain
1 V < VO < 4 V
60
95
CMRR
Common mode rejection ratio
1.5 V < VCM < 5.5 V
75
95
dB
PSRR
Power supply rejection ratio
12 V < VCC < 20 V
85
110
dB
IO(sink) Output sink current
VEAOUT = 1 V
1
2.5
mA
IO(src)
Output source current
VEAOUT = 4 V
−0.5
−1.3
mA
High-level output voltage
IEAOUT = −0.5 mA
4.5
4.7
5
V
Low-level output voltage
IEAOUT = −1 mA
0
0.5
1
V
Gain bandwidth product
f = 200 kHz
6
12
Mhz
Slew rate(1)
6
9
V/
µs
(1) Ensured by design. Not production tested.


Số phần tương tự - UC1823BL

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
UC1823BL TI-UC1823BL Datasheet
303Kb / 15P
[Old version datasheet]   High Speed PWM Controller
UC1823BL TI1-UC1823BL Datasheet
936Kb / 19P
[Old version datasheet]   HIGH-SPEED PWM CONTROLLER
UC1823BL883B TI-UC1823BL883B Datasheet
303Kb / 15P
[Old version datasheet]   High Speed PWM Controller
UC1823BL883B TI1-UC1823BL883B Datasheet
936Kb / 19P
[Old version datasheet]   HIGH-SPEED PWM CONTROLLER
More results

Mô tả tương tự - UC1823BL

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
UC1823AJ883B TI-UC1823AJ883B Datasheet
456Kb / 9P
[Old version datasheet]   High Speed PWM Controller
UC3823N TI-UC3823N Datasheet
2Mb / 13P
[Old version datasheet]   HIGH SPEED PWM CONTROLLER
UC3824DW TI1-UC3824DW Datasheet
704Kb / 14P
[Old version datasheet]   HIGH SPEED PWM CONTROLLER
UCC3829-1 TI1-UCC3829-1 Datasheet
196Kb / 11P
[Old version datasheet]   High Speed PWM Controller
UC1823 TI-UC1823 Datasheet
409Kb / 7P
[Old version datasheet]   High Speed PWM Controller
UC1823A TI-UC1823A Datasheet
303Kb / 15P
[Old version datasheet]   High Speed PWM Controller
UC3825B TI-UC3825B Datasheet
316Kb / 9P
[Old version datasheet]   High Speed PWM Controller
UC1825 TI-UC1825 Datasheet
914Kb / 17P
[Old version datasheet]   High Speed PWM Controller
UC1825 TI1-UC1825_13 Datasheet
968Kb / 19P
[Old version datasheet]   High Speed PWM Controller
UC2825AQDW TI-UC2825AQDW Datasheet
928Kb / 19P
[Old version datasheet]   High Speed PWM Controller
UC2825A-Q1 TI-UC2825A-Q1_15 Datasheet
932Kb / 17P
[Old version datasheet]   HIGH-SPEED PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com