công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

UC1825ALQMLV bảng dữ liệu(PDF) 10 Page - Texas Instruments

tên linh kiện UC1825ALQMLV
Giải thích chi tiết về linh kiện  HIGH-SPEED PWM CONTROLLER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

UC1825ALQMLV bảng dữ liệu(HTML) 10 Page - Texas Instruments

Back Button UC1825ALQMLV Datasheet HTML 6Page - Texas Instruments UC1825ALQMLV Datasheet HTML 7Page - Texas Instruments UC1825ALQMLV Datasheet HTML 8Page - Texas Instruments UC1825ALQMLV Datasheet HTML 9Page - Texas Instruments UC1825ALQMLV Datasheet HTML 10Page - Texas Instruments UC1825ALQMLV Datasheet HTML 11Page - Texas Instruments UC1825ALQMLV Datasheet HTML 12Page - Texas Instruments UC1825ALQMLV Datasheet HTML 13Page - Texas Instruments UC1825ALQMLV Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
UC1823A,UC2823A, UC2823B,
UC3823A,UC3823B,UC1825A,
UC2825A,UC2825B,UC3825A,UC3825B
SLUS334D − AUGUST 1995 − REVISED NOVEMBER 2008
www.ti.com
10
HIGH CURRENT OUTPUTS
Each totem pole output of the UC3823A and UC3823AB, UC3825A, and UC3825B can deliver a 2-A peak current into a
capacitive load. The output can slew a 1000-pF capacitor by 15 V in approximately 20 ns. Separate collector supply (VC)
and power ground (PGND) pins help decouple the device’s analog circuitry from the high-power gate drive noise. The use
of 3-A Schottky diodes (1N5120, USD245, or equivalent) as shown in the Figure 13 from each output to both VC and PGND
are recommended. The diodes clamp the output swing to the supply rails, necessary with any type of inductive/capacitive
load, typical of a MOSFET gate. Schottky diodes must be used because a low forward voltage drop is required. DO NOT
USE standard silicon diodes.
Although they are single-ended devices, two output drivers are available on the UC3823A and UC3823B devices. These
can be paralleled by the use of a 0.5
Ω (noninductive) resistor connected in series with each output for a combined peak
current of 4 A.
UDG−95114
Figure 12. Power MOSFET Drive Circuit
GROUND PLANES
Each output driver of these devices is capable of 2-A peak currents. Careful layout is essential for correct operation of the
chip. A ground plane must be employed. A unique section of the ground plane must be designated for high di/dt currents
associated with the output stages. This point is the power ground to which the PGND pin is connected. Power ground can
be separated from the rest of the ground plane and connected at a single point, although this is not necessary if the high
di/dt paths are well understood and accounted for. VCC should be bypassed directly to power ground with a good high
frequency capacitor. The sources of the power MOSFET should connect to power ground as should the return connection
for input power to the system and the bulk input capacitor. The output should be clamped with a high current Schottky diode
to both VCC and PGND. Nothing else should be connected to power ground.
VREF should be bypassed directly to the signal portion of the ground plane with a good high frequency capacitor. Low
ESR/ESL ceramic 1-mF capacitors are recommended for both VCC and VREF. All analog circuitry should likewise be
bypassed to the signal ground plane.


Số phần tương tự - UC1825ALQMLV

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
UC1825ALQMLV TI-UC1825ALQMLV Datasheet
303Kb / 15P
[Old version datasheet]   High Speed PWM Controller
More results

Mô tả tương tự - UC1825ALQMLV

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
UC1823AJ883B TI-UC1823AJ883B Datasheet
456Kb / 9P
[Old version datasheet]   High Speed PWM Controller
UC3823N TI-UC3823N Datasheet
2Mb / 13P
[Old version datasheet]   HIGH SPEED PWM CONTROLLER
UC3824DW TI1-UC3824DW Datasheet
704Kb / 14P
[Old version datasheet]   HIGH SPEED PWM CONTROLLER
UCC3829-1 TI1-UCC3829-1 Datasheet
196Kb / 11P
[Old version datasheet]   High Speed PWM Controller
UC1823 TI-UC1823 Datasheet
409Kb / 7P
[Old version datasheet]   High Speed PWM Controller
UC1823A TI-UC1823A Datasheet
303Kb / 15P
[Old version datasheet]   High Speed PWM Controller
UC3825B TI-UC3825B Datasheet
316Kb / 9P
[Old version datasheet]   High Speed PWM Controller
UC1825 TI-UC1825 Datasheet
914Kb / 17P
[Old version datasheet]   High Speed PWM Controller
UC1825 TI1-UC1825_13 Datasheet
968Kb / 19P
[Old version datasheet]   High Speed PWM Controller
UC2825AQDW TI-UC2825AQDW Datasheet
928Kb / 19P
[Old version datasheet]   High Speed PWM Controller
UC2825A-Q1 TI-UC2825A-Q1_15 Datasheet
932Kb / 17P
[Old version datasheet]   HIGH-SPEED PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com