công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UC1823AL bảng dữ liệu(PDF) 8 Page - Texas Instruments |
|
|
UC1823AL bảng dữ liệu(HTML) 8 Page - Texas Instruments |
8 / 18 page UC1823A,UC2823A, UC2823B, UC3823A,UC3823B,UC1825A, UC2825A,UC2825B,UC3825A,UC3825B SLUS334D − AUGUST 1995 − REVISED NOVEMBER 2008 www.ti.com 8 UVLO, SOFT-START AND FAULT MANAGEMENT Soft-start is programmed by a capacitor on the SS pin. At power up, SS is discharged. When SS is low, the error amplifier output is also forced low. While the internal 9- µA source charges the SS pin, the error amplifier output follows until closed loop regulation takes over. Anytime ILIM exceeds 1.2 V, the fault latch is set and the output pins are driven low. The soft-start cap is then discharged by a 250- µA current sink. No more output pulses are allowed until soft-start is fully discharged and ILIM is below 1.2 V. At this point the fault latch resets and the chip executes a soft-start. Should the fault latch get set during soft-start, the outputs are immediately terminated, but the soft-start capacitor does not discharge until it has been fully charged first. This results in a controlled hiccup interval for continuous fault conditions. UDG−95106 Figure 5. Soft-Start and Fault Waveforms ACTIVE LOW OUTPUTS DURING UVLO The UVLO function forces the outputs to be low and considers both VCC and VREF before allowing the chip to operate. Figure 6. Output Voltage vs Output Current UDG−95108 UDG−95106 Figure 7. Output V and I During UVLO |
Số phần tương tự - UC1823AL |
|
Mô tả tương tự - UC1823AL |