công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SS12T3 bảng dữ liệu(PDF) 2 Page - ON Semiconductor |
|
SS12T3 bảng dữ liệu(HTML) 2 Page - ON Semiconductor |
2 / 5 page NSS12501UW3T2G http://onsemi.com 2 ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted) Characteristic Symbol Min Typical Max Unit OFF CHARACTERISTICS Collector-Emitter Breakdown Voltage (IC = 10 mAdc, IB = 0) V(BR)CEO 12 - - Vdc Collector-Base Breakdown Voltage (IC = 0.1 mAdc, IE = 0) V(BR)CBO 12 - - Vdc Emitter-Base Breakdown Voltage (IE = 0.1 mAdc, IC = 0) V(BR)EBO 6.0 - - Vdc Collector Cutoff Current (VCB = 12 Vdc, IE = 0) ICBO - - 0.1 mAdc Emitter Cutoff Current (VEB = 6.0 Vdc) IEBO - - 0.1 mAdc ON CHARACTERISTICS DC Current Gain (Note 3) (IC = 10 mA, VCE = 2.0 V) (IC = 500 mA, VCE = 2.0 V) (IC = 1.0 A, VCE = 2.0 V) (IC = 2.0 A, VCE = 2.0 V) (IC = 3.0 A, VCE = 2.0 V) hFE 200 200 200 200 200 - - 345 330 315 - - - - - Collector-Emitter Saturation Voltage (Note 3) (IC = 0.1 A, IB = 0.010 A) (IC = 1.0 A, IB = 0.100 A) (IC = 1.0 A, IB = 0.010 A) (IC = 2.0 A, IB = 0.020 A) (IC = 3.0 A, IB = 0.030 A) (IC = 4.0 A, IB = 0.400 A) VCE(sat) - - - - - - 0.007 0.031 0.045 0.070 0.100 0.100 0.008 0.035 0.060 0.100 0.120 0.120 V Base-Emitter Saturation Voltage (Note 3) (IC = 1.0 A, IB = 0.01 A) VBE(sat) - 0.760 0.900 V Base-Emitter Turn-on Voltage (Note 3) (IC = 2.0 A, VCE = 2.0 V) VBE(on) - 0.730 0.900 V Cutoff Frequency (IC = 100 mA, VCE = 5.0 V, f = 100 MHz) fT 150 - - MHz Input Capacitance (VEB = 0.5 V, f = 1.0 MHz) Cibo - 650 pF Output Capacitance (VCB = 3.0 V, f = 1.0 MHz) Cobo - 120 pF SWITCHING CHARACTERISTICS Delay (VCC = 10 V, IC = 750 mA, IB1 = 15 mA) td - - 90 ns Rise (VCC = 10 V, IC = 750 mA, IB1 = 15 mA) tr - - 100 ns Storage (VCC = 10 V, IC = 750 mA, IB1 = 15 mA) ts - - 320 ns Fall (VCC = 10 V, IC = 750 mA, IB1 = 15 mA) tf - - 100 ns 3. Pulsed Condition: Pulse Width = 300 msec, Duty Cycle ≤ 2%. |
Số phần tương tự - SS12T3 |
|
Mô tả tương tự - SS12T3 |