công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TS5A23160 bảng dữ liệu(PDF) 4 Page - Texas Instruments |
|
TS5A23160 bảng dữ liệu(HTML) 4 Page - Texas Instruments |
4 / 25 page www.ti.com Electrical Characteristics for 5-V Supply (1) TS5A23160 0.9- Ω DUAL SPDT ANALOG SWITCH 5-V/3.3-V 2-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER SCDS210A – AUGUST 2005 – REVISED APRIL 2006 V + = 4.5 V to 5.5 V, TA = –40°C to 85°C (unless otherwise noted) PARAMETER SYMBOL TEST CONDITIONS TA V+ MIN TYP MAX UNIT Analog Switch Analog signal VCOM, VNO, 0 V+ V range VNC 25 °C 0.8 1.1 Peak ON 0 ≤ (V NO or VNC) ≤ V+, Switch ON, rpeak 4.5 V Ω resistance ICOM = –100 mA, See Figure 14 Full 1.5 25 °C 0.7 0.9 ON-state VNO or VNC = 2.5 V, Switch ON, ron 4.5 V Ω resistance ICOM = –100 mA, See Figure 14 Full 1.1 ON-state 25 °C 0.05 0.1 resistance VNO or VNC = 2.5 V, Switch ON, match ∆r on 4.5 V Ω ICOM = –100 mA, See Figure 14 Full 0.1 between channels 0 ≤ (V NO or VNC) ≤ V+, Switch ON, 25 °C 0.15 ICOM = –100 mA, See Figure 14 ON-state resistance ron(flat) 4.5 V Ω VNO or VNC = 1 V, 25 °C 0.1 0.25 Switch ON, flatness 1.5 V, 2.5 V, See Figure 14 Full 0.25 ICOM = –100 mA, VNC or VNO = 1 V, 25 °C –20 2 20 VCOM = 4.5 V, INC(OFF), Switch OFF, or 5.5 V nA NC, NO INO(OFF) See Figure 15 Full –150 150 VNC or VNO = 4.5 V, OFF leakage VCOM = 1 V, current 25 °C –1 1 INC(PWROFF), VNC or VNO = 0 to 5.5 V, Switch OFF, 0 V µA INO(PWROFF) VCOM = 5.5 V to 0, See Figure 15 Full –20 20 VNC or VNO = 1 V, 25 °C –20 20 NC, NO INC(ON), VCOM = Open, Switch ON, ON leakage 5.5 V nA INO(ON) VNC or VNO = 4.5 V, See Figure 16 Full –150 150 current VCOM = Open, COM 25 °C –1 0.1 1 VNC or VNO = 0 to 5.5 V, Switch OFF, OFF leakage ICOM(PWROFF) 0 V µA VCOM = 5.5 V to 0, See Figure 15 Full –20 20 current VNC or VNO = Open, 25 °C –20 2 20 COM VCOM = 1 V, Switch ON, ON leakage ICOM(ON) 5.5 V nA VNC or VNO = Open, See Figure 16 Full –150 150 current VCOM = 4.5 V, (1) The algebraic convention, whereby the most negative value is a minimum and the most positive value is a maximum 4 Submit Documentation Feedback |
Số phần tương tự - TS5A23160_09 |
|
Mô tả tương tự - TS5A23160_09 |