công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ISL12022M bảng dữ liệu(PDF) 9 Page - Intersil Corporation

tên linh kiện ISL12022M
Giải thích chi tiết về linh kiện  Low Power RTC with Battery Backed SRAM,Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTERSIL [Intersil Corporation]
Trang chủ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL12022M bảng dữ liệu(HTML) 9 Page - Intersil Corporation

Back Button ISL12022M Datasheet HTML 5Page - Intersil Corporation ISL12022M Datasheet HTML 6Page - Intersil Corporation ISL12022M Datasheet HTML 7Page - Intersil Corporation ISL12022M Datasheet HTML 8Page - Intersil Corporation ISL12022M Datasheet HTML 9Page - Intersil Corporation ISL12022M Datasheet HTML 10Page - Intersil Corporation ISL12022M Datasheet HTML 11Page - Intersil Corporation ISL12022M Datasheet HTML 12Page - Intersil Corporation ISL12022M Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
9
FN6668.7
June 4, 2010
Typical Performance Curves Temperature is +25°C unless otherwise specified.
FIGURE 2. IBAT vs VBAT (VDD = 0V)
FIGURE 3. IBAT vs TEMPERATURE (VDD = 0V)
FIGURE 4. IDD1 vs TEMPERATURE
FIGURE 5. IDD1 vs VDD
FIGURE 6. OSCILLATOR ERROR vs TEMPERATURE
FIGURE 7. FOUT vs IDD
800
850
900
950
1000
1050
1.8
2.3
2.83.3
3.84.3
4.85.3
VBAT VOLTAGE (V)
600
800
1000
1200
1400
1600
-40
-20
0
20
406080
TEMPERATURE (°C)
VBAT = 1.8V
VBAT = 3.0V
VBAT = 5.5V
2
3
4
5
6
-40
-20
0
20406080
TEMPERATURE (°C)
VDD = 3.3V
VDD = 2.7V
VDD = 5.5V
3.0
3.2
3.4
3.6
3.8
4.0
4.2
4.4
2.7
3.2
3.7
4.2
4.7
5.2
VDD (V)
-5
-4
-3
-2
-1
0
1
2
3
4
5
-40
-20
0
20
406080
TEMPERATURE (°C)
VDD = 2.7V
VBAT = 5.5V
VDD = 3.3V
2
3
4
5
6
0.01
0.1
1
10
100
1k
10k
1M
FREQUENCY OUTPUT (Hz)
VDD = 2.7V
VBAT = 5.5V
VDD = 3.3V
ISL12022M


Số phần tương tự - ISL12022M

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISL12022M INTERSIL-ISL12022M Datasheet
376Kb / 27P
   Real Time Clock with Embedded Crystal, 짹5ppm Accuracy
ISL12022M INTERSIL-ISL12022M Datasheet
387Kb / 27P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation, and Auto Daylight Saving
ISL12022M INTERSIL-ISL12022M Datasheet
768Kb / 6P
   High-Accuracy RTC Modules, Feature-Rich RTCs
ISL12022M INTERSIL-ISL12022M Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
ISL12022M INTERSIL-ISL12022M Datasheet
4Mb / 20P
   Intersil?셲 Solutions for Industrial Process Control
More results

Mô tả tương tự - ISL12022M

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISL12022MIBZ-T7A INTERSIL-ISL12022MIBZ-T7A Datasheet
900Kb / 31P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
ISL12020M INTERSIL-ISL12020M Datasheet
476Kb / 32P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
logo
Renesas Technology Corp
ISL12022MA RENESAS-ISL12022MA Datasheet
1Mb / 31P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
ISL12022MR5421 RENESAS-ISL12022MR5421 Datasheet
1Mb / 31P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
ISL12020M RENESAS-ISL12020M Datasheet
1Mb / 34P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
logo
Intersil Corporation
ISL12022MA INTERSIL-ISL12022MA_10 Datasheet
866Kb / 29P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
ISL12020MIRZ-T7A INTERSIL-ISL12020MIRZ-T7A Datasheet
633Kb / 34P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
ISL12022M INTERSIL-ISL12022M_09 Datasheet
387Kb / 27P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation, and Auto Daylight Saving
logo
Renesas Technology Corp
ISL12022M RENESAS-ISL12022M Datasheet
1Mb / 32P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
logo
Intersil Corporation
ISL12023 INTERSIL-ISL12023 Datasheet
389Kb / 28P
   Low Power RTC with Battery-Backed SRAM and Embedded Temp Compensation 짹5ppm with Auto Daylight Saving
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com