công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TS5V330PWRG4 bảng dữ liệu(PDF) 1 Page - Texas Instruments |
|
TS5V330PWRG4 bảng dữ liệu(HTML) 1 Page - Texas Instruments |
1 / 24 page 1 FEATURES D, DBQ, OR PW PACKAGE (TOP VIEW) RGY PACKAGE (TOP VIEW) 1 16 8 9 2 3 4 5 6 7 15 14 13 12 11 10 EN S1D S2D DD S1C S2C S1A S2A DA S1B S2B DB 1 2 3 4 5 6 7 8 16 15 14 13 12 11 10 9 IN S1A S2A DA S1B S2B DB GND VCC EN S1D S2D DD S1C S2C DC DESCRIPTION/ORDERING INFORMATION TS5V330 www.ti.com .............................................................................................................................................................. SCDS164D – MAY 2004 – REVISED JUNE 2009 QUAD SPDT WIDE-BANDWIDTH VIDEO SWITCH WITH LOW ON-STATE RESISTANCE • Low Differential Gain and Phase (DG = 0.64%, DP = 0.1 Degrees Typ) • Wide Bandwidth (BW = 300 MHz Min) • Low Crosstalk (X TALK = –63 dB Typ) • Low Power Consumption (ICC = 3 µA Max) • Bidirectional Data Flow With Near-Zero Propagation Delay • Low ON-State Resistance (r on = 3 Ω Typ) • V CC Operating Range From 4.5 V to 5.5 V • I off Supports Partial-Power-Down Mode Operation • Data and Control Inputs Provide Undershoot Clamp Diode • Control Inputs Can Be Driven by TTL or 5-V/3.3-V CMOS Outputs • Latch-Up Performance Exceeds 100 mA Per JESD 78, Class II • ESD Performance Tested Per JESD 22 – 1000-V Charged-Device Model (C101) • Suitable for Both RGB and Composite-Video Switching The TS5V330 video switch is a 4-bit 1-of-2 multiplexer/demultiplexer with a single switch-enable (EN) input. When EN is low, the switch is enabled and the D port is connected to the S port. When EN is high, the switch is disabled and the high-impedance state exists between the D and S ports. The select (IN) input controls the data path of the multiplexer/demultiplexer. Low differential gain and phase make this switch ideal for composite and RGB video applications. This device has wide bandwidth and low crosstalk, making it suitable for high-frequency applications as well. This device is fully specified for partial-power-down applications using Ioff. The Ioff feature ensures that damaging current will not backflow through the device when it is powered down. This switch maintains isolation during power off. 1 Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. PRODUCTION DATA information is current as of publication date. Copyright © 2004–2009, Texas Instruments Incorporated Products conform to specifications per the terms of the Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. |
Số phần tương tự - TS5V330PWRG4 |
|
Mô tả tương tự - TS5V330PWRG4 |