công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TS12A44514PWRG4 bảng dữ liệu(PDF) 1 Page - Texas Instruments

tên linh kiện TS12A44514PWRG4
Giải thích chi tiết về linh kiện  LOW ON-STATE RESISTANCE QUAD SPST CMOS ANALOG SWITCHES
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TS12A44514PWRG4 bảng dữ liệu(HTML) 1 Page - Texas Instruments

  TS12A44514PWRG4 Datasheet HTML 1Page - Texas Instruments TS12A44514PWRG4 Datasheet HTML 2Page - Texas Instruments TS12A44514PWRG4 Datasheet HTML 3Page - Texas Instruments TS12A44514PWRG4 Datasheet HTML 4Page - Texas Instruments TS12A44514PWRG4 Datasheet HTML 5Page - Texas Instruments TS12A44514PWRG4 Datasheet HTML 6Page - Texas Instruments TS12A44514PWRG4 Datasheet HTML 7Page - Texas Instruments TS12A44514PWRG4 Datasheet HTML 8Page - Texas Instruments TS12A44514PWRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
FEATURES
D OR PW PACKAGE...TS12A44513
(TOP VIEW)
1
14
2
13
3
12
4
11
5
10
6
9
NO1
COM1
NC2
COM2
IN2
IN3
GND
7
8
V
+
IN1
IN4
NC4
COM4
COM3
NO3
D OR PW PACKAGE...TS12A44514
(TOP VIEW)
1
14
2
13
3
12
4
11
5
10
6
9
NO1
COM1
NO2
COM2
IN2
IN3
GND
7
8
V
+
IN1
IN4
NO4
COM4
COM3
NO3
D OR PW PACKAGE...TS12A44515
(TOP VIEW)
1
14
2
13
3
12
4
11
5
10
6
9
NC1
COM1
NC2
COM2
IN2
IN3
GND
7
8
V
+
IN1
IN4
NC4
COM4
COM3
NC3
DESCRIPTION/ORDERING INFORMATION
TS12A44513
,, TS12A44514,, TS12A44515
www.ti.com ............................................................................................................................................................................................. SCDS247 – OCTOBER 2008
LOW ON-STATE RESISTANCE
QUAD SPST CMOS ANALOG SWITCHES
• 2-V to 12-V Single-Supply Operation
• Specified Low OFF-Leakage Currents:
• Specified ON-State Resistance:
1 nA at 25°C
15
Ω Max With 12-V Supply
10 nA at 85°C
20
Ω Max With 5-V Supply
• Specified Low ON-Leakage Currents:
50
Ω Max With 3.3-V Supply
1 nA at 25°C
• R
DSON Matching
10 nA at 85°C
2.5
Ω (Max) at 12 V
• Low Charge Injection: 11.5 pC (12-V Supply)
3
Ω (Max) at 5 V
• Fast Switching Speed:
tON = 80 ns, tOFF = 50 ns (12-V Supply)
3.5
Ω (Max) at 3.3 V
• Break-Before-Make Operation (t
ON > tOFF)
• TTL/CMOS-Logic Compatible With 5-V Supply
• Available in TSSOP-14 Package, SOIC-14
The TS12A44513/TS12A44514/TS12A44515 are quad single pole/single throw (SPST), low-voltage / wide range,
single-supply CMOS analog switches, with very low switch ON-state resistance. The TS12A44513 has two
switches normally closed (NC) and two switches normally open (NO), the TS12A44514 switches are normally
open (NO), the TS12A44515 switches are normally closed (NC).
These CMOS switches can operate continuously with a single supply between 2 V and 12 V. Each switch can
handle rail-to-rail analog signals. The OFF-leakage current maximum is only 1 nA at 25°C or 10 nA at 85°C.
All digital inputs have 0.8-V to 2.4-V logic thresholds, ensuring TTL/CMOS-logic compatibility when using a 5-V
supply.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Số phần tương tự - TS12A44514PWRG4

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TS12A44514PWRG4 TI-TS12A44514PWRG4 Datasheet
494Kb / 16P
[Old version datasheet]   LOW ON-STATE RESISTANCE QUAD SPST CMOS ANALOG SWITCHES
TS12A44514PWRG4 TI1-TS12A44514PWRG4 Datasheet
936Kb / 19P
[Old version datasheet]   LOW ON-STATE RESISTANCE QUAD SPST CMOS ANALOG SWITCHES
TS12A44514PWRG4 TI1-TS12A44514PWRG4 Datasheet
962Kb / 24P
[Old version datasheet]   Low ON-State Resistance 4-Channel SPST CMOS Analog Switches
More results

Mô tả tương tự - TS12A44514PWRG4

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TS12A44513 TI1-TS12A44513_14 Datasheet
936Kb / 19P
[Old version datasheet]   LOW ON-STATE RESISTANCE QUAD SPST CMOS ANALOG SWITCHES
TS12A44513 TI-TS12A44513 Datasheet
494Kb / 16P
[Old version datasheet]   LOW ON-STATE RESISTANCE QUAD SPST CMOS ANALOG SWITCHES
TS12A4514 TI-TS12A4514 Datasheet
269Kb / 15P
[Old version datasheet]   LOW-VOLTAGE, LOW ON-STATE RESISTANCE SPST CMOS ANALOG SWITCHES
TS12A4516 TI-TS12A4516_10 Datasheet
461Kb / 14P
[Old version datasheet]   DUAL SUPPLY, LOW ON-STATE RESISTANCE SPST CMOS ANALOG SWITCHES
TS12A44513 TI1-TS12A44513_16 Datasheet
962Kb / 24P
[Old version datasheet]   Low ON-State Resistance 4-Channel SPST CMOS Analog Switches
TS12A4516_101 TI-TS12A4516_101 Datasheet
519Kb / 15P
[Old version datasheet]   DUAL SUPPLY, LOW ON-STATE RESISTANCE SPST CMOS ANALOG SWITCHES
TS12A4516 TI-TS12A4516 Datasheet
274Kb / 11P
[Old version datasheet]   DUAL SUPPLY, LOW ON-STATE RESISTANCE SPST CMOS ANALOG SWITCHES
TS12A4516 TI1-TS12A4516_14 Datasheet
679Kb / 18P
[Old version datasheet]   DUAL SUPPLY, LOW ON-STATE RESISTANCE SPST CMOS ANALOG SWITCHES
logo
Maxim Integrated Produc...
MAX4514EUK-T MAXIM-MAX4514EUK-T Datasheet
396Kb / 8P
   Low-Voltage, Low-On-Resistance, SPST, CMOS Analog Switches
Rev 1; 5/05
MAX4514 MAXIM-MAX4514 Datasheet
80Kb / 8P
   Low-Voltage, Low-On-Resistance, SPST, CMOS Analog Switches
Rev 0; 6/96
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com