công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TS5A23166DCURE4 bảng dữ liệu(PDF) 1 Page - Texas Instruments

tên linh kiện TS5A23166DCURE4
Giải thích chi tiết về linh kiện  0.9-廓 DUAL SPST ANALOG SWITCH 5-V/3.3-V 2-CHANNEL ANALOG SWITCH
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TS5A23166DCURE4 bảng dữ liệu(HTML) 1 Page - Texas Instruments

  TS5A23166DCURE4 Datasheet HTML 1Page - Texas Instruments TS5A23166DCURE4 Datasheet HTML 2Page - Texas Instruments TS5A23166DCURE4 Datasheet HTML 3Page - Texas Instruments TS5A23166DCURE4 Datasheet HTML 4Page - Texas Instruments TS5A23166DCURE4 Datasheet HTML 5Page - Texas Instruments TS5A23166DCURE4 Datasheet HTML 6Page - Texas Instruments TS5A23166DCURE4 Datasheet HTML 7Page - Texas Instruments TS5A23166DCURE4 Datasheet HTML 8Page - Texas Instruments TS5A23166DCURE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
DCU PACKAGE
(TOP VIEW)
1
2
3
4
8
7
6
5
NO1
COM1
IN2
GND
COM2
IN1
V+
NO2
YZP PACKAGE
(BOTTOM VIEW)
GND
IN1
COM2
V+
1
2
3
4
8
7
5
6
IN2
COM1
NO1
NO2
TS5A23166
www.ti.com
SCDS196E – MAY 2005 – REVISED MARCH 2010.
0.9-
Ω DUAL SPST ANALOG SWITCH
5-V/3.3-V 2-CHANNEL ANALOG SWITCH
Check for Samples: TS5A23166
1
FEATURES
APPLICATIONS
Cell Phones
Isolation in Powered-Down Mode, V+ = 0
PDAs
Low ON-State Resistance (0.9
Ω)
Portable Instrumentation
Control Inputs Are 5.5-V Tolerant
Audio and Video Signal Routing
Low Charge Injection
Low-Voltage Data-Acquisition Systems
Excellent ON-State Resistance Matching
Communication Circuits
Low Total Harmonic Distortion (THD)
Modems
1.65-V to 5.5-V Single-Supply Operation
Hard Drives
Latch-Up Performance Exceeds 100 mA Per
Computer Peripherals
JESD 78, Class II
Wireless Terminals and Peripherals
ESD Performance Tested Per JESD 22
2000-V Human-Body Model
(A114-B, Class II)
1000-V Charged-Device Model (C101)
DESCRIPTION/ORDERING INFORMATION
The TS5A23166 is a dual single-pole single-throw (SPST) analog switch that is designed to operate from 1.65 V
to 5.5 V. The device offers a low ON-state resistance and an excellent channel-to-channel ON-state resistance
matching. The device has excellent total harmonic distortion (THD) performance and consumes very low power.
These features make this device suitable for portable audio applications.
Table 1. ORDERING INFORMATION
ORDERABLE
TA
PACKAGE(1) (2)
TOP-SIDE MARKING(3)
PART NUMBER
NanoFree™ – WCSP (DSBGA)
Tape and reel
TS5A23166YZPR
JM_
0.23-mm Large Bump – YZP (Pb-free)
–40°C to 85°C
VSSOP – DCU (Pb-free)
Tape and reel
TS5A23166DCUR
JAM_
(1)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
(2)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
(3)
The actual top-side marking has one additional character that designates the assembly/test site.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005–2010., Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Số phần tương tự - TS5A23166DCURE4

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TS5A23166DCURE4 TI-TS5A23166DCURE4 Datasheet
331Kb / 22P
[Old version datasheet]   0.9-ohm DUAL SPST ANALOG SWITCH 5-V/3.3-V 2-CHANNEL ANALOG SWITCH
TS5A23166DCURE4 TI1-TS5A23166DCURE4 Datasheet
1Mb / 31P
[Old version datasheet]   Dual-SPST Analog Switch 5V and 3.3V 2-Channel Analog Switch
More results

Mô tả tương tự - TS5A23166DCURE4

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TS5A23167 TI-TS5A23167 Datasheet
346Kb / 25P
[Old version datasheet]   0.9-W DUAL SPST ANALOG SWITCH 5-V/3.3-V 2-CHANNEL ANALOG SWITCH
TS5A23166 TI-TS5A23166 Datasheet
331Kb / 22P
[Old version datasheet]   0.9-ohm DUAL SPST ANALOG SWITCH 5-V/3.3-V 2-CHANNEL ANALOG SWITCH
TS5A3166 TI-TS5A3166_08 Datasheet
565Kb / 23P
[Old version datasheet]   0.9-廓 SPST ANALOG SWITCH
TS5A4596 TI-TS5A4596_15 Datasheet
871Kb / 21P
[Old version datasheet]   8 SPST ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL ANALOG SWITCH
TS5A3167 TI-TS5A3167_15 Datasheet
1Mb / 27P
[Old version datasheet]   0.9-廓 SPST ANALOG SWITCH
TS5A4595 TI-TS5A4595_15 Datasheet
684Kb / 17P
[Old version datasheet]   8 SPST ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL ANALOG SWITCH
TS5A4595 TI-TS5A4595 Datasheet
158Kb / 14P
[Old version datasheet]   8-W SPST ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL ANALOG SWITCH
TS5A4596 TI-TS5A4596 Datasheet
157Kb / 14P
[Old version datasheet]   8-ohm SPST ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL ANALOG SWITCH
TS5A3154 TI1-TS5A3154_14 Datasheet
963Kb / 29P
[Old version datasheet]   0.9-廓 SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3154 TI-TS5A3154_15 Datasheet
913Kb / 28P
[Old version datasheet]   0.9-廓 SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com