công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TS3USB31E bảng dữ liệu(PDF) 1 Page - Texas Instruments |
|
TS3USB31E bảng dữ liệu(HTML) 1 Page - Texas Instruments |
1 / 18 page 1 2 3 4 5 6 7 8 GND V CC RSEPACKAGE (TOP VIEW) 1 2 3 4 5 6 7 8 RSEPACKAGE (BOTTOMVIEW) GND V CC N.C. Nointernalconnection - TS3USB31E www.ti.com SCDS256 – OCTOBER 2009 HIGH-SPEED USB 2.0 (480-Mbps) 1-PORT SWITCH WITH SINGLE ENABLE AND ESD PROTECTION Check for Samples: TS3USB31E 1 FEATURES • VCC Operation 2.25 V to 4.3 V • 1.8-V Compatible Control-Pin Inputs • IOFF Supports Partial Power-Down Mode Operation • ron = 10 Ω Maximum • Δron <0.35 Ω Typical • Cio(ON) = 6 pF Typical • Low Power Consumption (1 μA Maximum) • ESD Performance Tested Per JESD 22 – 8000-V Human-Body Model (A114-B, Class II) – 1000-V Charged-Device Model (C101) – 250-V Machine Model (A115-A) • ESD Performance COM Port to GND – 15000-V Human-Body Model (A114-B, Class II) • Wide –3-dB Bandwidth = 1100 MHz Typical • Packaged in 8-Pin TQFN (1.5 mm × 1.5 mm) APPLICATIONS • Routes Signals for USB 1.0, 1.1, and 2.0 DESCRIPTION/ORDERING INFORMATION The TS3USB31E is a high-bandwidth switch specially designed for the switching of high-speed USB 2.0 signals in handset and consumer applications, such as cell phones, digital cameras, and notebooks with hubs or controllers with limited USB I/Os. The wide bandwidth (1100 MHz) of this switch allows signals to pass with minimum edge and phase distortion. The switch is bidirectional and offers little or no attenuation of the high-speed signals at the outputs. It is designed for low bit-to-bit skew and high channel-to-channel noise isolation, and is compatible with various standards, such as high-speed USB 2.0 (480 Mbps). Table 1. ORDERING INFORMATION TA PACKAGE (1) (2) ORDERABLE PART NUMBER TOP-SIDE MARKING –40°C to 85°C QFN – RSE Tape and reel TS3USB31ERSER LJ (1) Package drawings, thermal data, and symbolization are available at www.ti.com/packaging. (2) For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI website at www.ti.com. 1 Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. PRODUCTION DATA information is current as of publication date. Copyright © 2009, Texas Instruments Incorporated Products conform to specifications per the terms of the Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. |
Số phần tương tự - TS3USB31E_10 |
|
Mô tả tương tự - TS3USB31E_10 |