công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TS3A44159RSVRG4 bảng dữ liệu(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TS3A44159RSVRG4
Giải thích chi tiết về linh kiện  0.45-廓 QUAD SPDT ANALOG SWITCH QUAD-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER WITH TWO CONTROLS
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TS3A44159RSVRG4 bảng dữ liệu(HTML) 1 Page - Texas Instruments

  TS3A44159RSVRG4 Datasheet HTML 1Page - Texas Instruments TS3A44159RSVRG4 Datasheet HTML 2Page - Texas Instruments TS3A44159RSVRG4 Datasheet HTML 3Page - Texas Instruments TS3A44159RSVRG4 Datasheet HTML 4Page - Texas Instruments TS3A44159RSVRG4 Datasheet HTML 5Page - Texas Instruments TS3A44159RSVRG4 Datasheet HTML 6Page - Texas Instruments TS3A44159RSVRG4 Datasheet HTML 7Page - Texas Instruments TS3A44159RSVRG4 Datasheet HTML 8Page - Texas Instruments TS3A44159RSVRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
1
FEATURES
APPLICATIONS
COM1
NO1
V
+
NC4
COM4
NO4
IN3-4
NC3
COM3
NO3
GND
NC2
NC1
IN1-2
NO2
COM2
PW PACKAGE
(TOP VIEW)
2
3
4
5
6
7
8
1
15
14
13
12
11
10
9
16
RGT PACKAGE
(TOP VIEW)
COM4
NO4
IN3-4
NC3
NC1
IN1-2
NO2
COM2
2
3
4
5
6
7
8
1
15
14
13
12
11
10
9
16
RSV PACKAGE
(TOP VIEW)
COM1
NO1
V
+
NC4
NC2
GND
NO3
COM3
1
12
2
11
3
10
4
5
16
6
15
7
14
8
13
9
DESCRIPTION/ORDERING INFORMATION
TS3A44159
www.ti.com ......................................................................................................................................................... SCDS225A – MARCH 2007 – REVISED JUNE 2008
0.45-
Ω QUAD SPDT ANALOG SWITCH
QUAD-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER WITH TWO CONTROLS
• Cell Phones
• Specified Break-Before-Make Switching
• PDAs
• Low ON-State Resistance (<0.5 Ω)
• Portable Instrumentation
• Control Inputs Are 1.8-V Logic Compatible
• Audio and Video Signal Routing
• Low Charge Injection
• Low-Voltage Data-Acquisition Systems
• Excellent ON-State Resistance Matching
• Communication Circuits
• Low Total Harmonic Distortion (THD)
• Modems
• 1.65-V to 4.3-V Single-Supply Operation
• Hard Drives
• Latch-Up Performance Exceeds 100 mA
• Computer Peripherals
Per JESD 78, Class II
• Wireless Terminals and Peripherals
• ESD Performance Tested Per JESD 22
2000-V Human-Body Model
(A114-B, Class II)
1000-V Charged-Device Model (C101)
The TS3A44159 is a quad single-pole double-throw (SPDT) analog switch with two control inputs, which is
designed to operate from 1.65 V to 4.3 V. This device is also known as a dual double-pole double-throw (DPDT)
configuration. It offers low ON-state resistance and excellent ON-state resistance matching with the
break-before-make feature, to prevent signal distortion during the transferring of a signal from one channel to
another. The device has an excellent total harmonic distortion (THD) performance and consumes very low
power. These features make this device suitable for portable audio applications
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007–2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Số phần tương tự - TS3A44159RSVRG4

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TS3A44159RSVRG4 TI-TS3A44159RSVRG4 Datasheet
1,005Kb / 29P
[Old version datasheet]   0.45-廓 QUAD SPDT ANALOG SWITCH QUAD-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER WITH TWO CONTROLS
More results

Mô tả tương tự - TS3A44159RSVRG4

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TS3A44159 TI-TS3A44159_08 Datasheet
1,005Kb / 29P
[Old version datasheet]   0.45-廓 QUAD SPDT ANALOG SWITCH QUAD-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER WITH TWO CONTROLS
TS3A44159 TI1-TS3A44159_14 Datasheet
1Mb / 32P
[Old version datasheet]   0.45-廓 QUAD SPDT ANALOG SWITCH QUAD-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER WITH TWO CONTROLS
TS3A44159 TI-TS3A44159 Datasheet
966Kb / 29P
[Old version datasheet]   0.45-W QUAD SPDT ANALOG SWITCH QUAD-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER WITH TWO CONTROLS
TS3A44159 TI-TS3A44159_15 Datasheet
1Mb / 35P
[Old version datasheet]   TS3A44159 0.45-廓 Quad SPDT Analog Switch 4-Channel 2:1 Multiplexer ??Demultiplexer With Two Controls
TS3A44159-DIE TI-TS3A44159-DIE_15 Datasheet
66Kb / 6P
[Old version datasheet]   TS3A44159-DIE Quad SPDT Analog Switch Quad-Channel 2:1 Multiplexer/Demultiplexer With Two Controls
TS5A9411 TI-TS5A9411_09 Datasheet
613Kb / 22P
[Old version datasheet]   10-廓 SPDT ANALOG SWITCH SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A9411 TI-TS5A9411_15 Datasheet
864Kb / 23P
[Old version datasheet]   10-廓 SPDT ANALOG SWITCH SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A9411 TI-TS5A9411 Datasheet
490Kb / 21P
[Old version datasheet]   10-廓 SPDT ANALOG SWITCH SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A9411 TI1-TS5A9411_14 Datasheet
915Kb / 24P
[Old version datasheet]   10-廓 SPDT ANALOG SWITCH SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
logo
Rohm
BU4551B ROHM-BU4551B Datasheet
86Kb / 6P
   Quad 2-channel analog multiplexer / demultiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com