công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TS3DS26227 bảng dữ liệu(PDF) 6 Page - Texas Instruments

tên linh kiện TS3DS26227
Giải thích chi tiết về linh kiện  HIGH-BANDWIDTH DUAL SPDT DIFFERENTIAL SIGNAL SWITCH WITH INPUT LOGIC TRANSLATION
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TS3DS26227 bảng dữ liệu(HTML) 6 Page - Texas Instruments

Back Button TS3DS26227_10 Datasheet HTML 2Page - Texas Instruments TS3DS26227_10 Datasheet HTML 3Page - Texas Instruments TS3DS26227_10 Datasheet HTML 4Page - Texas Instruments TS3DS26227_10 Datasheet HTML 5Page - Texas Instruments TS3DS26227_10 Datasheet HTML 6Page - Texas Instruments TS3DS26227_10 Datasheet HTML 7Page - Texas Instruments TS3DS26227_10 Datasheet HTML 8Page - Texas Instruments TS3DS26227_10 Datasheet HTML 9Page - Texas Instruments TS3DS26227_10 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
ELECTRICAL CHARACTERISTICS FOR 2.5-V SUPPLY
(1)
TS3DS26227
SCDS224A – JUNE 2008 – REVISED SEPTEMBER 2008 ................................................................................................................................................ www.ti.com
V+ = 2.3 V to 2.7 V, VIO = 1.65 V to 1.95 V, TA = –40°C to 85°C (unless otherwise noted)
PARAMETE
SYMBOL
TEST CONDITIONS
TA
V+
MIN
TYP
MAX
UNIT
R
Analog Switch
Analog signal
VCOM, VNO,
0
V+
V
range
VNC
25°C
4
5.5
ON-state
0
≤ (VNO or VNC) ≤ 1.3,
Switch ON,
ron
2.3 V
resistance
ICOM = –10 mA,
See Figure 13
Full
7
ON-state
25°C
0.05
0.1
resistance
VNO or VNC = 1.3 V,
Switch ON,
match
Δron
2.3 V
ICOM = –10 mA,
See Figure 13
Full
0.2
between
channels
ON-state
25°C
2.5
4
0
≤ (VNO or VNC) ≤ 1.3 V,
Switch ON,
resistance
ron(flat)
2.3 V
ICOM = –10 mA,
See Figure 13
Full
4.5
flatness
VNO or VNC = 0.2 V,
25°C
–5
0.1
5
NC, NO
VCOM = 2.3 V,
INO(OFF),
Switch OFF,
OFF leakage
or
2.7 V
nA
INC(OFF)
See Figure 14
Full
–15
15
current
VNO or VNC = 2.3 V,
VCOM = 0.2 V,
VNO or VNC = 0.2 V,
25°C
–5
0.2
5
NC, NO
VCOM = Open,
INO(ON),
Switch ON,
ON leakage
or
2.7 V
nA
INC(ON)
See Figure 15
Full
–20
20
current
VNO or VNC = 2.3 V,
VCOM = Open,
VNO or VNC = Open,
25°C
–1
0.05
1
COM
VCOM = 0.2 V,
Switch ON,
ON leakage
ICOM(ON)
or
2.7 V
nA
See Figure 15
Full
–10
10
current
VNO or VNC = Open,
VCOM = 2.3 V,
Digital Control Inputs (IN1, IN2)(2)
Input logic
VIH
VIO = 1.65 V to 1.95 V
Full
0.65 × VIO
VIO
V
high
Input logic
VIL
VIO = 1.65 V to 1.95 V
Full
0
0.35 × VIO
V
low
25°C
–1
0.05
1
Input leakage
IIH, IIL
VIN = VIO or 0
2.7 V
nA
current
Full
–10
10
(1)
The algebraic convention, whereby the most negative value is a minimum and the most positive value is a maximum
(2)
All unused digital inputs of the device must be held at VIO or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
6
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TS3DS26227


Số phần tương tự - TS3DS26227_10

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TS3DS26227 TI1-TS3DS26227_14 Datasheet
458Kb / 20P
[Old version datasheet]   HIGH-BANDWIDTH DUAL SPDT DIFFERENTIAL SIGNAL SWITCH WITH INPUT LOGIC TRANSLATION
TS3DS26227 TI-TS3DS26227_15 Datasheet
410Kb / 19P
[Old version datasheet]   HIGH-BANDWIDTH DUAL SPDT DIFFERENTIAL SIGNAL SWITCH WITH INPUT LOGIC TRANSLATION
More results

Mô tả tương tự - TS3DS26227_10

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TS3DS26227 TI-TS3DS26227_15 Datasheet
410Kb / 19P
[Old version datasheet]   HIGH-BANDWIDTH DUAL SPDT DIFFERENTIAL SIGNAL SWITCH WITH INPUT LOGIC TRANSLATION
TS3DS26227 TI1-TS3DS26227_14 Datasheet
458Kb / 20P
[Old version datasheet]   HIGH-BANDWIDTH DUAL SPDT DIFFERENTIAL SIGNAL SWITCH WITH INPUT LOGIC TRANSLATION
TS3DS26227 TI-TS3DS26227 Datasheet
509Kb / 19P
[Old version datasheet]   HIGH-BANDWIDTH DUAL-SPDT DIFFERENTIAL SIGNAL SWITCH WITH INPUT LOGIC TRANSLATION
TS5A26542 TI1-TS5A26542_14 Datasheet
398Kb / 23P
[Old version datasheet]   0.75-廓 DUAL SPDT ANALOG SWITCH WITH INPUT LOGIC TRANSLATION
TS5A26542 TI-TS5A26542_10 Datasheet
432Kb / 22P
[Old version datasheet]   0.75-廓 DUAL SPDT ANALOG SWITCH WITH INPUT LOGIC TRANSLATION
TS5A26542 TI-TS5A26542_15 Datasheet
349Kb / 22P
[Old version datasheet]   0.75-廓 DUAL SPDT ANALOG SWITCH WITH INPUT LOGIC TRANSLATION
TS5A26542 TI-TS5A26542 Datasheet
321Kb / 21P
[Old version datasheet]   0.75-W DUAL SPDT ANALOG SWITCH WITH INPUT LOGIC TRANSLATION
TS5A6542 TI-TS5A6542 Datasheet
259Kb / 19P
[Old version datasheet]   0.75-??SPDT ANALOG SWITCH WITH INPUT LOGIC TRANSLATION
TS5A6542 TI-TS5A6542_15 Datasheet
717Kb / 22P
[Old version datasheet]   0.75-廓 SPDT ANALOG SWITCH WITH INPUT LOGIC TRANSLATION
TS5A6542 TI-TS5A6542_09 Datasheet
420Kb / 22P
[Old version datasheet]   0.75-廓 SPDT ANALOG SWITCH WITH INPUT LOGIC TRANSLATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com