công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LMZ10505TZX-ADJ bảng dữ liệu(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
tên linh kiện LMZ10505TZX-ADJ
Giải thích chi tiết về linh kiện  5A SIMPLE SWITCHER짰 Power Module with 5.5V Maximum Input Voltage
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NSC [National Semiconductor (TI)]
Trang chủ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMZ10505TZX-ADJ bảng dữ liệu(HTML) 1 Page - National Semiconductor (TI)

  LMZ10505TZX-ADJ Datasheet HTML 1Page - National Semiconductor (TI) LMZ10505TZX-ADJ Datasheet HTML 2Page - National Semiconductor (TI) LMZ10505TZX-ADJ Datasheet HTML 3Page - National Semiconductor (TI) LMZ10505TZX-ADJ Datasheet HTML 4Page - National Semiconductor (TI) LMZ10505TZX-ADJ Datasheet HTML 5Page - National Semiconductor (TI) LMZ10505TZX-ADJ Datasheet HTML 6Page - National Semiconductor (TI) LMZ10505TZX-ADJ Datasheet HTML 7Page - National Semiconductor (TI) LMZ10505TZX-ADJ Datasheet HTML 8Page - National Semiconductor (TI) LMZ10505TZX-ADJ Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
LMZ10505
June 10, 2010
5A SIMPLE SWITCHER® Power Module with 5.5V Maximum
Input Voltage
Easy to Use 7 Pin Package
30107402
TO-PMOD 7 Pin Package
10.16 x 13.77 x 4.57 mm (0.4 x 0.39 x 0.18 in)
θ
JA = 20°C/W, θJC = 1.9°C/W (Note 3)
RoHS Compliant
Electrical Specifications
25W maximum total output power
Up to 5A output current
Input voltage range 2.95V to 5.5V
Output voltage range 0.8V to 5V
±1.63% feedback voltage accuracy over temperature
Efficiency up to 96%
Key Features
Integrated shielded inductor
Flexible startup sequencing using external soft-start,
tracking, and precision enable
Protection against in-rush currents and faults such as input
UVLO and output short-circuit
-40°C to +125°C junction temperature operating range
Single exposed pad and standard pinout for easy
mounting and manufacturing
Pin-to-pin compatible with
LMZ10503 (3A/15W max)
LMZ10504 (4A/20W max)
Fully enable for WEBENCH® and Power Designer
Applications
Point-of-load conversions from 3.3V and 5V rails
Space constrained applications
Extreme temperatures/no air flow environments
Noise sensitive applications (i.e. transceiver, medical)
Performance Benefits
Operates at high ambient temperatures
High efficiency up to 96% reduces system heat generation
Low radiated emissions (EMI) complies with EN55022
class B standard (Note 4)
Passes 10V/m radiated immunity EMI test standard
EN61000 4-3
Low output voltage ripple of 10 mV allows for powering
noise-sensitive transceiver and signaling ICs
Fast transient response for powering FPGAs and ASICs
System Performance
Current Derating (V
OUT = 3.3V)
30107413
Efficiency (V
OUT = 3.3V)
30107471
Radiated Emissions (EN 55022, Class B)
30107412
Note 1:
θ
JA measured on a 2.25” x 2.25” (5.8 cm x 5.8 cm) four layer board. Refer to PCB Layout Diagrams or Evaluation Board Application Note:
AN-2022.
Note 2: EN 55022:2006, +A1:2007, FCC Part 15 Subpart B: 2007. See Figure 5 and layout for information on device under test.
© 2010 National Semiconductor Corporation
301074
www.national.com


Số phần tương tự - LMZ10505TZX-ADJ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LMZ10505TZX-ADJ NSC-LMZ10505TZX-ADJ Datasheet
662Kb / 22P
   5A SIMPLE SWITCHER짰 Power Module with 5.5V Maximum Input Voltage
logo
Texas Instruments
LMZ10505TZX-ADJ TI1-LMZ10505TZX-ADJ Datasheet
1Mb / 28P
[Old version datasheet]   LMZ10505 5A SIMPLE SWITCHER짰 Power Module with 5.5V Maximum Input Voltage
LMZ10505TZX-ADJ/NOPB TI-LMZ10505TZX-ADJ/NOPB Datasheet
1Mb / 36P
[Old version datasheet]   5A SIMPLE SWITCHER Power Module With 5.5-V Maximum Input Voltage
More results

Mô tả tương tự - LMZ10505TZX-ADJ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LMZ10505 NSC-LMZ10505 Datasheet
662Kb / 22P
   5A SIMPLE SWITCHER짰 Power Module with 5.5V Maximum Input Voltage
logo
Texas Instruments
LMZ10505TZ-ADJ TI1-LMZ10505TZ-ADJ Datasheet
1Mb / 28P
[Old version datasheet]   LMZ10505 5A SIMPLE SWITCHER짰 Power Module with 5.5V Maximum Input Voltage
logo
National Semiconductor ...
LMZ10503 NSC-LMZ10503 Datasheet
980Kb / 22P
   3A SIMPLE SWITCHER짰 Power Module with 5.5V Maximum Input Voltage
LMZ10503_1006 NSC-LMZ10503_1006 Datasheet
980Kb / 22P
   3A SIMPLE SWITCHER짰 Power Module with 5.5V Maximum Input Voltage
logo
Texas Instruments
LMZ23605 TI1-LMZ23605_14 Datasheet
1Mb / 25P
[Old version datasheet]   5A SIMPLE SWITCHER짰 Power Module with 36V Maximum Input Voltage
LMZ10503 TI-LMZ10503 Datasheet
1Mb / 28P
[Old version datasheet]   LMZ10503 3A SIMPLE SWITCHER짰 Power Module with 5.5V Maximum Input Voltage
LMZ10505EXT TI1-LMZ10505EXT Datasheet
1Mb / 27P
[Old version datasheet]   5A SIMPLE SWITCHER짰 Power Module with 5.5V Maximum Input Voltage for Military and Rugged Applications
logo
National Semiconductor ...
LMZ10500 NSC-LMZ10500 Datasheet
1Mb / 20P
   650mA SIMPLE SWITCHER짰 Nano Module with 5.5V Maximum Input Voltage
LMZ10501 NSC-LMZ10501 Datasheet
1Mb / 20P
   1A SIMPLE SWITCHER짰 Nano Module with 5.5V Maximum Input Voltage
logo
Texas Instruments
LMZ23605 TI-LMZ23605 Datasheet
6Mb / 28P
[Old version datasheet]   LMZ23605 5A SIMPLE SWITCHER짰 Power Module with 36V Maximum Input Voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com