công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TL082CPWRG4 bảng dữ liệu(PDF) 11 Page - Texas Instruments |
|
|
TL082CPWRG4 bảng dữ liệu(HTML) 11 Page - Texas Instruments |
11 / 37 page TL081, TL081A, TL081B, TL082, TL082A, TL082B TL084, TL084A, TL084B JFET INPUT OPERATIONAL AMPLIFIERS SLOS081G − FEBRUARY 1977 − REVISED SEPTEMBER 2004 11 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 TYPICAL CHARACTERISTICS† 700 70 7 −75 1 TA − Free-Air Temperature − °C 125 1000 −50 −25 0 25 50 75 100 2 4 10 20 40 100 200 400 VCC ± = ±15 V VO = ± 10 V RL = 2 kΩ LARGE-SIGNAL DIFFERENTIAL VOLTAGE AMPLIFICATION vs FREE-AIR TEMPERATURE Figure 11 180 ° 135 ° 90 ° 45 ° 0 ° Phase Shift (right scale) TA = 25°C RL = 10 kΩ VCC ± = ±5 V to ±15 V Differential Voltage Amplification (left scale) 105 104 103 102 101 1 M 100 k 10 k 1 k 100 10 106 10 M f − Frequency − Hz 1 1 LARGE-SIGNAL DIFFERENTIAL VOLTAGE AMPLIFICATION vs FREQUENCY Figure 12 † Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices. |
Số phần tương tự - TL082CPWRG4 |
|
Mô tả tương tự - TL082CPWRG4 |