công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SN74AHC08RGYRG4 bảng dữ liệu(PDF) 4 Page - Texas Instruments |
|
SN74AHC08RGYRG4 bảng dữ liệu(HTML) 4 Page - Texas Instruments |
4 / 20 page SN54AHC08, SN74AHC08 QUADRUPLE 2-INPUT POSITIVE-AND GATES SCLS236H − OCTOBER 1995 − REVISED JULY 2003 4 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 switching characteristics over recommended operating free-air temperature range, VCC = 3.3 V ± 0.3 V (unless otherwise noted) (see Figure 1) PARAMETER FROM TO LOAD TA = 25°C SN54AHC08 SN74AHC08 UNIT PARAMETER FROM (INPUT) TO (OUTPUT) LOAD CAPACITANCE MIN TYP MAX MIN MAX MIN MAX UNIT tPLH AorB Y C 15 pF 6.2* 8.8* 1* 10.5* 1 10.5 ns tPHL A or B Y CL = 15 pF 6.2* 8.8* 1* 10.5* 1 10.5 ns tPLH AorB Y C =50pF 8.7 12.3 1 14 1 14 ns tPHL A or B Y CL = 50 pF 8.7 12.3 1 14 1 14 ns ∗ On products compliant to MIL-PRF-38535, this parameter is not production tested. switching characteristics over recommended operating free-air temperature range, VCC = 5 V ± 0.5 V (unless otherwise noted) (see Figure 1) PARAMETER FROM TO LOAD TA = 25°C SN54AHC08 SN74AHC08 UNIT PARAMETER FROM (INPUT) TO (OUTPUT) LOAD CAPACITANCE MIN TYP MAX MIN MAX MIN MAX UNIT tPLH AorB Y C 15 pF 4.3* 5.9* 1* 7* 1 7 ns tPHL A or B Y CL = 15 pF 4.3* 5.9* 1* 7* 1 7 ns tPLH AorB Y C =50pF 5.8 7.9 1 9 1 9 ns tPHL A or B Y CL = 50 pF 5.8 7.9 1 9 1 9 ns ∗ On products compliant to MIL-PRF-38535, this parameter is not production tested. noise characteristics, VCC = 5 V, CL = 50 pF, TA = 25°C (see Note 5) PARAMETER SN74AHC08 UNIT PARAMETER MIN MAX UNIT VOL(P) Quiet output, maximum dynamic VOL 0.8 V VOL(V) Quiet output, minimum dynamic VOL −0.8 V VOH(V) Quiet output, minimum dynamic VOH 4.4 V VIH(D) High-level dynamic input voltage 3.5 V VIL(D) Low-level dynamic input voltage 1.5 V NOTE 5: Characteristics are for surface-mount packages only. operating characteristics, VCC = 5 V, TA = 25°C PARAMETER TEST CONDITIONS TYP UNIT Cpd Power dissipation capacitance No load, f = 1 MHz 18 pF |
Số phần tương tự - SN74AHC08RGYRG4 |
|
Mô tả tương tự - SN74AHC08RGYRG4 |