công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TL064BCN bảng dữ liệu(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TL064BCN
Giải thích chi tiết về linh kiện  LOW-POWER JFET-INPUT OPERATIONAL AMPLIFIERS
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TL064BCN bảng dữ liệu(HTML) 8 Page - Texas Instruments

Back Button TL064BCN Datasheet HTML 4Page - Texas Instruments TL064BCN Datasheet HTML 5Page - Texas Instruments TL064BCN Datasheet HTML 6Page - Texas Instruments TL064BCN Datasheet HTML 7Page - Texas Instruments TL064BCN Datasheet HTML 8Page - Texas Instruments TL064BCN Datasheet HTML 9Page - Texas Instruments TL064BCN Datasheet HTML 10Page - Texas Instruments TL064BCN Datasheet HTML 11Page - Texas Instruments TL064BCN Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 42 page
background image
TL061, TL061A, TL061B, TL062, TL062A
TL062B, TL064, TL064A, TL064B
LOW POWER JFET INPUT OPERATIONAL AMPLIFIERS
SLOS078J − NOVEMBER 1978 − REVISED SEPTEMBER 2004
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics, VCC± = ±15 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS†
TL061M
TL062M
TL064M
UNIT
PARAMETER
TEST CONDITIONS†
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
VIO
Input offset voltage
VO = 0,
TA = 25°C
3
6
3
9
mV
VIO
Input offset voltage
VO = 0,
RS =50 Ω
TA = −55°C to 125°C
9
15
mV
α
V
IO
Temperature coefficient
of input offset voltage
VO = 0, RS =50 Ω,
TA = −55°C to 125°C
10
10
µV/°C
TA = 25°C
5
100
5
100
pA
IIO
Input offset current
VO = 0
TA = −55°C
20*
20*
nA
IIO
Input offset current
VO = 0
TA = 125°C
20
20
nA
TA = 25°C
30
200
30
200
pA
IIB
Input bias current‡
VO = 0
TA = −55°C
50*
50*
nA
IIB
Input bias current‡
VO = 0
TA = 125°C
50
50
nA
VICR
Common-mode
input voltage range
TA = 25°C
±11.5
−12
to
15
±11.5
−12
to
15
V
VOM
Maximum peak output
RL = 10 kΩ,
TA = 25°C
±10 ±13.5
±10 ±13.5
V
VOM
Maximum peak output
voltage swing
RL ≥ 10 kΩ,
TA = −55°C to 125°C
±10
±10
V
AVD
Large-signal differential
VO = ±10 V,
TA = 25°C
4
6
4
6
V/mV
AVD
voltage amplification
VO = ±10 V,
RL ≥ 10 kΩ
TA = −55°C to 125°C
4
4
V/mV
B1
Unity-gain bandwidth
RL = 10 kΩ,
TA = 25°C
MHz
ri
Input resistance
TA = 25°C
1012
1012
CMRR
Common-mode
rejection ratio
VIC = VICRmin, VO = 0,
RS =50 Ω, TA = 25°C
80
86
80
86
dB
kSVR
Supply-voltage
rejection
ratio (
∆VCC±/∆VIO)
VCC = ±9 V to ±15 V, VO = 0,
RS =50 Ω, TA = 25°C
80
95
80
95
dB
PD
Total power dissipation
(each amplifier)
VO = 0,
No load
TA = 25°C,
6
7.5
6
7.5
mW
ICC
Supply current
(each amplifier)
VO = 0,
No load
TA = 25°C,
200
250
200
250
µA
VO1/VO2
Crosstalk attenuation
AVD = 100,
TA = 25°C
120
120
dB
* This parameter is not production tested.
† All characteristics are measured under open-loop conditions, with zero common-mode voltage, unless otherwise specified.
‡ Input bias currents of an FET-input operational amplifier are normal junction reverse currents, which are temperature sensitive, as shown in
Figure 15. Pulse techniques are used to maintain the junction temperature as close to the ambient temperature as possible.
operating characteristics, VCC± = ±15 V, TA = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SR
Slew rate at unity gain (see Note 5)
VI = 10 V,
RL = 10 kΩ,
CL = 100 pF,
See Figure 1
1.5
3.5
V/
µs
tr
Rise time
VI = 20 mV,
RL = 10 kΩ,
0.2
s
Overshoot factor
VI = 20 mV,
CL = 100 pF,
RL = 10 kΩ,
See Figure 1
10%
µs
Vn
Equivalent input noise voltage
RS = 20 Ω,
f = 1 kHz
42
nV/
√Hz
NOTE 5: Slew rate at −55
°C to 125°C is 0.7 V/µs min.


Số phần tương tự - TL064BCN

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
TL064BCN STMICROELECTRONICS-TL064BCN Datasheet
113Kb / 10P
   LOW POWER J-FET QUAD OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TL064BCN TI-TL064BCN Datasheet
369Kb / 23P
[Old version datasheet]   LOW-POWER JFET-INPUT OPERATIONAL AMPLIFIERS
TL064BCN TI-TL064BCN Datasheet
975Kb / 39P
[Old version datasheet]   LOW-POWER JFET-INPUT OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
TL064BCN STMICROELECTRONICS-TL064BCN Datasheet
248Kb / 14P
   Low power JFET quad operational amplifier
logo
Texas Instruments
TL064BCN TI-TL064BCN Datasheet
1Mb / 42P
[Old version datasheet]   LOW-POWER JFET-INPUT OPERATIONAL AMPLIFIERS
More results

Mô tả tương tự - TL064BCN

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TL061 TI-TL061 Datasheet
369Kb / 23P
[Old version datasheet]   LOW-POWER JFET-INPUT OPERATIONAL AMPLIFIERS
TL061 TI-TL061_09 Datasheet
1Mb / 42P
[Old version datasheet]   LOW-POWER JFET-INPUT OPERATIONAL AMPLIFIERS
logo
Motorola, Inc
MC35181 MOTOROLA-MC35181 Datasheet
417Kb / 9P
   LOW POWER JFET INPUT OPERATIONAL AMPLIFIERS
logo
ON Semiconductor
LF441C ONSEMI-LF441C Datasheet
209Kb / 10P
   LOW POWER JFET INPUT OPERATIONAL AMPLIFIERS
1996 Rev 0
logo
Motorola, Inc
TL062 MOTOROLA-TL062 Datasheet
207Kb / 12P
   LOW POWER JFET INPUT OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TL061 TI1-TL061 Datasheet
2Mb / 52P
[Old version datasheet]   Low-Power JFET-Input Operational Amplifiers
TL061 TI-TL061_06 Datasheet
975Kb / 39P
[Old version datasheet]   LOW-POWER JFET-INPUT OPERATIONAL AMPLIFIERS
logo
ON Semiconductor
TL062 ONSEMI-TL062 Datasheet
207Kb / 12P
   LOW POWER JFET INPUT OPERATIONAL AMPLIFIERS
1996 REV 5
logo
Texas Instruments
TL061 TI-TL061_V01 Datasheet
2Mb / 52P
[Old version datasheet]   TL06xx Low-Power JFET-Input Operational Amplifiers
logo
ON Semiconductor
TL071C ONSEMI-TL071C Datasheet
169Kb / 8P
   LOW NOISE, JFET INPUT OPERATIONAL AMPLIFIERS
1997 REV 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com