công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TL16C550DIZQS bảng dữ liệu(PDF) 3 Page - Texas Instruments

tên linh kiện TL16C550DIZQS
Giải thích chi tiết về linh kiện  ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH AUTOFLOW CONTROL
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TL16C550DIZQS bảng dữ liệu(HTML) 3 Page - Texas Instruments

  TL16C550DIZQS Datasheet HTML 1Page - Texas Instruments TL16C550DIZQS Datasheet HTML 2Page - Texas Instruments TL16C550DIZQS Datasheet HTML 3Page - Texas Instruments TL16C550DIZQS Datasheet HTML 4Page - Texas Instruments TL16C550DIZQS Datasheet HTML 5Page - Texas Instruments TL16C550DIZQS Datasheet HTML 6Page - Texas Instruments TL16C550DIZQS Datasheet HTML 7Page - Texas Instruments TL16C550DIZQS Datasheet HTML 8Page - Texas Instruments TL16C550DIZQS Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 54 page
background image
DETAILED DESCRIPTION
Autoflow Control (see Figure 1)
Auto-RTS (see Figure 1)
Auto-CTS (see Figure 1)
TL16C550D
,, TL16C550DI
www.ti.com .................................................................................................................................................. SLLS597E – APRIL 2004 – REVISED DECEMBER 2008
The TL16C550D is being made available in a reduced pin count package, the 24-pin ZQS package. This is
accomplished by eliminating some signals that are not required for some applications. These include the CS0,
CS1, ADS, RD2, WR2, DSR, RI, DCD, and RCLK input signals and the DDIS, TXRDY, RXRDY, OUT1, OUT2,
DTR, and BAUDOUT output signals. There is an internal connection between BAUDOUT and RCLK.
Most of the functionality of the TL16C550D is maintained in the ZQS package, except that which involves the
eliminated signals.
Autoflow control comprises auto-CTS and auto-RTS. With auto-CTS, the CTS input must be active before the
transmitter FIFO can emit data. With auto-RTS, RTS becomes active when the receiver needs more data and
notifies the sending serial device. When RTS is connected to CTS, data transmission does not occur unless the
receiver FIFO has space for the data; thus, overrun errors are eliminated using ACE1 and ACE2 from a
TLC16C550D with the autoflow control enabled. If not, overrun errors occur when the transmit data rate exceeds
the receiver FIFO read latency.
Figure 1. Autoflow Control (Auto-RTS and Auto-CTS) Example
Auto-RTS data flow control originates in the receiver timing and control block (see functional block diagram) and
is linked to the programmed receiver FIFO trigger level. When the receiver FIFO level reaches a trigger level of
1, 4, or 8 (see Figure 3), RTS is deasserted. With trigger levels of 1, 4, and 8, the sending ACE may send an
additional byte after the trigger level is reached (assuming the sending ACE has another byte to send) because it
may not recognize the deassertion of RTS until after it has begun sending the additional byte. RTS is
automatically reasserted once the RCV FIFO is emptied by reading the receiver buffer register.
When the trigger level is 14 (see Figure 4), RTS is deasserted after the first data bit of the 16th character is
present on the SIN line. RTS is reasserted when the RCV FIFO has at least one available byte space.
The transmitter circuitry checks CTS before sending the next data byte. When CTS is active, it sends the next
byte. To stop the transmitter from sending the following byte, CTS must be released before the middle of the last
stop bit that is currently being sent (see Figure 2). The auto-CTS function reduces interrupts to the host system.
When flow control is enabled, CTS level changes do not trigger host interrupts because the device automatically
controls its own transmitter. Without auto-CTS, the transmitter sends any data present in the transmit FIFO and a
receiver overrun error may result.
Copyright © 2004–2008, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TL16C550D TL16C550DI


Số phần tương tự - TL16C550DIZQS

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TL16C550DIPFB TI-TL16C550DIPFB Datasheet
826Kb / 50P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH AUTOFLOW CONTROL
TL16C550DIPFBR TI-TL16C550DIPFBR Datasheet
826Kb / 50P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH AUTOFLOW CONTROL
TL16C550DIPT TI-TL16C550DIPT Datasheet
826Kb / 50P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH AUTOFLOW CONTROL
TL16C550DIPTG4 TI-TL16C550DIPTG4 Datasheet
826Kb / 50P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH AUTOFLOW CONTROL
TL16C550DIPTR TI-TL16C550DIPTR Datasheet
826Kb / 50P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH AUTOFLOW CONTROL
More results

Mô tả tương tự - TL16C550DIZQS

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TL16C550C TI-TL16C550C Datasheet
554Kb / 39P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH AUTOFLOW CONTROL
TL16C550D TI-TL16C550D Datasheet
826Kb / 50P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH AUTOFLOW CONTROL
TL16C550C TI1-TL16C550C_12 Datasheet
1,020Kb / 43P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH AUTOFLOW CONTROL
TL16C750 TI-TL16C750 Datasheet
511Kb / 35P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH 64-BYTE FIFOs AND AUTOFLOW CONTROL
TL16PNP550A TI1-TL16PNP550A_08 Datasheet
558Kb / 40P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH PLUG-AND-PLAY (PnP) AND AUTOFLOW CONTROL
TL16PNP550A TI-TL16PNP550A Datasheet
553Kb / 40P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH PLUG-AND-PLAY (PnP) AND AUTOFLOW CONTROL
TL16C450 TI-TL16C450 Datasheet
350Kb / 25P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT
TL16C554 TI-TL16C554 Datasheet
478Kb / 33P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT
TL16C554A TI-TL16C554A Datasheet
605Kb / 10P
[Old version datasheet]   ASYNCHRONOUS-COMMUNICATIONS ELEMENT
TL16C550A TI-TL16C550A Datasheet
434Kb / 31P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com