công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SN7406DG4 bảng dữ liệu(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện SN7406DG4
Giải thích chi tiết về linh kiện  HEX INVERTER BUFFERS/DRIVERS WITH OPEN-COLLECTOR HIGH-VOLTAGE OUTPUTS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

SN7406DG4 bảng dữ liệu(HTML) 3 Page - Texas Instruments

  SN7406DG4 Datasheet HTML 1Page - Texas Instruments SN7406DG4 Datasheet HTML 2Page - Texas Instruments SN7406DG4 Datasheet HTML 3Page - Texas Instruments SN7406DG4 Datasheet HTML 4Page - Texas Instruments SN7406DG4 Datasheet HTML 5Page - Texas Instruments SN7406DG4 Datasheet HTML 6Page - Texas Instruments SN7406DG4 Datasheet HTML 7Page - Texas Instruments SN7406DG4 Datasheet HTML 8Page - Texas Instruments SN7406DG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
SN5406, SN5416, SN7406, SN7416
HEX INVERTER BUFFERS/DRIVERS
WITH OPEN-COLLECTOR HIGH-VOLTAGE OUTPUTS
SDLS031A – DECEMBER 1983 – REVISED DECEMBER 2001
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
recommended operating conditions
SN5406
SN5416
SN7406
SN7416
UNIT
MIN
NOM
MAX
MIN
NOM
MAX
VCC
Supply voltage
4.5
5
5.5
4.75
5
5.25
V
VIH
High-level input voltage
2
2
V
VIL
Low-level input voltage
0.8
0.8
V
VOH
High level output voltage
’06
30
30
V
VOH
High-level output voltage
’16
15
15
V
IOL
Low-level output current
30
40
mA
TA
Operating free-air temperature
–55
125
0
70
°C
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS†
SN5406
SN5416
SN7406
SN7416
UNIT
MIN
TYP‡
MAX
MIN
TYP‡
MAX
VIK
VCC = MIN,
II = –12 mA
–1.5
–1.5
V
IOH
VCC = MIN,
VIL = 0.8 V,
VOH = §
0.25
0.25
mA
VOL
VCC = MIN
VIH =2V
IOL = 16 mA
0.4
0.4
V
VOL
VCC = MIN,
VIH = 2 V
IOL = ¶
0.7
0.7
V
II
VCC = MAX,
VI = 5.5 V
1
1
mA
IIH
VCC = MAX,
VIH = 2.4 V
40
40
µA
IIL
VCC = MAX,
VIL = 0.4 V
–1.6
–1.6
mA
ICCH
VCC = MAX
30
48
30
48
mA
ICCL
VCC = MAX
32
51
32
51
mA
† For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions.
‡ All typical values are at VCC = 5 V, TA = 25°C.
§ VOH = 30 V for ’06 and 15 V for ’16.
¶ IOL = 30 mA for SN54’ and 40 mA for SN74’.
switching characteristics, VCC = 5 V, TA = 25°C (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH
A
Y
R110
C15 pF
10
15
ns
tPHL
A
Y
RL = 110 Ω,
CL = 15 pF
15
23
ns


Số phần tương tự - SN7406DG4

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
SN7406DG4 TI-SN7406DG4 Datasheet
1Mb / 17P
[Old version datasheet]   HEX INVERTER BUFFERS/DRIVERS WITH OPEN-COLLECTOR HIGH-VOLTAGE OUTPUTS
SN7406DG4 TI-SN7406DG4 Datasheet
1Mb / 17P
[Old version datasheet]   HEX BUFFERS/DRIVERS WITH OPEN-COLLECTOR HIGH-VOLTAGE OUTPUTS
SN7406DG4 TI1-SN7406DG4 Datasheet
1,016Kb / 17P
[Old version datasheet]   HEX INVERTER BUFFERS/DRIVERS
More results

Mô tả tương tự - SN7406DG4

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
SN54LS06 TI-SN54LS06 Datasheet
443Kb / 13P
[Old version datasheet]   HEX INVERTER BUFFERS/DRIVERS WITH OPEN-COLLECTOR HIGH-VOLTAGE OUTPUTS
logo
Renesas Technology Corp
HD74LS06 RENESAS-HD74LS06 Datasheet
74Kb / 8P
   Hex Inverter Buffers/Drivers (With Open Collector High-Voltage Outputs)
logo
Hitachi Semiconductor
HD74LS06 HITACHI-HD74LS06 Datasheet
55Kb / 6P
   HEX INVERTER BUFFERS/DRIVERS WITH OPEN-COLLECTOR HIGH-VOLTAGE OUTPUTS
logo
Texas Instruments
SN7416J TI-SN7416J Datasheet
1Mb / 17P
[Old version datasheet]   HEX INVERTER BUFFERS/DRIVERS WITH OPEN-COLLECTOR HIGH-VOLTAGE OUTPUTS
SN5406 TI-SN5406 Datasheet
140Kb / 7P
[Old version datasheet]   HEX INVERTER BUFFERS/DRIVERS WITH OPEN-COLLECTOR HIGH-VOLTAGE OUTPUTS
logo
KODENSHI_AUK CORP.
KK7406 KODENSHI-KK7406 Datasheet
252Kb / 4P
   Hex Inverter Buffers/Drivers with Open-Collector High-Voltage Outputs
logo
IK Semicon Co., Ltd
IN7406 IKSEMICON-IN7406 Datasheet
241Kb / 4P
   Hex Inverter Buffers/Drivers with Open-Collector High-Voltage Outputs
logo
Texas Instruments
SN54LS06 TI-SN54LS06_08 Datasheet
614Kb / 16P
[Old version datasheet]   HEX INVERTER BUFFERS/DRIVERS WITH OPEN-COLLECTOR HIGH-VOLTAGE OUTPUTS
logo
Integral Corp.
IN7406 INTEGRAL-IN7406 Datasheet
40Kb / 4P
   Hex Inverter Buffers/Drivers with Open-Collector High-Voltage Outputs
logo
Texas Instruments
SN5407 TI-SN5407 Datasheet
80Kb / 13P
[Old version datasheet]   HEX BUFFERS/DRIVERS WITH OPEN-COLLECTOR HIGH-VOLTAGE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com