công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SN74VMEH22501GQLR bảng dữ liệu(PDF) 4 Page - Texas Instruments

tên linh kiện SN74VMEH22501GQLR
Giải thích chi tiết về linh kiện  8-BIT UNIVERSAL BUS TRANSCEIVER AND TWO 1-BIT BUS TRANSCEIVERS WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND 3-STATE OUTPUTS
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

SN74VMEH22501GQLR bảng dữ liệu(HTML) 4 Page - Texas Instruments

  SN74VMEH22501GQLR Datasheet HTML 1Page - Texas Instruments SN74VMEH22501GQLR Datasheet HTML 2Page - Texas Instruments SN74VMEH22501GQLR Datasheet HTML 3Page - Texas Instruments SN74VMEH22501GQLR Datasheet HTML 4Page - Texas Instruments SN74VMEH22501GQLR Datasheet HTML 5Page - Texas Instruments SN74VMEH22501GQLR Datasheet HTML 6Page - Texas Instruments SN74VMEH22501GQLR Datasheet HTML 7Page - Texas Instruments SN74VMEH22501GQLR Datasheet HTML 8Page - Texas Instruments SN74VMEH22501GQLR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
SN74VMEH22501
SCES357F – JULY 2001 – REVISED FEBRUARY 2010
www.ti.com
FUNCTIONAL DESCRIPTION
The SN74VMEH22501 is a high-drive (–48/64 mA), 8-bit UBT transceiver containing D-type latches and D-type
flip-flops for data-path operation in transparent, latched, or flip-flop modes. Data transmission is true logic. The
device is uniquely partitioned as 8-bit UBT transceivers with two integrated 1-bit three-wire bus transceivers.
Functional Description for Two 1-Bit Bus Transceivers
The OEAB inputs control the activity of the 1B or 2B port. When OEAB is high, the B-port outputs are active.
When OEAB is low, the B-port outputs are disabled.
Separate 1A and 2A inputs and 1Y and 2Y outputs provide a feedback path for control and diagnostics
monitoring. The OEBY inputs control the 1Y or 2Y outputs. When OEBY is low, the Y outputs are active. When
OEBY is high, the Y outputs are disabled.
The OEBY and OEAB inputs can be tied together to form a simple direction control where an input high yields
A data to B bus and an input low yields B data to Y bus.
1-BIT BUS TRANSCEIVER FUNCTION TABLE
INPUTS
OUTPUT
MODE
OEAB
OEBY
L
H
Z
Isolation
H
H
A data to B bus
True driver
L
L
B data to Y bus
H
L
A data to B bus, B data to Y bus
True driver with feedback path
Functional Description for 8-Bit UBT Transceiver
The 3A and 3B data flow in each direction is controlled by the OE and direction-control (DIR) inputs. When OE is
low, all 3A- or 3B-port outputs are active. When OE is high, all 3A- or 3B-port outputs are in the high-impedance
state.
FUNCTION TABLE
INPUTS
OUTPUT
OE
DIR
H
X
Z
L
H
3A data to 3B bus
L
L
3B data to 3A bus
The UBT transceiver functions are controlled by latch-enable (LE) and clock (CLKAB and CLKBA) inputs. For
3A-to-3B data flow, the UBT operates in the transparent mode when LE is high. When LE is low, the 3A data is
latched if CLKAB is held at a high or low logic level. If LE is low, the 3A data is stored in the latch/flip-flop on the
low-to-high transition of CLKAB.
The UBT transceiver data flow for 3B to 3A is similar to that of 3A to 3B, but uses CLKBA.
4
Submit Documentation Feedback
Copyright © 2001–2010, Texas Instruments Incorporated
Product Folder Link(s): SN74VMEH22501


Số phần tương tự - SN74VMEH22501GQLR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
SN74VMEH22501GQLR TI-SN74VMEH22501GQLR Datasheet
442Kb / 25P
[Old version datasheet]   8 BIT UNIVERSAL BUS TRANSCEIVER AND TWO 1 BIT BUS TRANSCEIVERS WITH SPLIT LVTTL PORT FEEDBACK PATH AND 3 STATE OUTPUTS
More results

Mô tả tương tự - SN74VMEH22501GQLR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
SN74VMEH22501A-EP TI1-SN74VMEH22501A-EP Datasheet
545Kb / 27P
[Old version datasheet]   8-BIT UNIVERSAL BUS TRANSCEIVER AND TWO 1-BIT BUS TRANSCEIVERS WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND 3-STATE OUTPUTS
SN74VMEH22501A TI-SN74VMEH22501A Datasheet
568Kb / 30P
[Old version datasheet]   8-BIT UNIVERSAL BUS TRANSCEIVER AND TWO 1-BIT BUS TRANSCEIVERS WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND 3-STATE OUTPUTS
SN74VMEH22501 TI-SN74VMEH22501 Datasheet
442Kb / 25P
[Old version datasheet]   8 BIT UNIVERSAL BUS TRANSCEIVER AND TWO 1 BIT BUS TRANSCEIVERS WITH SPLIT LVTTL PORT FEEDBACK PATH AND 3 STATE OUTPUTS
SN74VMEH22501A-EP TI1-SN74VMEH22501A-EP_15 Datasheet
929Kb / 38P
[Old version datasheet]   8-Bit Universal Bus Transceiver and Two 1-Bit Bus Transceivers
SN74GTLP1395 TI-SN74GTLP1395 Datasheet
443Kb / 21P
[Old version datasheet]   TWO 1-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE BUS TRANSCEIVERS WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND SELECTABLE POLARITY
SN74GTLP21395 TI-SN74GTLP21395 Datasheet
438Kb / 21P
[Old version datasheet]   TWO 1-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE BUS TRANSCEIVERS WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND SELECTABLE POLARITY
logo
Fairchild Semiconductor
GTLP10B320 FAIRCHILD-GTLP10B320 Datasheet
261Kb / 12P
   10-Bit LVTTL/GTLP Transceiver with Split LVTTL Port and Feedback Path
GTLP1B151 FAIRCHILD-GTLP1B151 Datasheet
112Kb / 7P
   1-Bit LVTTL/GTLP Transceiver with Separate LVTTL Port and Feedback Path
logo
Texas Instruments
SN74GTLP1394 TI-SN74GTLP1394_07 Datasheet
741Kb / 25P
[Old version datasheet]   2-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE BUS TRANSCEIVER WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND SELECTABLE POLARITY
SN74GTLP1394 TI1-SN74GTLP1394_15 Datasheet
890Kb / 23P
[Old version datasheet]   2-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE BUS TRANSCEIVER WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND SELECTABLE POLARITY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com