công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

W06M bảng dữ liệu(PDF) 1 Page - Gulf Semiconductor

tên linh kiện W06M
Giải thích chi tiết về linh kiện  SINGLE PHASE SILICON BRIDGE RECTIFIER VOLTAGE: 50 TO 1000V CURRENT: 1.5A
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  GULFSEMI [Gulf Semiconductor]
Trang chủ  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor

W06M bảng dữ liệu(HTML) 1 Page - Gulf Semiconductor

  W06M Datasheet HTML 1Page - Gulf Semiconductor W06M Datasheet HTML 2Page - Gulf Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Rev.A4
www.gulfsemi.com
W005M THRU W10M
SINGLE PHASE SILICON
BRIDGE RECTIFIER
VOLTAGE: 50 TO 1000V
CURRENT: 1.5A
FEATURE
WOM
Ideal for printed circuit board
Surge overload rating: 50 A peak
High case dielectric strength
MECHANICAL DATA
Terminal: Plated leads solderable per
MIL-STD 202E, method 208C
Case: UL-94 Class V-0 recognized Flame
Retardant Epoxy
Polarity: Polarity symbol marked on body
Mounting position: any
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(single-phase, half -wave, 60HZ, resistive or inductive load rating at 25
°C, unless otherwise stated,
for capacitive load, derate current by 20%)
SYMBOL
W005
M
W01
M
W02
M
W04
M
W06
M
W08
M
W10
M
units
Maximum Recurrent Peak Reverse Voltage
Vrrm
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
Vrms
35
70
140
280
420
560
700
V
Maximum DC blocking Voltage
Vdc
50
100
200
400
600
800
1000
V
Maximum Average Forward Rectified
Current at Ta =25
°C
If(av)
1.5
A
Peak Forward Surge Current 8.3ms single
half sine-wave superimposed on rated load
Ifsm
50.0
A
Maximum Instantaneous Forward Voltage at
forward current 1.5A DC
Vf
1.0
V
Maximum DC Reverse Current
Ta =25
°C
at rated DC blocking voltage
Ta =100
°C
Ir
10.0
1.0
µA
mA
Operating Temperature Range
Tj
-55 to +125
°C
Storage and Operation Junction Temperature
Tstg
-55 to +150
°C


Số phần tương tự - W06M

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Micro Commercial Compon...
W06M MCC-W06M Datasheet
310Kb / 3P
   1.5 Amp Single Phase Bridge Rectifier 50 to 1000 Volts Any Mounting Position
logo
Won-Top Electronics
W06M WTE-W06M Datasheet
45Kb / 3P
   1.5A BRIDGE RECTIFIER
W06M WTE-W06M Datasheet
57Kb / 4P
   1.5A SINGLE-PHASE BRIDGE RECTIFIER
logo
SEMTECH ELECTRONICS LTD...
W06M SEMTECH_ELEC-W06M Datasheet
190Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
Yea Shin Technology Co....
W06M YEASHIN-W06M Datasheet
365Kb / 2P
   SINGLE-PHASE SILICON BRIDGE
More results

Mô tả tương tự - W06M

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Gulf Semiconductor
W005 GULFSEMI-W005 Datasheet
97Kb / 2P
   SINGLE PHASE SILICON BRIDGE RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 1.5A
KBP005M GULFSEMI-KBP005M Datasheet
110Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER Voltage: 50 to 1000V Current:1.5A
G2SB05 GULFSEMI-G2SB05 Datasheet
163Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER Voltage: 50 to 1000V Current: 1.5A
DB151 GULFSEMI-DB151 Datasheet
100Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER VOLTAGE:50 TO 1000V CURRENT:1.5A
KBP005G GULFSEMI-KBP005G Datasheet
109Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER Voltage: 50 to 1000V Current:1.5A
KBP005 GULFSEMI-KBP005 Datasheet
3Mb / 2P
   SINGLE PHASE SILICON BRIDGE RECTIFIER VOLTAGE:50 TO 1000V CURRENT:2.0A
KBPC6005 GULFSEMI-KBPC6005 Datasheet
2Mb / 2P
   SINGLE PHASE SILICON BRIDGE RECTIFIER VOLTAGE: 50 TO 1000V CURRENT: 6.0A
KBL005 GULFSEMI-KBL005 Datasheet
87Kb / 2P
   SINGLE PHASE SILICON BRIDGE RECTIFIER VOLTAGE:50 TO 1000V CURRENT:4.0A
KBPC8005 GULFSEMI-KBPC8005 Datasheet
2Mb / 2P
   SINGLE PHASE SILICON BRIDGE RECTIFIER VOLTAGE: 50 TO 1000V CURRENT: 8.0A
KBPC15005 GULFSEMI-KBPC15005 Datasheet
2Mb / 2P
   SINGLE PHASE SILICON BRIDGE RECTIFIER VOLTAGE: 50 TO 1000V CURRENT: 15.0A
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com