công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AM26LV31E bảng dữ liệu(PDF) 6 Page - Texas Instruments

tên linh kiện AM26LV31E
Giải thích chi tiết về linh kiện  LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE DRIVER WITH 짹15-kV IEC ESD PROTECTION
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

AM26LV31E bảng dữ liệu(HTML) 6 Page - Texas Instruments

Back Button AM26LV31E_10 Datasheet HTML 2Page - Texas Instruments AM26LV31E_10 Datasheet HTML 3Page - Texas Instruments AM26LV31E_10 Datasheet HTML 4Page - Texas Instruments AM26LV31E_10 Datasheet HTML 5Page - Texas Instruments AM26LV31E_10 Datasheet HTML 6Page - Texas Instruments AM26LV31E_10 Datasheet HTML 7Page - Texas Instruments AM26LV31E_10 Datasheet HTML 8Page - Texas Instruments AM26LV31E_10 Datasheet HTML 9Page - Texas Instruments AM26LV31E_10 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
PARAMETER MEASUREMENT INFORMATION
RL/2
VOC
RL/2
VOD
RL = 100 Ω
C1 = 40 pF
C2 = 40 pF
C3 = 40 pF
Input
Y
Z
Z
Output, VO
Input
tPLH
tPHL
VCC
0 V
50%
50%
PROPAGATION DELAY TIMES
Y
A
Output, VO
tr
tf
VOH
90%
90%
RISE AND FALL TIMES
10%
10%
VOL
NOTES: A. CL includes probe and jig capacitance.
B.
tr and tf ≤ 2 ns.
10%
10%
90%
90%
Y
Z
tf
tr
VOL
VOH
See Note A
AM26LV31E
SLLS848A – APRIL 2008 – REVISED MAY 2008............................................................................................................................................................... www.ti.com
Figure 1. Test Circuit, VOD and VOC
Figure 2. Test Circuit and Voltage Waveforms, tPHL and tPLH
6
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): AM26LV31E


Số phần tương tự - AM26LV31E_10

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
AM26LV31E-EP TI-AM26LV31E-EP Datasheet
353Kb / 12P
[Old version datasheet]   LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE DRIVER WITH 짹15-kV IEC ESD PROTECTION
AM26LV31EIDR TI-AM26LV31EIDR Datasheet
810Kb / 18P
[Old version datasheet]   LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE DRIVER WITH 짹15-kV IEC ESD PROTECTION
AM26LV31EINSR TI-AM26LV31EINSR Datasheet
810Kb / 18P
[Old version datasheet]   LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE DRIVER WITH 짹15-kV IEC ESD PROTECTION
AM26LV31EIPWR TI-AM26LV31EIPWR Datasheet
810Kb / 18P
[Old version datasheet]   LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE DRIVER WITH 짹15-kV IEC ESD PROTECTION
AM26LV31EIRGYR TI-AM26LV31EIRGYR Datasheet
810Kb / 18P
[Old version datasheet]   LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE DRIVER WITH 짹15-kV IEC ESD PROTECTION
More results

Mô tả tương tự - AM26LV31E_10

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
AM26LV31E TI-AM26LV31E Datasheet
810Kb / 18P
[Old version datasheet]   LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE DRIVER WITH 짹15-kV IEC ESD PROTECTION
AM26LV31E-EP TI-AM26LV31E-EP Datasheet
353Kb / 12P
[Old version datasheet]   LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE DRIVER WITH 짹15-kV IEC ESD PROTECTION
AM26LV32E TI-AM26LV32E_10 Datasheet
632Kb / 18P
[Old version datasheet]   LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE RECEIVER WITH 짹15-kV IEC ESD PROTECTION
AM26LV32E TI-AM26LV32E Datasheet
753Kb / 17P
[Old version datasheet]   LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE RECEIVER WITH 짹15-kV IEC ESD PROTECTION
AM26LV32E-EP TI-AM26LV32E-EP Datasheet
326Kb / 11P
[Old version datasheet]   LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE RECEIVER WITH 짹15-kV IEC ESD PROTECTION
AM26LV31 TI-AM26LV31 Datasheet
113Kb / 8P
[Old version datasheet]   LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE DRIVER
REVISED DECEMBER 1999
SN65C1167E TI-SN65C1167E Datasheet
741Kb / 19P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS WITH 짹15-kV ESD PROTECTION
MAX3232E-Q1 TI1-MAX3232E-Q1 Datasheet
200Kb / 10P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
TRS3243E TI-TRS3243E_09 Datasheet
764Kb / 26P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
MAX3232E TI-MAX3232E_10 Datasheet
425Kb / 17P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com