công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AM26S10CDR bảng dữ liệu(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện AM26S10CDR
Giải thích chi tiết về linh kiện  QUADRUPLE BUS TRANSCEIVERS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

AM26S10CDR bảng dữ liệu(HTML) 1 Page - Texas Instruments

  AM26S10CDR Datasheet HTML 1Page - Texas Instruments AM26S10CDR Datasheet HTML 2Page - Texas Instruments AM26S10CDR Datasheet HTML 3Page - Texas Instruments AM26S10CDR Datasheet HTML 4Page - Texas Instruments AM26S10CDR Datasheet HTML 5Page - Texas Instruments AM26S10CDR Datasheet HTML 6Page - Texas Instruments AM26S10CDR Datasheet HTML 7Page - Texas Instruments AM26S10CDR Datasheet HTML 8Page - Texas Instruments AM26S10CDR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
AM26S10C
QUADRUPLE BUS TRANSCEIVERS
SLLS116C – JANUARY 1977 – REVISED MARCH 1997
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Schottky Circuitry for High Speed, Typical
Propagation Delay Time . . . 12 ns
D Drivers Feature Open-Collector Outputs for
Party-Line (Data Bus) Operation
D Driver Outputs Can Sink 100 mA at 0.8 V
Maximum
D pnp Inputs for Minimal Input Loading
D Designed to Be Interchangeable With
Advanced Micro Devices AM26S10
description
The AM26S10C is a quadruple bus transceiver utilizing Schottky-diode-clamped transistors for high speed. The
drivers feature open-collector outputs capable of sinking 100 mA at 0.8 V maximum. The driver and strobe
inputs use pnp transistors to reduce the input loading.
The driver of the AM26S10C is inverting and has two ground connections for improved ground current-handling
capability. For proper operation, the ground pins should be tied together.
The AM26S10C is characterized for operation over the temperature range of 0
°C to 70°C.
Function Tables
AM26S10C
(transmitting)
INPUTS
OUTPUTS
S
D
B
R
L
H
L
H
L
L
H
L
AM26S10C
(receiving)
INPUTS
OUTPUT
S
B
D
R
H
H
X
L
H
L
X
H
H = high level, L = low level, X = irrelevant
Copyright
© 1997, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
GND
1B
1R
1D
2D
2R
2B
GND
VCC
4B
4R
4D
S
3D
3R
3B
D OR N PACKAGE
(TOP VIEW)


Số phần tương tự - AM26S10CDR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
AM26S10CD TI-AM26S10CD Datasheet
124Kb / 7P
[Old version datasheet]   QUADRUPLE BUS TRANSCEIVERS
REVISED MARCH 1997
More results

Mô tả tương tự - AM26S10CDR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
SN54LS242 TI-SN54LS242 Datasheet
135Kb / 4P
[Old version datasheet]   QUADRUPLE BUS TRANSCEIVERS
SN55138 TI-SN55138 Datasheet
243Kb / 13P
[Old version datasheet]   QUADRUPLE BUS TRANSCEIVERS
SN55138 TI1-SN55138_14 Datasheet
952Kb / 24P
[Old version datasheet]   QUADRUPLE BUS TRANSCEIVERS
SN54LS243 TI1-SN54LS243 Datasheet
900Kb / 14P
[Old version datasheet]   QUADRUPLE BUS TRANSCEIVERS
AM26S10C TI-AM26S10C Datasheet
124Kb / 7P
[Old version datasheet]   QUADRUPLE BUS TRANSCEIVERS
REVISED MARCH 1997
SN54LS440 TI-SN54LS440 Datasheet
288Kb / 7P
[Old version datasheet]   QUADRUPLE TRIDIRECTIONAL BUS TRANSCEIVERS
logo
Renesas Technology Corp
HD74LS242 RENESAS-HD74LS242 Datasheet
190Kb / 7P
   Quadruple Bus Transceivers (with three-state outputs)
HD74LS243 RENESAS-HD74LS243 Datasheet
184Kb / 7P
   Quadruple Bus Transceivers (with three-state outputs)
logo
Texas Instruments
SN54LS446 TI-SN54LS446 Datasheet
230Kb / 7P
[Old version datasheet]   QUADRUPLE BUS TRANSCEIVERS WITH INDIVIDUAL DIRECTION CONTROLS
SN54F243 TI-SN54F243 Datasheet
74Kb / 5P
[Old version datasheet]   QUADRUPLE BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com