công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SN74AHC132DRE4 bảng dữ liệu(PDF) 3 Page - Texas Instruments |
|
|
SN74AHC132DRE4 bảng dữ liệu(HTML) 3 Page - Texas Instruments |
3 / 10 page SN54AHC132, SN74AHC132 QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS SCLS365G – MAY 1997 – REVISED SEPTEMBER 2002 3 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 recommended operating conditions (see Note 4) SN54AHC132 SN74AHC132 UNIT MIN MAX MIN MAX UNIT VCC Supply voltage 2 5.5 2 5.5 V VI Input voltage 0 5.5 0 5.5 V VO Output voltage 0 VCC 0 VCC V VCC = 2 V –50 –50 mA IOH High-level output current VCC = 3.3 V ± 0.3 V –4 –4 mA VCC = 5 V ± 0.5 V –8 –8 mA VCC = 2 V 50 50 mA IOL Low-level output current VCC = 3.3 V ± 0.3 V 4 4 mA VCC = 5 V ± 0.5 V 8 8 mA TA Operating free-air temperature –55 125 –40 85 °C NOTE 4: All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report, Implications of Slow or Floating CMOS Inputs, literature number SCBA004. electrical characteristics over recommended operating free-air temperature range (unless otherwise noted) PARAMETER TEST CONDITIONS VCC TA = 25°C SN54AHC132 SN74AHC132 UNIT PARAMETER TEST CONDITIONS VCC MIN TYP MAX MIN MAX MIN MAX UNIT VT+ 3 V 1.2 2.2 1.2 2.2 1.2 2.2 VT+ Positive-going 4.5 V 1.75 3.15 1.75 3.15 1.75 3.15 V input threshold voltage 5.5 V 2.15 3.85 2.15 3.85 2.15 3.85 VT– 3 V 0.9 1.9 0.9 1.9 0.9 1.9 VT– Negative-going 4.5 V 1.35 2.75 1.35 2.75 1.35 2.75 V input threshold voltage 5.5 V 1.65 3.35 1.65 3.35 1.65 3.35 ∆V 3 V 0.3 1.2 0.3 1.2 0.3 1.2 ∆VT Hysteresis (VT+ – VT ) 4.5 V 0.4 1.4 0.4 1.4 0.4 1.4 V Hysteresis (VT+ – VT–) 5.5 V 0.5 1.6 0.5 1.6 0.5 1.6 2 V 1.9 2 1.9 1.9 IOH = –50 mA 3 V 2.9 3 2.9 2.9 VOH 4.5 V 4.4 4.5 4.4 4.4 V IOH = –4 mA 3 V 2.58 2.48 2.48 IOH = –8 mA 4.5 V 3.94 3.8 3.8 2 V 0.1 0.1 0.1 IOL = 50 mA 3 V 0.1 0.1 0.1 VOL 4.5 V 0.1 0.1 0.1 V IOL = 4 mA 3 V 0.36 0.5 0.44 IOL = 8 mA 4.5 V 0.36 0.5 0.44 II VI = 5.5 V or GND 0 V to 5.5 V ±0.1 ±1* ±1 mA ICC VI = VCC or GND, IO = 0 5.5 V 2 20 20 mA Ci VI = VCC or GND 5 V 1.9 10 10 pF * On products compliant to MIL-PRF-38535, this parameter is not production tested at VCC = 0 V. PRODUCT PREVIEW information concerns products in the formative or design phase of development. Characteristic data and other specifications are design goals. Texas Instruments reserves the right to change or discontinue these products without notice. |
Số phần tương tự - SN74AHC132DRE4 |
|
Mô tả tương tự - SN74AHC132DRE4 |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |