công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SM320F2810-EP_101 bảng dữ liệu(PDF) 5 Page - Texas Instruments

tên linh kiện SM320F2810-EP_101
Giải thích chi tiết về linh kiện  Digital Signal Processors
Download  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

SM320F2810-EP_101 bảng dữ liệu(HTML) 5 Page - Texas Instruments

  SM320F2810-EP_101 Datasheet HTML 1Page - Texas Instruments SM320F2810-EP_101 Datasheet HTML 2Page - Texas Instruments SM320F2810-EP_101 Datasheet HTML 3Page - Texas Instruments SM320F2810-EP_101 Datasheet HTML 4Page - Texas Instruments SM320F2810-EP_101 Datasheet HTML 5Page - Texas Instruments SM320F2810-EP_101 Datasheet HTML 6Page - Texas Instruments SM320F2810-EP_101 Datasheet HTML 7Page - Texas Instruments SM320F2810-EP_101 Datasheet HTML 8Page - Texas Instruments SM320F2810-EP_101 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 158 page
background image
Contents
5
March 2004 − Revised April 2010
SGUS051B
6.22
External Interface (XINTF) Timing
120
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
6.23
XINTF Signal Alignment to XCLKOUT
122
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
6.24
External Interface Read Timing
124
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
6.25
External Interface Write Timing
125
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
6.26
External Interface Ready-on-Read Timing With One External Wait State
126
. . . . . . . . . . . . . . . .
6.27
External Interface Ready-on-Write Timing With One External Wait State
129
. . . . . . . . . . . . . . . .
6.28
XHOLD and XHOLDA
132
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
6.29
XHOLD/XHOLDA Timing
133
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
6.30
On-Chip Analog-to-Digital Converter
135
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
6.30.1
ADC Absolute Maximum Ratings†
135
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
6.30.2
ADC Electrical Characteristics Over Recommended Operating Conditions
136
. .
6.30.3
Current Consumption for Different ADC Configurations
(at 25-MHz ADCCLK)
137
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
6.30.4
ADC Power-Up Control Bit Timing
138
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
6.30.5
Detailed Description
139
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
6.30.6
Sequential Sampling Mode (Single-Channel) (SMODE = 0)
139
. . . . . . . . . . . . . . .
6.30.7
Simultaneous Sampling Mode (Dual-Channel) (SMODE = 1)
141
. . . . . . . . . . . . . .
6.30.8
Definitions of Specifications and Terminology
142
. . . . . . . . . . . . . . . . . . . . . . . . . . .
6.31
Multichannel Buffered Serial Port (McBSP) Timing
143
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
6.31.1
McBSP Transmit and Receive Timing
143
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
6.31.2
McBSP as SPI Master or Slave Timing
146
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
6.32
Flash Timing (F281x Only)
150
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
6.32.1
Recommended Operating Conditions
150
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
7
Mechanical Data
151
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
7.1
Ball Grid Array (BGA)
151
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
7.2
Plastic Ball Grid Array
152
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
7.3
Low-Profile Quad Flatpacks (LQFPs)
153
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Revision History
155
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .


Số phần tương tự - SM320F2810-EP_101

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
SM320F2810-EP TI-SM320F2810-EP_10 Datasheet
1Mb / 158P
[Old version datasheet]   Digital Signal Processors
More results

Mô tả tương tự - SM320F2810-EP_101

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
SMJ320C31 TI-SMJ320C31 Datasheet
968Kb / 57P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320F2812 TI-TMS320F2812 Datasheet
1Mb / 103P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320C31 TI-TMS320C31 Datasheet
636Kb / 48P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320F2810 TI-TMS320F2810_08 Datasheet
2Mb / 173P
[Old version datasheet]   Digital Signal Processors
TMS320F2809 TI-TMS320F2809_11 Datasheet
1Mb / 145P
[Old version datasheet]   Digital Signal Processors
SM320F2808-EP TI-SM320F2808-EP Datasheet
1Mb / 118P
[Old version datasheet]   Digital Signal Processors
TMS320F2810 TI-TMS320F2810_11 Datasheet
1Mb / 170P
[Old version datasheet]   Digital Signal Processors
TMS320C5X TI1-TMS320C5X_16 Datasheet
1Mb / 94P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320C203 TI-TMS320C203 Datasheet
1Mb / 83P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320LBC57PGE80 TI1-TMS320LBC57PGE80 Datasheet
1Mb / 94P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMDXDOCK28069 TI-TMDXDOCK28069 Datasheet
1Mb / 147P
[Old version datasheet]   Digital Signal Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com