công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CD4053BPWRE4 bảng dữ liệu(PDF) 8 Page - Texas Instruments

tên linh kiện CD4053BPWRE4
Giải thích chi tiết về linh kiện  CMOS Analog Multiplexers/Demultiplexers with Logic Level Conversion
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

CD4053BPWRE4 bảng dữ liệu(HTML) 8 Page - Texas Instruments

Back Button CD4053BPWRE4 Datasheet HTML 4Page - Texas Instruments CD4053BPWRE4 Datasheet HTML 5Page - Texas Instruments CD4053BPWRE4 Datasheet HTML 6Page - Texas Instruments CD4053BPWRE4 Datasheet HTML 7Page - Texas Instruments CD4053BPWRE4 Datasheet HTML 8Page - Texas Instruments CD4053BPWRE4 Datasheet HTML 9Page - Texas Instruments CD4053BPWRE4 Datasheet HTML 10Page - Texas Instruments CD4053BPWRE4 Datasheet HTML 11Page - Texas Instruments CD4053BPWRE4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
8
FIGURE 3. CHANNEL ON RESISTANCE vs INPUT SIGNAL
VOLTAGE (ALL TYPES)
FIGURE 4. CHANNEL ON RESISTANCE vs INPUT SIGNAL
VOLTAGE (ALL TYPES)
FIGURE 5. ON CHARACTERISTICS FOR 1 OF 8 CHANNELS
(CD4051B)
FIGURE 6. DYNAMIC POWER DISSIPATION vs SWITCHING
FREQUENCY (CD4051B)
FIGURE 7. DYNAMIC POWER DISSIPATION vs SWITCHING
FREQUENCY (CD4052B)
FIGURE 8. DYNAMIC POWER DISSIPATION vs SWITCHING
FREQUENCY (CD4053B)
Typical Performance Curves (Continued)
-10
-7.5
-5
-2.5
0
2.5
5
7.5
10
0
100
200
300
400
600
500
VIS, INPUT SIGNAL VOLTAGE (V)
TA = 25
oC
15V
10V
VDD - VEE = 5V
-10
-7.5
-5
-2.5
0
2.5
5
7.5
10
0
50
100
150
200
250
VIS, INPUT SIGNAL VOLTAGE (V)
VDD - VEE = 15V
TA = 125
oC
TA = 25
oC
TA = -55
oC
-6
-4
-2
0
2
4
6
VIS, INPUT SIGNAL VOLTAGE (V)
-6
-4
-2
0
2
4
6
VDD = 5V
VSS = 0V
VEE = -5V
TA = 25
oC
RL = 100kΩ, RL = 10kΩ
100
500
1k
TA = 25
oC
ALTERNATING “O”
CL = 50pF
AND “I” PATTERN
105
104
103
10
VDD = 15V
VDD = 5V
CL = 15pF
102
102
10
103
104
105
SWITCHING FREQUENCY (kHz)
1
TEST CIRCUIT
VDD
3
5
10
11
6
7
8
14
15
1
2
13
12
4
CL
CD4051
f
100
100
B/D
CD4029
VDD
AB C
9
Ι
VDD = 10V
105
104
103
10
102
102
10
103
104
105
SWITCHING FREQUENCY (kHz)
1
VDD = 15V
VDD = 5V
TA = 25
oC
ALTERNATING “O”
CL = 50pF
AND “I” PATTERN
VDD
3
5
10
11
6
7
8
14
15
1
2
13
12
4
CL
CD4052
f
100
B/D
CD4029
VDD
AB
9
Ι
TEST CIRCUIT
VDD = 10V
CL = 15pF
105
104
103
10
VDD = 15V
VDD = 10V
VDD = 5V
TA = 25
oC
ALTERNATING “O”
CL = 50pF
AND “I” PATTERN
CL = 15pF
102
102
10
103
104
105
SWITCHING FREQUENCY (kHz)
Ι
TEST CIRCUIT
VDD
9
3
5
10
11
6
7
8
14
15
1
2
13
12
4
CL
CD4053
f
100
100
1
CD4051B, CD4052B, CD4053B


Số phần tương tự - CD4053BPWRE4

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
CD4053BPWR TI-CD4053BPWR Datasheet
430Kb / 20P
[Old version datasheet]   CMOS Analog Multiplexers/Demultiplexers with Logic Level Conversion
CD4053BPWR TI1-CD4053BPWR Datasheet
1Mb / 38P
[Old version datasheet]   CMOS Single 8-Channel Analog Multiplexer/Demultiplexer
CD4053BPWR TI-CD4053BPWR Datasheet
1Mb / 48P
[Old version datasheet]   CD405xB CMOS Single 8-Channel Analog Multiplexer or Demultiplexer With Logic-Level Conversion
REVISED MARCH 2023
CD4053BPWR TI1-CD4053BPWR Datasheet
1Mb / 42P
[Old version datasheet]   CD405xB CMOS Single 8-Channel Analog Multiplexer or Demultiplexer With Logic-Level Conversion
REVISED SEPTEMBER 2023
CD4053BPWRG3 TI1-CD4053BPWRG3 Datasheet
1Mb / 38P
[Old version datasheet]   CMOS Single 8-Channel Analog Multiplexer/Demultiplexer
More results

Mô tả tương tự - CD4053BPWRE4

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Harris Corporation
CD4051B HARRIS-CD4051B Datasheet
146Kb / 15P
   CMOS Analog Multiplexers/Demultiplexers with Logic Level Conversion
logo
Texas Instruments
CD4051B TI-CD4051B Datasheet
430Kb / 20P
[Old version datasheet]   CMOS Analog Multiplexers/Demultiplexers with Logic Level Conversion
CD4051B-Q1 TI-CD4051B-Q1 Datasheet
396Kb / 18P
[Old version datasheet]   CMOS ALALOG MULTIPLEXERS/DEMULTIPLEXERS WITH LOGIC-LEVEL CONVERSION
CD54HC4051 TI-CD54HC4051_10 Datasheet
784Kb / 30P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC4051 TI-CD54HC4051_07 Datasheet
521Kb / 30P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC405 TI-CD54HC405 Datasheet
465Kb / 26P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC4051 TI-CD54HC4051_04 Datasheet
643Kb / 29P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC4051_101 TI-CD54HC4051_101 Datasheet
780Kb / 31P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC4051 TI-CD54HC4051 Datasheet
466Kb / 27P
[Old version datasheet]   High Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC4351 TI-CD54HC4351_07 Datasheet
473Kb / 23P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers with Latch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com