công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CD4052BME4 bảng dữ liệu(PDF) 5 Page - Texas Instruments

tên linh kiện CD4052BME4
Giải thích chi tiết về linh kiện  CMOS Analog Multiplexers/Demultiplexers with Logic Level Conversion
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

CD4052BME4 bảng dữ liệu(HTML) 5 Page - Texas Instruments

  CD4052BME4 Datasheet HTML 1Page - Texas Instruments CD4052BME4 Datasheet HTML 2Page - Texas Instruments CD4052BME4 Datasheet HTML 3Page - Texas Instruments CD4052BME4 Datasheet HTML 4Page - Texas Instruments CD4052BME4 Datasheet HTML 5Page - Texas Instruments CD4052BME4 Datasheet HTML 6Page - Texas Instruments CD4052BME4 Datasheet HTML 7Page - Texas Instruments CD4052BME4 Datasheet HTML 8Page - Texas Instruments CD4052BME4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
5
Absolute Maximum Ratings
Thermal Information
Supply Voltage (V+ to V-)
Voltages Referenced to VSS Terminal . . . . . . . . . . . -0.5V to 20V
DC Input Voltage Range . . . . . . . . . . . . . . . . . . -0.5V to VDD +0.5V
DC Input Current, Any One Input. . . . . . . . . . . . . . . . . . . . . .
±10mA
Operating Conditions
Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . -55oC to 125oC
Package Thermal Impedance,
θJA (see Note 1):
E (PDIP) package. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 67oC/W
M (SOIC) package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 73oC/W
NS (SOP) package. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 64oC/W
PW (TSSOP) package . . . . . . . . . . . . . . . . . . . . . . . . . . 108oC/W
Maximum Junction Temperature (Ceramic Package) . . . . . . . . .175oC
Maximum Junction Temperature (Plastic Package) . . . . . . . .150oC
Maximum Storage Temperature Range . . . . . . . . . . -65oC to 150oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . .265oC
(SOIC - Lead Tips Only)
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1. The package thermal impedance is calculated in accordance with JESD 51-7.
Electrical Specifications
Common Conditions Here: If Whole Table is For the Full Temp. Range, VSUPPLY = ±5V, AV = +1,
RL = 100Ω, Unless Otherwise Specified (Note 3)
PARAMETER
CONDITIONS
LIMITS AT INDICATED TEMPERATURES (oC)
UNITS
VIS (V)
VEE (V) VSS (V) VDD (V)
-55
-40
85
125
25
MIN
TYP
MAX
SIGNAL INPUTS (VIS) AND OUTPUTS (VOS)
Quiescent Device
Current, IDD Max
-
-
-
5
5
5
150
150
-
0.04
5
µA
-
-
-
10
10
10
300
300
-
0.04
10
µA
-
-
-
15
20
20
600
600
-
0.04
20
µA
-
-
-
20
100
100
3000
3000
-
0.08
100
µA
Drain to Source ON
Resistance rON Max
0
≤ VIS ≤ VDD
-
0
0
5
800
850
1200
1300
-
470
1050
-
0
0
10
310
330
520
550
-
180
400
-
0
0
15
200
210
300
320
-
125
240
Change in ON
Resistance (Between
Any Two Channels),
∆rON
-
0
0
5
----
-
15
-
-
0
0
10
----
-
10
-
-
0
0
15
----
-
5
-
OFF Channel Leakage
Current: Any Channel
OFF (Max) or ALL
Channels OFF (Common
OUT/IN) (Max)
-0
0
18
±100 (Note 2) ±1000 (Note 2)
-
±0.01
±100
(Note 2)
nA
Capacitance:
-
-5
5-
5
Input, CIS
----
-
5
-
pF
Output, COS
CD4051
----
-
30
-
pF
CD4052
----
-
18
-
pF
CD4053
----
-
9
-
pF
Feedthrough
CIOS
----
-
0.2
-
pF
Propagation Delay Time
(Signal Input to Output
VDD
RL = 200kΩ,
CL = 50pF,
tr, tf = 20ns
5
----
-
30
60
ns
10
----
-
15
30
ns
15
----
-
10
20
ns
CD4051B, CD4052B, CD4053B


Số phần tương tự - CD4052BME4

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
CD4052BM NSC-CD4052BM Datasheet
189Kb / 10P
   Single 8-Channel, Dual 4-Channel, Triple 2-Channel Analog Multiplexer/Demultiplexe
logo
Texas Instruments
CD4052BM TI-CD4052BM Datasheet
430Kb / 20P
[Old version datasheet]   CMOS Analog Multiplexers/Demultiplexers with Logic Level Conversion
logo
Harris Corporation
CD4052BM HARRIS-CD4052BM Datasheet
146Kb / 15P
   CMOS Analog Multiplexers/Demultiplexers with Logic Level Conversion
logo
Texas Instruments
CD4052BM TI1-CD4052BM Datasheet
1Mb / 38P
[Old version datasheet]   CMOS Single 8-Channel Analog Multiplexer/Demultiplexer
CD4052BM TI-CD4052BM Datasheet
1Mb / 48P
[Old version datasheet]   CD405xB CMOS Single 8-Channel Analog Multiplexer or Demultiplexer With Logic-Level Conversion
REVISED MARCH 2023
More results

Mô tả tương tự - CD4052BME4

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Harris Corporation
CD4051B HARRIS-CD4051B Datasheet
146Kb / 15P
   CMOS Analog Multiplexers/Demultiplexers with Logic Level Conversion
logo
Texas Instruments
CD4051B TI-CD4051B Datasheet
430Kb / 20P
[Old version datasheet]   CMOS Analog Multiplexers/Demultiplexers with Logic Level Conversion
CD4051B-Q1 TI-CD4051B-Q1 Datasheet
396Kb / 18P
[Old version datasheet]   CMOS ALALOG MULTIPLEXERS/DEMULTIPLEXERS WITH LOGIC-LEVEL CONVERSION
CD54HC4051 TI-CD54HC4051_10 Datasheet
784Kb / 30P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC4051 TI-CD54HC4051_07 Datasheet
521Kb / 30P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC405 TI-CD54HC405 Datasheet
465Kb / 26P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC4051 TI-CD54HC4051_04 Datasheet
643Kb / 29P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC4051_101 TI-CD54HC4051_101 Datasheet
780Kb / 31P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC4051 TI-CD54HC4051 Datasheet
466Kb / 27P
[Old version datasheet]   High Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC4351 TI-CD54HC4351_07 Datasheet
473Kb / 23P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers with Latch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com