công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CD4541BM96 bảng dữ liệu(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện CD4541BM96
Giải thích chi tiết về linh kiện  CMOS Programmable Timer High Voltage Types(20V Rating)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

CD4541BM96 bảng dữ liệu(HTML) 1 Page - Texas Instruments

  CD4541BM96 Datasheet HTML 1Page - Texas Instruments CD4541BM96 Datasheet HTML 2Page - Texas Instruments CD4541BM96 Datasheet HTML 3Page - Texas Instruments CD4541BM96 Datasheet HTML 4Page - Texas Instruments CD4541BM96 Datasheet HTML 5Page - Texas Instruments CD4541BM96 Datasheet HTML 6Page - Texas Instruments CD4541BM96 Datasheet HTML 7Page - Texas Instruments CD4541BM96 Datasheet HTML 8Page - Texas Instruments CD4541BM96 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1
Data sheet acquired from Harris Semiconductor
SCHS085E – Revised September 2003
CD4541B
CMOS Programmable Timer
High Voltage Types (20V Rating)
Features
• Low Symmetrical Output Resistance, Typically 100
Ω
at VDD = 15V
• Built-In Low-Power RC Oscillator
• Oscillator Frequency Range . . . . . . . . . . DC to 100kHz
• External Clock (Applied to Pin 3) can be Used Instead
of Oscillator
• Operates as 2N Frequency Divider or as a Single-
Transition Timer
•Q/Q Select Provides Output Logic Level Flexibility
• AUTO or MASTER RESET Disables Oscillator During
Reset to Reduce Power Dissipation
• Operates With Very Slow Clock Rise and Fall Times
• Capable of Driving Six Low Power TTL Loads, Three
Low-Power Schottky Loads, or Six HTL Loads Over
the Rated Temperature Range
• Symmetrical Output Characteristics
• 100% Tested for Quiescent Current at 20V
• 5V, 10V, and 15V Parametric Ratings
• Meets All Requirements of JEDEC Standard No. 13B,
“Standard Specifications for Description of ‘B’ Series
CMOS Devices”
Description
CD4541B programmable timer consists of a 16-stage binary
counter, an oscillator that is controlled by external R-C compo-
nents (2 resistors and a capacitor), an automatic power-on
reset circuit, and output control logic. The counter increments
on positive-edge clock transitions and can also be reset via the
MASTER RESET input.
Pinout
CD4541B
(CERDIP, PDIP, SOIC, SOP, TSSOP)
TOP VIEW
The output from this timer is the Q or Q output from the 8th,
10th, 13th, or 16th counter stage. The desired stage is chosen
using time-select inputs A and B (see Frequency Select Table).
The output is available in either of two modes selectable via the
MODE input, pin 10 (see Truth Table). When this MODE input is
a logic “1”, the output will be a continuous square wave having
a frequency equal to the oscillator frequency divided by 2N.
With the MODE input set to logic “0” and after a MASTER
RESET is initiated, the output (assuming Q output has been
selected) changes from a low to a high state after 2N-1 counts
and remains in that state until another MASTER RESET pulse
is applied or the MODE input is set to a logic “1”.
Timing is initialized by setting the AUTO RESET input (pin 5) to
logic “0” and turning power on. If pin 5 is set to logic “1”, the
AUTO RESET circuit is disabled and counting will not start until
after a positive MASTER RESET pulse is applied and returns
to a low level. The AUTO RESET consumes an appreciable
amount of power and should not be used if low-power operation
is desired. For reliable automatic power-on reset, VDD should
be greater than 5V.
The RC oscillator, shown in Figure 2, oscillates with a
frequency determined by the RC network and is calculated
using:
NOTE: When ordering, use the entire part number. The suffixes 96
and R denote tape and reel. The suffix T denotes a small-quantity
reel of 250.
RTC
CTC
RS
NC
AUTO RESET
MASTER RESET
VSS
VDD
B
A
NC
MODE
Q/Q SELECT
OUTPUT
1
2
3
4
5
6
7
14
13
12
11
10
9
8
Ordering Information
PART NUMBER
TEMP. RANGE
(oC)
PACKAGE
CD4541BF3A
-55 to 125
14 Ld CERDIP
CD4541BE
-55 to 125
14 Ld PDIP
CD4541BM
-55 to 125
14 Ld SOIC
CD4541BMT
-55 to 125
14 Ld SOIC
CD4541BM96
-55 to 125
14 Ld SOIC
CD4541BNSR
-55 to 125
14 Ld SOP
CD4541BPW
-55 to 125
14 Ld TSSOP
CD4541BPWR
-55 to 125
14 Ld TSSOP
f =
1
2.3 RTCCTC
-----------------------------------
Where f is between 1kHz
and 100kHz
and RS 10k
≥Ω and 2RTC
CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper IC Handling Procedures.
Copyright
© 2003, Texas Instruments Incorporated
[ /Title
(CD45
41B)
/Sub-
ject
(CMO
S Pro-
gram-
mable
Timer
High
Volt-
age
Types
(20V
Rat-
ing))
/Autho
r ()
/Key-
words
(Har-
ris
Semi-
con-
ductor,
CD400
0,
metal
gate,
CMOS
, pdip,
cerdip,
mil,
mili-
tary,
mil


Số phần tương tự - CD4541BM96

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
CD4541BM96 TI-CD4541BM96 Datasheet
671Kb / 17P
[Old version datasheet]   CMOS Programmable Timer High Voltage Types (20V Rating)
CD4541BM96 TI1-CD4541BM96 Datasheet
1Mb / 18P
[Old version datasheet]   CMOS Programmable Timer
CD4541BM96E4 TI-CD4541BM96E4 Datasheet
671Kb / 17P
[Old version datasheet]   CMOS Programmable Timer High Voltage Types (20V Rating)
CD4541BM96E4 TI1-CD4541BM96E4 Datasheet
1Mb / 18P
[Old version datasheet]   CMOS Programmable Timer
CD4541BM96G4 TI-CD4541BM96G4 Datasheet
671Kb / 17P
[Old version datasheet]   CMOS Programmable Timer High Voltage Types (20V Rating)
More results

Mô tả tương tự - CD4541BM96

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
CD4541B TI-CD4541B Datasheet
93Kb / 9P
[Old version datasheet]   CMOS PROGRAMMABLE TIMER HIGH VOLTAGE TYPES(20V RATING)
CD4541B_101 TI-CD4541B_101 Datasheet
671Kb / 17P
[Old version datasheet]   CMOS Programmable Timer High Voltage Types (20V Rating)
logo
Harris Corporation
CD4541B HARRIS-CD4541B Datasheet
78Kb / 8P
   CMOS Programmable Timer High Voltage Types (20V Rating)
logo
Texas Instruments
CD4541B TI1-CD4541B_16 Datasheet
1Mb / 18P
[Old version datasheet]   CMOS Programmable Timer
logo
Tyco Electronics
CD4536B MACOM-CD4536B_13 Datasheet
1Mb / 21P
   CMOS Programmable Timer
logo
Texas Instruments
CD4536B TI1-CD4536B_15 Datasheet
1Mb / 20P
[Old version datasheet]   CMOS Programmable Timer
CD4536BE TI-CD4536BE Datasheet
1Mb / 21P
[Old version datasheet]   CMOS Programmable Timer
CD4536B TI-CD4536B Datasheet
415Kb / 9P
[Old version datasheet]   CMOS PROGRAMMABLE TIMER
logo
Intersil Corporation
CD4536BMS INTERSIL-CD4536BMS Datasheet
147Kb / 13P
   CMOS Programmable Timer
December 1992
logo
UMC Corporation
UM82C54 UMC-UM82C54 Datasheet
1Mb / 16P
   CMOS PROGRAMMABLE INTERVAL TIMER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com