công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CD4051BE bảng dữ liệu(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện CD4051BE
Giải thích chi tiết về linh kiện  CMOS Analog Multiplexers/Demultiplexers with Logic Level Conversion
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

CD4051BE bảng dữ liệu(HTML) 11 Page - Texas Instruments

Back Button CD4051BE Datasheet HTML 7Page - Texas Instruments CD4051BE Datasheet HTML 8Page - Texas Instruments CD4051BE Datasheet HTML 9Page - Texas Instruments CD4051BE Datasheet HTML 10Page - Texas Instruments CD4051BE Datasheet HTML 11Page - Texas Instruments CD4051BE Datasheet HTML 12Page - Texas Instruments CD4051BE Datasheet HTML 13Page - Texas Instruments CD4051BE Datasheet HTML 14Page - Texas Instruments CD4051BE Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
11
FIGURE 17. QUIESCENT DEVICE CURRENT
FIGURE 18. CHANNEL ON RESISTANCE MEASUREMENT
CIRCUIT
FIGURE 19. INPUT CURRENT
FIGURE 20. FEEDTHROUGH (ALL TYPES)
FIGURE 21. CROSSTALK BETWEEN ANY TWO CHANNELS
(ALL TYPES)
FIGURE 22. CROSSTALK BETWEEN DUALS OR TRIPLETS (CD4052B, CD4053B)
Test Circuits and Waveforms (Continued)
CD4051
CD4053
Ι
1
2
3
4
5
6
7
89
10
11
12
13
14
15
16
CD4052
Ι
1
2
3
4
5
6
7
89
10
11
12
13
14
15
16
VDD
VDD
X-Y
PLOTTER
X
Y
1k
RANGE
TG
“ON”
KEITHLEY
160 DIGITAL
MULTIMETER
H.P.
MOSELEY
7030A
VSS
VDD
10k
VDD
Ι
VDD
VSS
CD4051
CD4053
VSS
NOTE: Measure inputs sequentially,
to both VDD and VSS connect all
unused inputs to either VDD or VSS.
1
2
3
4
5
6
7
89
10
11
12
13
14
15
16
VDD
Ι
VDD
VSS
CD4052
VSS
NOTE: Measure inputs sequentially,
to both VDD and VSS connect all
unused inputs to either VDD or VSS.
1
2
3
4
5
6
7
89
10
11
12
13
14
15
16
RF
VM
VDD
OFF
CHANNEL
6
7
8
1K
5VP-P
OFF
CHANNEL
RL
COMMON
ON
CHANNEL
RL
RF
VM
ON
CHANNEL
RL
5VP-P
OFF
CHANNEL
RL
RF
VM
5VP-P
RF
VM
ON OR OFF
CHANNEL IN Y
RL
RL
ON OR OFF
CHANNEL IN X
CD4051B, CD4052B, CD4053B


Số phần tương tự - CD4051BE

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
CD4051BE TI-CD4051BE Datasheet
430Kb / 20P
[Old version datasheet]   CMOS Analog Multiplexers/Demultiplexers with Logic Level Conversion
logo
Harris Corporation
CD4051BE HARRIS-CD4051BE Datasheet
146Kb / 15P
   CMOS Analog Multiplexers/Demultiplexers with Logic Level Conversion
logo
Texas Instruments
CD4051BE TI1-CD4051BE Datasheet
1Mb / 38P
[Old version datasheet]   CMOS Single 8-Channel Analog Multiplexer/Demultiplexer
CD4051BE TI-CD4051BE Datasheet
1Mb / 48P
[Old version datasheet]   CD405xB CMOS Single 8-Channel Analog Multiplexer or Demultiplexer With Logic-Level Conversion
REVISED MARCH 2023
CD4051BE TI1-CD4051BE Datasheet
1Mb / 42P
[Old version datasheet]   CD405xB CMOS Single 8-Channel Analog Multiplexer or Demultiplexer With Logic-Level Conversion
REVISED SEPTEMBER 2023
More results

Mô tả tương tự - CD4051BE

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Harris Corporation
CD4051B HARRIS-CD4051B Datasheet
146Kb / 15P
   CMOS Analog Multiplexers/Demultiplexers with Logic Level Conversion
logo
Texas Instruments
CD4051B TI-CD4051B Datasheet
430Kb / 20P
[Old version datasheet]   CMOS Analog Multiplexers/Demultiplexers with Logic Level Conversion
CD4051B-Q1 TI-CD4051B-Q1 Datasheet
396Kb / 18P
[Old version datasheet]   CMOS ALALOG MULTIPLEXERS/DEMULTIPLEXERS WITH LOGIC-LEVEL CONVERSION
CD54HC4051 TI-CD54HC4051_10 Datasheet
784Kb / 30P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC4051 TI-CD54HC4051_07 Datasheet
521Kb / 30P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC405 TI-CD54HC405 Datasheet
465Kb / 26P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC4051 TI-CD54HC4051_04 Datasheet
643Kb / 29P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC4051_101 TI-CD54HC4051_101 Datasheet
780Kb / 31P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC4051 TI-CD54HC4051 Datasheet
466Kb / 27P
[Old version datasheet]   High Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC4351 TI-CD54HC4351_07 Datasheet
473Kb / 23P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers with Latch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com