công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AM1705_1007 bảng dữ liệu(PDF) 8 Page - Texas Instruments

tên linh kiện AM1705_1007
Giải thích chi tiết về linh kiện  AM1705 ARM Microprocessor
Download  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

AM1705_1007 bảng dữ liệu(HTML) 8 Page - Texas Instruments

Back Button AM1705_1007 Datasheet HTML 4Page - Texas Instruments AM1705_1007 Datasheet HTML 5Page - Texas Instruments AM1705_1007 Datasheet HTML 6Page - Texas Instruments AM1705_1007 Datasheet HTML 7Page - Texas Instruments AM1705_1007 Datasheet HTML 8Page - Texas Instruments AM1705_1007 Datasheet HTML 9Page - Texas Instruments AM1705_1007 Datasheet HTML 10Page - Texas Instruments AM1705_1007 Datasheet HTML 11Page - Texas Instruments AM1705_1007 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 156 page
background image
AM1705
SPRS657A – FEBRUARY 2010 – REVISED APRIL 2010
www.ti.com
3
Device Overview
3.1
Device Characteristics
provides an overview of the device . The table shows significant features of the device, including the
capacity of on-chip RAM, peripherals, and the package type with pin count.
Table 3-1. Characteristics of the device
HARDWARE FEATURES
AM1705
EMIFB
16-bit , upto 512Mb SDRAM
EMIFA
Asynchronous (8/16-bit bus width) RAM, Flash, NOR, NAND
Flash Card Interface
MMC and SD cards supported.
EDMA3
32 independent channels, 8 QDMA channels, 2 Transfer controllers
2 64-Bit General Purpose (configurable as 2 separate 32-bit timers, 1 configurable as
Timers
Watch Dog)
UART
3 (one with RTS and CTS flow control)
SPI
2 (Each with one hardware chip select)
I2C
2 (both Master/Slave)
Multichannel Audio
2(each with transmit/receive, FIFO buffer, 16/12/4 serializers)
Serial Port [McASP]
10/100 Ethernet MAC
with Management Data
1 (RMII Interface)
Peripherals
I/O
eHRPWM
6 Single Edge, 6 Dual Edge Symmetric, or 3 Dual Edge Asymmetric Outputs
Not all peripherals pins
are available at the
eCAP
3 32-bit capture inputs or 3 32-bit auxiliary PWM outputs
same time (for more
eQEP
2 32-bit QEP channels with 4 inputs/channel
detail, see the Device
Configurations section). USB 2.0 (USB0)
High-Speed OTG Controller with on-chip OTG PHY
General-Purpose
8 banks of 16-bit
Input/Output Port
PRU Subsystem
2 Programmable PRU Cores
(PRUSS)
Size (Bytes)
168KB RAM, 1088KB ROM
ARM
16KB I-Cache
16KB D-Cache
On-Chip Memory
8KB RAM (Vector Table)
Organization
64KB ROM
ADDITIONAL MEMORY
128KB RAM
0x8B7D F02F (Silicon Revision 1.1)
JTAG BSDL_ID
DEVIDR0 register
0x9B7D F02F (Silicon Revision 2.0)
CPU Frequency
MHz
ARM926 375 MHz (1.2V) or 456 MHz (1.3V)
1.2 V nominal for 375 MHz version
Core (V)
1.3 V nominal for 456 MHz version
Voltage
I/O (V)
3.3 V
Package
24 mm x 24 mm, 176-Pin, 0.5 mm pitch, TQFP (PTP)
Product Preview (PP),
Advance Information
Product Status(1)
(AI),
AI
or Production Data
(PD)
(1)
ADVANCE INFORMATION concerns new products in the sampling or preproduction phase of development. Characteristic data and
other specifications are subject to change without notice.
8
Device Overview
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM1705


Số phần tương tự - AM1705_1007

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
AM1705_1004 TI-AM1705_1004 Datasheet
999Kb / 155P
[Old version datasheet]   AM1705 ARM Microprocessor
More results

Mô tả tương tự - AM1705_1007

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
AM1705_1004 TI-AM1705_1004 Datasheet
999Kb / 155P
[Old version datasheet]   AM1705 ARM Microprocessor
AM1705 TI-AM1705 Datasheet
991Kb / 155P
[Old version datasheet]   AM1705 ARM Microprocessor
AM1705DPTPA3 TI1-AM1705DPTPA3 Datasheet
1Mb / 164P
[Old version datasheet]   AM1705 ARM Microprocessor
AM1705 TI1-AM1705_16 Datasheet
1Mb / 165P
[Old version datasheet]   AM1705 ARM짰 Microprocessor
AM1705 TI-AM1705_15 Datasheet
1Mb / 165P
[Old version datasheet]   AM1705 ARM짰 Microprocessor
AM1808 TI1-AM1808_12 Datasheet
1Mb / 262P
[Old version datasheet]   ARM Microprocessor
AM3517 TI-AM3517 Datasheet
2Mb / 184P
[Old version datasheet]   ARM Microprocessor
AM1806_101 TI-AM1806_101 Datasheet
1Mb / 243P
[Old version datasheet]   ARM Microprocessor
AM1707_1008 TI-AM1707_1008 Datasheet
1Mb / 199P
[Old version datasheet]   ARM Microprocessor
AM1806 TI1-AM1806_11 Datasheet
1Mb / 244P
[Old version datasheet]   AM1806 ARM Microprocessor
APRIL2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com