công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BYV26E bảng dữ liệu(PDF) 1 Page - Gulf Semiconductor

tên linh kiện BYV26E
Giải thích chi tiết về linh kiện  SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE竊?000V CURRENT: 1.0A
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  GULFSEMI [Gulf Semiconductor]
Trang chủ  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor

BYV26E bảng dữ liệu(HTML) 1 Page - Gulf Semiconductor

  BYV26E Datasheet HTML 1Page - Gulf Semiconductor BYV26E Datasheet HTML 2Page - Gulf Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BYV26E
SINTERED GLASS JUNCTION
FAST AVALANCHE RECTIFIER
VOLTAGE:
:1000V
CURRENT: 1.0A
FEATURE
SOD-57
Glass passivated
High maximum operating temperature
Low leakage current
Excellent stability
Guaranteed avalanche energy absorption capability
MECHANICAL DATA
Case: SOD-57 sintered glass case
Terminal: Plated axial leads solderable per
MIL-STD 202E, method 208C
Polarity: color band denotes cathode end
Mounting position: any
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(single-phase, half-wave, 60HZ, resistive or inductive load rating at 25
°C, unless otherwise stated)
SYMBOL
BYV26E
units
Maximum Recurrent Peak Reverse Voltage
VRRM
1000
V
Maximum RMS Voltage
VRMS
700
V
Maximum DC blocking Voltage
VDC
1000
V
Reverse avalanche breakdown voltage
at IR = 0.1 mA
V(BR)R
1100min
V
Maximum Average Forward Rectified
Current 3/8”lead length at Ttp =85
°C
IFAV
1.0
A
Non-repetitive Peak Forward Current at t=10ms half
sine wave
IFSM
30
A
Maximum Forward Voltage at rated Forward Current
VF
2.5
V
Non-repetitive peak reverse avalanche energy
(Note 1)
ERSM
10
mJ
Maximum DC Reverse Current
Ta =25
°C
at rated DC blocking voltage
Ta =165
°C
IR
5.0
150.0
µA
µA
Maximum Reverse Recovery Time
(Note 2)
Trr
75
nS
Diode Capacitance
(Note 3)
Cd
40
pF
Typical Thermal Resistance
(Note 4)
Rth(ja)
100
°C /W
Storage and Operating Junction Temperature
Tstg, Tj
-65 to +175
°C
Note:
1. IR=400mA; Tj=Tjmax prior to surge; inductive load switched off
2. Reverse Recovery Condition If =0.5A, Ir =1.0A, Irr =0.25A
3. Measured at 1.0 MHz and applied reverse voltage of 0Vdc
4. Device mounted on an epoxy-glass printed-circuit board, 1.5mm thick
Rev.A1
www.gulfsemi.com


Số phần tương tự - BYV26E

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
BYV26E PHILIPS-BYV26E Datasheet
69Kb / 12P
   Fast soft-recovery controlled avalanche rectifiers
1996 May 30
logo
Vishay Siliconix
BYV26E VISHAY-BYV26E Datasheet
121Kb / 4P
   Ultra-Fast Avalanche Sinterglass Diode
Rev. 1.8, 04-Sep-12
logo
New Jersey Semi-Conduct...
BYV26E NJSEMI-BYV26E Datasheet
159Kb / 2P
   Ultra-Fast Avalanche Sinterglass Diode
logo
Vishay Siliconix
BYV26E VISHAY-BYV26E Datasheet
41Kb / 4P
   Very Fast Soft-Recovery Avalanche Rectifier
Rev. 2, 24-Jun-98
BYV26E VISHAY-BYV26E Datasheet
121Kb / 4P
   Ultra-Fast Avalanche Sinterglass Diode
Rev. 1.8, 04-Sep-12
More results

Mô tả tương tự - BYV26E

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Gulf Semiconductor
BYT56M GULFSEMI-BYT56M Datasheet
153Kb / 2P
   SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE竊?000V CURRENT: 3.0A
BYM36E GULFSEMI-BYM36E Datasheet
76Kb / 2P
   SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE竊?000V CURRENT: 3.0A
BYT54M GULFSEMI-BYT54M Datasheet
88Kb / 2P
   SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE竊?000V CURRENT: 1.25A
G1.5M GULFSEMI-G1.5M Datasheet
80Kb / 2P
   SINTERED GLASS JUNCTION AVALANCHE RECTIFIER VOLTAGE竊?000V CURRENT: 1.5A
BYV26EGP-15 GULFSEMI-BYV26EGP-15 Datasheet
83Kb / 2P
   SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE竊?000V CURRENT: 1.0A
FE1.5M GULFSEMI-FE1.5M Datasheet
80Kb / 2P
   SINTERED GLASS JUNCTION ULTRAFAST AVALANCHE RECTIFIER VOLTAGE竊?000V CURRENT: 1.5A
BYV26B GULFSEMI-BYV26B Datasheet
83Kb / 2P
   SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE竊?00V CURRENT: 1.0A
BYV26D GULFSEMI-BYV26D Datasheet
83Kb / 2P
   SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE竊?00V CURRENT: 1.0A
BYV26A GULFSEMI-BYV26A Datasheet
80Kb / 2P
   SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE竊?00V CURRENT: 1.0A
BYW56 GULFSEMI-BYW56 Datasheet
79Kb / 2P
   SINTERED GLASS JUNCTION GENERAL AVALANCHE RECTIFIER VOLTAGE竊?000V CURRENT: 2.0A
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com