công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BY268GP bảng dữ liệu(PDF) 1 Page - Gulf Semiconductor

tên linh kiện BY268GP
Giải thích chi tiết về linh kiện  SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:1400 TO 1600V CURRENT: 0.8A
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  GULFSEMI [Gulf Semiconductor]
Trang chủ  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor

BY268GP bảng dữ liệu(HTML) 1 Page - Gulf Semiconductor

  BY268GP Datasheet HTML 1Page - Gulf Semiconductor BY268GP Datasheet HTML 2Page - Gulf Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BY268GP THRU BY269GP
SINTERED GLASS JUNCTION
FAST SWITCHING PLASTIC RECTIFIER
VOLTAGE:1400 TO 1600V
CURRENT: 0.8A
FEATURE
DO-41\DO-204AL
High temperature metallurgically bonded construction
Sintered glass cavity free junction
Capability of meeting environmental standard of
MIL-S-19500
High temperature soldering guaranteed
350
°C/10sec/0.375”lead length at 5 lbs tension
Operate at Ta =55
°C with no thermal run away
Typical Ir<0.2
µA
MECHANICAL DATA
Terminal: Plated axial leads solderable per
MIL-STD 202E, method 208C
Case: Molded with UL-94 Class V-0 recognized Flame
Retardant Epoxy
Polarity: color band denotes cathode
Mounting position: any
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(single-phase, half-wave, 60HZ, resistive or inductive load rating at 25
°C, unless otherwise stated)
SYMBOL
BY268GP
BY269GP
units
Maximum Recurrent Peak Reverse Voltage
Vrrm
1400
1600
V
Maximum RMS Voltage
Vrms
980
1120
V
Maximum DC blocking Voltage
Vdc
1400
1600
V
Non-Repetitive Peak Reverse Voltage
VRSM
1600
1800
V
Maximum Average Forward Rectified
Current 3/8”lead length at Ta =55
°C
If(av)
0.8
A
Peak Forward Surge Current 8.3ms single
half sine-wave superimposed on rated load
Ifsm
20.0
A
Maximum Forward Voltage at 0.4A and 25
°C
Vf
1.25
V
Maximum full load reverse current full cycle
Average at 55
°C Ambient
Ir(av)
100
µA
Maximum DC Reverse Current
Ta =25
°C
at rated DC blocking voltage
Ta =150
°C
Ir
5.0
100.0
µA
µA
Maximum Reverse Recovery Time
(Note 1)
Trr
400
nS
Non
Repetitive
Reverse
Avalanche
Energy
at
IBR(R)=0.4A
ERSM
10
mJ
Typical Junction Capacitance
(Note 2)
Cj
5.0
pF
Typical Thermal Resistance
(Note 3)
Rth(ja)
65.0
°C /W
Storage and Operating Junction Temperature
Tstg, Tj
-65 to +175
°C
Note:
1. Reverse Recovery Condition If =0.5A, Ir =1.0A, Irr =0.25A
2. Measured at 1.0 MHz and applied reverse voltage of 4.0Vdc
3. Thermal Resistance from Junction to Ambient at 3/8”lead length, P.C. Board Mounted
Rev.A1
www.gulfsemi.com


Số phần tương tự - BY268GP

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Vishay Siliconix
BY268 VISHAY-BY268 Datasheet
37Kb / 3P
   Silicon Mesa Rectifiers
Rev. 2, 24-Jun-98
logo
Diodes Incorporated
BY268 DIODES-BY268 Datasheet
75Kb / 2P
   0.8A FAST RECOVERY HIGH VOLTAGE GLASS BODY RECTIFIER
DS30035 Rev. A
logo
Vishay Siliconix
BY268 VISHAY-BY268 Datasheet
130Kb / 5P
   Fast Avalanche Sinterglass Diode
Rev. 1.6, 13-Apr-05
logo
Gulf Semiconductor
BY268 GULFSEMI-BY268 Datasheet
133Kb / 2P
   SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE:1400 CURRENT: 0.8A
logo
Vishay Siliconix
BY268 VISHAY-BY268 Datasheet
119Kb / 4P
   Fast Avalanche Sinterglass Diode
Rev. 1.7, 25-Aug-10
More results

Mô tả tương tự - BY268GP

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Gulf Semiconductor
BY268 GULFSEMI-BY268 Datasheet
133Kb / 2P
   SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE:1400 CURRENT: 0.8A
GP10Y GULFSEMI-GP10Y Datasheet
160Kb / 2P
   SINTERED GLASS JUNCTION PLASTIC RECTIFIER VOLTAGE:1600V CURRENT: 1.0A
GP30N GULFSEMI-GP30N Datasheet
139Kb / 2P
   SINTERED GLASS JUNCTION PLASTIC RECTIFIER VOLTAGE:1100V to 1600V CURRENT: 3.0A
GP08A GULFSEMI-GP08A Datasheet
136Kb / 2P
   SINTERED GLASS JUNCTION PLASTIC RECTIFIER VOLTAGE:50 TO 600V CURRENT: 0.8A
RGPB30J GULFSEMI-RGPB30J Datasheet
127Kb / 2P
   SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:600V CURRENT: 3.0A
BY203-20S GULFSEMI-BY203-20S Datasheet
85Kb / 2P
   SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE: 2000V CURRENT: 0.25A
GUFB15M GULFSEMI-GUFB15M Datasheet
102Kb / 2P
   SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE: 1000V CURRENT: 1.5A
logo
Rectron Semiconductor
BYV26EGP RECTRON-BYV26EGP Datasheet
69Kb / 4P
   SINTERED GLASS JUNCTION FAST SWITCHING PlASTIC RECTIFIER
logo
Gulf Semiconductor
RU2KGF GULFSEMI-RU2KGF Datasheet
224Kb / 2P
   SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:800V CURRENT: 1.0A
RU4TGR GULFSEMI-RU4TGR Datasheet
134Kb / 2P
   SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:1300V CURRENT: 3.0A
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com