công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BA159G bảng dữ liệu(PDF) 1 Page - Gulf Semiconductor

tên linh kiện BA159G
Giải thích chi tiết về linh kiện  GLASS PASSIVATED FAST RECOVERY RECTIFIER VOLTAGE: 400 TO 1000V CURRENT: 1.0A
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  GULFSEMI [Gulf Semiconductor]
Trang chủ  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor

BA159G bảng dữ liệu(HTML) 1 Page - Gulf Semiconductor

  BA159G Datasheet HTML 1Page - Gulf Semiconductor BA159G Datasheet HTML 2Page - Gulf Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BA157G THRU BA159G
GLASS PASSIVATED
FAST RECOVERY RECTIFIER
VOLTAGE: 400 TO 1000V
CURRENT: 1.0A
FEATURE
DO - 41\DO- 204AL
Molded case feature for auto insertion
High current capability
Low leakage current
Fast switching capability
High temperature soldering guaranteed
250°C /10sec/0.375" lead length at 5 lbs tension
Glass Passivated chip
MECHANICAL DATA
Terminal: Plated axial leads solderable per
MIL-STD 202E, method 208C
Case: Molded with UL-94 Class V-0 recognized Flame
Retardant Epoxy
Polarity: color band denotes cathode
Mounting position: any
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(single-phase, half-wave, 60HZ, resistive or inductive load rating at 25°C, unless otherwise stated)
SYMBOL
BA157G
BA158G
BA159G
units
Maximum Recurrent Peak Reverse Voltage
Vrrm
400
600
1000
V
Maximum RMS Voltage
Vrms
280
420
700
V
Maximum DC blocking Voltage
Vdc
400
600
1000
V
Maximum Average Forward Rectified Current
3/8" lead length at Ta =55°C
If(av)
1.0
A
Peak Forward Surge Current 8.3ms single
Half sine-wave superimposed on rated load
Ifsm
30.0
A
Maximum Instantaneous Forward Voltage at
Rated forward current
Vf
1.25
V
Maximum DC Reverse Current
Ta =25°C
At rated DC blocking voltage
Ta =125°C
Ir
5.0
100.0
µ
A
Typical Junction Capacitance
(Note 1)
Cj
15.0
pF
Typical Thermal Resistance
(Note 2)
Rth(ja)
55
°C/W
Maximum Reverse Recovery Time (Note 3)
Trr
150
250
nS
Storage and Operating Junction Temperature
Tstg, Tj
-55 to +150
°C
Note:
1. Measured at 1.0 MHz and applied voltage of 4.0Vdc
2. Thermal resistance from junction to ambient at 0.375" (9.5 mm) lead length, P.C.B. mounted
Test Condition If =0.5A, Ir =1.0A, Irr =0.25A
Rev.A1
www.gulfsemi.com


Số phần tương tự - BA159G

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Leshan Radio Company
BA159G LRC-BA159G Datasheet
51Kb / 2P
   FAST GPP DIODES
logo
Zibo Seno Electronic En...
BA159G ZSELEC-BA159G Datasheet
85Kb / 2P
   1.0A GLASS PASSIVATED FAST RECOVERY DIODE
logo
Taiwan Semiconductor Co...
BA159G TSC-BA159G Datasheet
244Kb / 2P
   1.0 AMP. Glass Passivated Fast Recovery Rectifiers
logo
Microdiode Electronics ...
BA159G CHENDA-BA159G Datasheet
585Kb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIERS
logo
Taiwan Semiconductor Co...
BA159G TSC-BA159G Datasheet
66Kb / 2P
   1.0 AMP. Glass Passivated Fast Recovery Rectifiers
More results

Mô tả tương tự - BA159G

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Gulf Semiconductor
RGPP1A GULFSEMI-RGPP1A Datasheet
424Kb / 2P
   GLASS PASSIVATED FAST RECOVERY RECTIFIER VOLTAGE: 50 TO 1000V CURRENT: 1.0A
FR101G GULFSEMI-FR101G Datasheet
100Kb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIER VOLTAGE:50 TO 1000V CURRENT:1.0A
FR101G-E GULFSEMI-FR101G-E Datasheet
103Kb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIER VOLTAGE: 50 to 1000V CURRENT: 1.0A
RGPP3A GULFSEMI-RGPP3A Datasheet
400Kb / 2P
   GLASS PASSIVATED FAST RECOVERY RECTIFIER VOLTAGE: 50 TO 1000V CURRENT: 1.0A
1F1G GULFSEMI-1F1G Datasheet
146Kb / 2P
   FAST RECOVERY GLASS PASSIVATED JUNCTION RECTIFIER VOLTAGE: 50 TO 1000V CURRENT: 1.0A
RGPP1Q GULFSEMI-RGPP1Q Datasheet
83Kb / 2P
   GLASS PASSIVATED FAST RECOVERY RECTIFIER VOLTAGE: 1200V CURRENT: 1.0A
RU1JG GULFSEMI-RU1JG Datasheet
84Kb / 2P
   GLASS PASSIVATED FAST RECOVERY RECTIFIER VOLTAGE: 600V CURRENT: 1.0A
SRGPP10Y GULFSEMI-SRGPP10Y Datasheet
78Kb / 2P
   GLASS PASSIVATED FAST RECOVERY RECTIFIER VOLTAGE: 1600V CURRENT: 1.0A
TVR1GPP GULFSEMI-TVR1GPP Datasheet
99Kb / 2P
   GLASS PASSIVATED FAST RECOVERY RECTIFIER VOLTAGE: 400V CURRENT: 1.0A
1N4007G-1 GULFSEMI-1N4007G-1 Datasheet
91Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER VOLTAGE: 1000V CURRENT: 1.0A
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com