công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LMZ12003TZX-ADJ bảng dữ liệu(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
tên linh kiện LMZ12003TZX-ADJ
Giải thích chi tiết về linh kiện  3A SIMPLE SWITCHER짰 Power Module with 20V Maximum Input Voltage
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NSC [National Semiconductor (TI)]
Trang chủ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMZ12003TZX-ADJ bảng dữ liệu(HTML) 2 Page - National Semiconductor (TI)

  LMZ12003TZX-ADJ Datasheet HTML 1Page - National Semiconductor (TI) LMZ12003TZX-ADJ Datasheet HTML 2Page - National Semiconductor (TI) LMZ12003TZX-ADJ Datasheet HTML 3Page - National Semiconductor (TI) LMZ12003TZX-ADJ Datasheet HTML 4Page - National Semiconductor (TI) LMZ12003TZX-ADJ Datasheet HTML 5Page - National Semiconductor (TI) LMZ12003TZX-ADJ Datasheet HTML 6Page - National Semiconductor (TI) LMZ12003TZX-ADJ Datasheet HTML 7Page - National Semiconductor (TI) LMZ12003TZX-ADJ Datasheet HTML 8Page - National Semiconductor (TI) LMZ12003TZX-ADJ Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Simplified Application Schematic
30109001
Connection Diagram
30109009
Top View
7-Lead TO-PMOD
Ordering Information
Order Number
Package Type
NSC Package Drawing
Supplied As
LMZ12003TZ-ADJ
TO-PMOD-7
TZA07A
250 Units on Tape and Reel
LMZ12003TZX-ADJ
TO-PMOD-7
TZA07A
500 Units on Tape and Reel
LMZ12003TZE-ADJ
TO-PMOD-7
TZA07A
45 Units in a Rail
Pin Descriptions
Pin
Name
Description
1
VIN
Supply input — Nominal operating range is 4.5V to 20V . A small amount of internal capacitance is contained within
the package assembly. Additional external input capacitance is required between this pin and exposed pad.
2
RON
On Time Resistor — An external resistor from V
IN to this pin sets the on-time of the application. Typical values range
from 25k to 124k ohms.
3
EN
Enable — Input to the precision enable comparator. Rising threshold is 1.18V nominal; 90 mV hysteresis nominal.
Maximum recommended input level is 6.5V.
4
GND
Ground — Reference point for all stated voltages. Must be externally connected to EP.
5
SS
Soft-Start — An internal 8 µA current source charges an external capacitor to produce the soft-start function. This node
is discharged at 200 µA during disable, over-current, thermal shutdown and internal UVLO conditions.
www.national.com
2


Số phần tương tự - LMZ12003TZX-ADJ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LMZ12003TZX-ADJ NSC-LMZ12003TZX-ADJ Datasheet
1Mb / 16P
   3A SIMPLE SWITCHER짰 Power Module with 20V Maximum
logo
Texas Instruments
LMZ12003TZX-ADJ/NOPB TI1-LMZ12003TZX-ADJ/NOPB Datasheet
2Mb / 24P
[Old version datasheet]   3A SIMPLE SWITCHER짰 Power Module with 20V Maximum Input Voltage
More results

Mô tả tương tự - LMZ12003TZX-ADJ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LMZ12003TZ-ADJ-NOPB TI1-LMZ12003TZ-ADJ-NOPB Datasheet
2Mb / 24P
[Old version datasheet]   3A SIMPLE SWITCHER짰 Power Module with 20V Maximum Input Voltage
logo
National Semiconductor ...
LMZ12003 NSC-LMZ12003 Datasheet
1Mb / 16P
   3A SIMPLE SWITCHER짰 Power Module with 20V Maximum
logo
Texas Instruments
LMZ12008 TI1-LMZ12008 Datasheet
1Mb / 24P
[Old version datasheet]   SIMPLE SWITCHER짰 Power Module with 20V Maximum Input Voltage
logo
National Semiconductor ...
LMZ12002 NSC-LMZ12002 Datasheet
1Mb / 18P
   2A SIMPLE SWITCHER짰 Power Module with 20V Maximum Input Voltage
LMZ12002 NSC-LMZ12002_1 Datasheet
1Mb / 18P
   2A SIMPLE SWITCHER짰 Power Module with 20V Maximum Input Voltage
LMZ12001 NSC-LMZ12001 Datasheet
1Mb / 18P
   1A SIMPLE SWITCHER짰 Power Module with 20V Maximum Input Voltage
logo
Texas Instruments
LMZ22008 TI1-LMZ22008_14 Datasheet
1Mb / 27P
[Old version datasheet]   8A SIMPLE SWITCHER짰 Power Module with 20V Maximum Input Voltage
logo
National Semiconductor ...
LMZ10503 NSC-LMZ10503 Datasheet
980Kb / 22P
   3A SIMPLE SWITCHER짰 Power Module with 5.5V Maximum Input Voltage
LMZ10503_1006 NSC-LMZ10503_1006 Datasheet
980Kb / 22P
   3A SIMPLE SWITCHER짰 Power Module with 5.5V Maximum Input Voltage
LMZ14203 NSC-LMZ14203_11 Datasheet
1Mb / 18P
   3A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com