công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LMZ12003TZ-ADJ bảng dữ liệu(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
tên linh kiện LMZ12003TZ-ADJ
Giải thích chi tiết về linh kiện  3A SIMPLE SWITCHER짰 Power Module with 20V Maximum Input Voltage
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NSC [National Semiconductor (TI)]
Trang chủ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMZ12003TZ-ADJ bảng dữ liệu(HTML) 4 Page - National Semiconductor (TI)

  LMZ12003TZ-ADJ Datasheet HTML 1Page - National Semiconductor (TI) LMZ12003TZ-ADJ Datasheet HTML 2Page - National Semiconductor (TI) LMZ12003TZ-ADJ Datasheet HTML 3Page - National Semiconductor (TI) LMZ12003TZ-ADJ Datasheet HTML 4Page - National Semiconductor (TI) LMZ12003TZ-ADJ Datasheet HTML 5Page - National Semiconductor (TI) LMZ12003TZ-ADJ Datasheet HTML 6Page - National Semiconductor (TI) LMZ12003TZ-ADJ Datasheet HTML 7Page - National Semiconductor (TI) LMZ12003TZ-ADJ Datasheet HTML 8Page - National Semiconductor (TI) LMZ12003TZ-ADJ Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
VIN, RON to GND
-0.3V to 25V
EN, FB, SS to GND
-0.3V to 7V
Junction Temperature
150°C
Storage Temperature Range
-65°C to 150°C
ESD Susceptibility(Note 2)
± 2 kV
For soldering specifications:
see product folder at www.national.com and
www.national.com/ms/MS/MS-SOLDERING.pdf
Operating Ratings (Note 1)
V
IN
4.5V to 20V
EN
0V to 6.5V
Operation Junction Temperature
−40°C to 125°C
Electrical Characteristics Limits in standard type are for T
J = 25°C only; limits in boldface type apply over the
junction temperature (T
J) range of -40°C to +125°C. Minimum and Maximum limits are guaranteed through test, design or statistical
correlation. Typical values represent the most likely parametric norm at T
J = 25°C, and are provided for reference purposes only.
Unless otherwise stated the following conditions apply: V
IN = 12V, Vout = 1.8V
Symbol
Parameter
Conditions
Min
(Note 3)
Typ
(Note 4)
Max
(Note 3)
Units
SYSTEM PARAMETERS
Enable Control
V
EN
EN threshold trip point
V
EN rising
1.1
1.18
1.25
V
V
EN-HYS
EN threshold hysteresis
V
EN falling
90
mV
Soft-Start
I
SS
SS source current
V
SS = 0V
5
8
11
µA
I
SS-DIS
SS discharge current
-200
µA
Current Limit
I
CL
Current limit threshold
d.c. average
V
IN= 12V to 20V
3.2
4.2
5.25
A
ON/OFF Timer
t
ON-MIN
ON timer minimum pulse width
150
ns
t
OFF
OFF timer pulse width
260
ns
Regulation and Over-Voltage Comparator
V
FB
In-regulation feedback voltage
V
SS >+ 0.8V
T
J = -40°C to 125°C
I
O = 3A
0.773
0.793
0.813
V
V
SS >+ 0.8V
T
J = 25°C
I
O = 10 mA
0.784
0.800
0.816
V
FB-OV
Feedback over-voltage
protection threshold
0.92
V
I
FB
Feedback input bias current
5
nA
I
Q
Non Switching Input Current
V
FB= 0.86V
1
mA
I
SD
Shut Down Quiescent Current
V
EN= 0V
25
μA
Thermal Characteristics
T
SD
Thermal Shutdown
Rising
165
°C
T
SD-HYST
Thermal shutdown hysteresis
Falling
15
°C
θ
JA
Junction to Ambient
4 layer JEDEC Printed Circuit Board,
100 vias, No air flow
19.3
°C/W
2 layer JEDEC Printed Circuit Board, No
air flow
21.5
°C/W
θ
JC
Junction to Case
No air flow
1.9
°C/W
PERFORMANCE PARAMETERS
ΔV
O
Output Voltage Ripple
8
mV
PP
ΔV
O/ΔVIN
Line Regulation
V
IN = 8V to 20V, IO= 3A
.01
%
ΔV
O/ΔVIN
Load Regulation
V
IN = 12V
1.5
mV/A
www.national.com
4


Số phần tương tự - LMZ12003TZ-ADJ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LMZ12003TZ-ADJ NSC-LMZ12003TZ-ADJ Datasheet
1Mb / 16P
   3A SIMPLE SWITCHER짰 Power Module with 20V Maximum
logo
Texas Instruments
LMZ12003TZ-ADJ-NOPB TI1-LMZ12003TZ-ADJ-NOPB Datasheet
2Mb / 24P
[Old version datasheet]   3A SIMPLE SWITCHER짰 Power Module with 20V Maximum Input Voltage
LMZ12003TZ-ADJ/NOPB TI1-LMZ12003TZ-ADJ/NOPB Datasheet
2Mb / 24P
[Old version datasheet]   3A SIMPLE SWITCHER짰 Power Module with 20V Maximum Input Voltage
More results

Mô tả tương tự - LMZ12003TZ-ADJ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LMZ12003TZ-ADJ-NOPB TI1-LMZ12003TZ-ADJ-NOPB Datasheet
2Mb / 24P
[Old version datasheet]   3A SIMPLE SWITCHER짰 Power Module with 20V Maximum Input Voltage
logo
National Semiconductor ...
LMZ12003 NSC-LMZ12003 Datasheet
1Mb / 16P
   3A SIMPLE SWITCHER짰 Power Module with 20V Maximum
logo
Texas Instruments
LMZ12008 TI1-LMZ12008 Datasheet
1Mb / 24P
[Old version datasheet]   SIMPLE SWITCHER짰 Power Module with 20V Maximum Input Voltage
logo
National Semiconductor ...
LMZ12002 NSC-LMZ12002 Datasheet
1Mb / 18P
   2A SIMPLE SWITCHER짰 Power Module with 20V Maximum Input Voltage
LMZ12002 NSC-LMZ12002_1 Datasheet
1Mb / 18P
   2A SIMPLE SWITCHER짰 Power Module with 20V Maximum Input Voltage
LMZ12001 NSC-LMZ12001 Datasheet
1Mb / 18P
   1A SIMPLE SWITCHER짰 Power Module with 20V Maximum Input Voltage
logo
Texas Instruments
LMZ22008 TI1-LMZ22008_14 Datasheet
1Mb / 27P
[Old version datasheet]   8A SIMPLE SWITCHER짰 Power Module with 20V Maximum Input Voltage
logo
National Semiconductor ...
LMZ10503 NSC-LMZ10503 Datasheet
980Kb / 22P
   3A SIMPLE SWITCHER짰 Power Module with 5.5V Maximum Input Voltage
LMZ10503_1006 NSC-LMZ10503_1006 Datasheet
980Kb / 22P
   3A SIMPLE SWITCHER짰 Power Module with 5.5V Maximum Input Voltage
LMZ14203 NSC-LMZ14203_11 Datasheet
1Mb / 18P
   3A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com