công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LMZ12003 bảng dữ liệu(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
tên linh kiện LMZ12003
Giải thích chi tiết về linh kiện  3A SIMPLE SWITCHER짰 Power Module with 20V Maximum Input Voltage
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NSC [National Semiconductor (TI)]
Trang chủ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMZ12003 bảng dữ liệu(HTML) 9 Page - National Semiconductor (TI)

Back Button LMZ12003_1 Datasheet HTML 5Page - National Semiconductor (TI) LMZ12003_1 Datasheet HTML 6Page - National Semiconductor (TI) LMZ12003_1 Datasheet HTML 7Page - National Semiconductor (TI) LMZ12003_1 Datasheet HTML 8Page - National Semiconductor (TI) LMZ12003_1 Datasheet HTML 9Page - National Semiconductor (TI) LMZ12003_1 Datasheet HTML 10Page - National Semiconductor (TI) LMZ12003_1 Datasheet HTML 11Page - National Semiconductor (TI) LMZ12003_1 Datasheet HTML 12Page - National Semiconductor (TI) LMZ12003_1 Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
charging until it reaches approximately 3.8V on the SS pin.
Voltage levels between 0.8V and 3.8V have no effect on other
circuit operation. Note that the following conditions will reset
the soft-start capacitor by discharging the SS input to ground
with an internal 200
μA current sink.
• The enable input being “pulled low”
• Thermal shutdown condition
• Over-current fault
• Internal Vcc UVLO (Approx 4V input to V
IN)
C
O SELECTION
None of the required C
O output capacitance is contained with-
in the module. At a minimum, the output capacitor must meet
the worst case minimum ripple current rating of 0.5 * I
LR P-P,
as calculated in equation (19) below. Beyond that, additional
capacitance will reduce output ripple so long as the ESR is
low enough to permit it. A minimum value of 10
μF is generally
required. Experimentation will be required if attempting to op-
erate with a minimum value. Ceramic capacitors or other low
ESR types are recommended. See AN-2024 for more detail.
The following equation provides a good first pass approxima-
tion of C
O for load transient requirements:
C
OISTEP*VFB*L*VIN/ (4*VO*(VIN—VO)*VOUT-TRAN)(6)
Solving:
C
O3A*0.8V*6.8μH*12V / (4*3.3V*( 12V — 3.3V)*33mV)
52μF (7)
The LMZ12003 demonstration and evaluation boards are
populated with a 100 uF 6.3V X5R output capacitor. Locations
for extra output capacitors are provided.
C
IN SELECTION
The LMZ12003 module contains an internal 0.47 µF input ce-
ramic capacitor. Additional input capacitance is required ex-
ternal to the module to handle the input ripple current of the
application. This input capacitance should be located in very
close proximity to the module. Input capacitor selection is
generally directed to satisfy the input ripple current require-
ments rather than by capacitance value. Worst case input
ripple current rating is dictated by the equation:
I(C
IN(RMS)) 1 /2 * IO * (D / 1-D) (8)
where D
V
O / VIN
(As a point of reference, the worst case ripple current will oc-
cur when the module is presented with full load current and
when V
IN = 2 * VO).
Recommended minimum input capacitance is 10uF X7R ce-
ramic with a voltage rating at least 25% higher than the
maximum applied input voltage for the application. It is also
recommended that attention be paid to the voltage and tem-
perature deratings of the capacitor selected. It should be
noted that ripple current rating of ceramic capacitors may be
missing from the capacitor data sheet and you may have to
contact the capacitor manufacturer for this rating.
If the system design requires a certain minimum value of input
ripple voltage
ΔV
IN be maintained then the following equation
may be used.
C
IN IO * D * (1–D) / fSW-CCM * ΔVIN(9)
If
ΔV
IN is 1% of VIN for a 20V input to 3.3V output application
this equals 200 mV and f
SW = 400 kHz.
C
IN3A * 3.3V/20V * (1– 3.3V/20V) / (400000 * 0.200 V)
5.2μF
Additional bulk capacitance with higher ESR may be required
to damp any resonant effects of the input capacitance and
parasitic inductance of the incoming supply lines.
R
ON RESISTOR SELECTION
Many designs will begin with a desired switching frequency in
mind. For that purpose the following equation can be used.
f
SW(CCM) VO / (1.3 * 10
-10 * R
ON) (10)
This can be rearranged as
R
ON VO / (1.3 * 10
-10 * f
SW(CCM) (11)
The selection of RON and f
SW(CCM) must be confined by limi-
tations in the on-time and off-time for the COT control section.
The on-time of the LMZ12003 timer is determined by the re-
sistor R
ON and the input voltage VIN. It is calculated as follows:
t
ON = (1.3 * 10
-10 * R
ON) / VIN (12)
The inverse relationship of t
ON and VIN gives a nearly constant
switching frequency as VIN is varied. R
ON should be selected
such that the on-time at maximum V
IN is greater than 150 ns.
The on-timer has a limiter to ensure a minimum of 150 ns for
t
ON. This limits the maximum operating frequency, which is
governed by the following equation:
f
SW(MAX) = VO / (VIN(MAX) * 150 nsec) (13)
This equation can be used to select R
ON if a certain operating
frequency is desired so long as the minimum on-time of 150
ns is observed. The limit for R
ON can be calculated as follows:
R
ON VIN(MAX) * 150 nsec / (1.3 * 10
-10) (14)
If R
ON calculated in (11) is less than the minimum value de-
termined in (14) a lower frequency should be selected. Alter-
natively, V
IN(MAX) can also be limited in order to keep the
frequency unchanged.
Additionally note, the minimum off-time of 260 ns limits the
maximum duty ratio. Larger R
ON (lower FSW) should be se-
lected in any application requiring large duty ratio.
Discontinuous Conduction and Continuous Conduction
Modes
At light load the regulator will operate in discontinuous con-
duction mode (DCM). With load currents above the critical
conduction point, it will operate in continuous conduction
mode (CCM). When operating in DCM the switching cycle
begins at zero amps inductor current; increases up to a peak
value, and then recedes back to zero before the end of the
off-time. Note that during the period of time that inductor cur-
rent is zero, all load current is supplied by the output capacitor.
The next on-time period starts when the voltage on the at the
FB pin falls below the internal reference. The switching fre-
quency is lower in DCM and varies more with load current as
compared to CCM. Conversion efficiency in DCM is main-
tained since conduction and switching losses are reduced
with the smaller load and lower switching frequency. Operat-
ing frequency in DCM can be calculated as follows:
f
SW(DCM)VO*(VIN-1)*6.8μH*1.18*10
20*I
O/(VIN–VO)*RON
2 (15)
In CCM, current flows through the inductor through the entire
switching cycle and never falls to zero during the off-time. The
switching frequency remains relatively constant with load cur-
rent and line voltage variations. The CCM operating frequen-
cy can be calculated using equation 7 above.
Following is a comparison pair of waveforms of the showing
both CCM (upper) and DCM operating modes.
9
www.national.com


Số phần tương tự - LMZ12003_1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LMZ12003 TI-LMZ12003_15 Datasheet
1Mb / 28P
[Old version datasheet]   LMZ12003 3-A Simple Switcher짰 Power Module with 20-V Maximum Input Voltage
More results

Mô tả tương tự - LMZ12003_1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LMZ12003TZ-ADJ-NOPB TI1-LMZ12003TZ-ADJ-NOPB Datasheet
2Mb / 24P
[Old version datasheet]   3A SIMPLE SWITCHER짰 Power Module with 20V Maximum Input Voltage
logo
National Semiconductor ...
LMZ12003 NSC-LMZ12003 Datasheet
1Mb / 16P
   3A SIMPLE SWITCHER짰 Power Module with 20V Maximum
logo
Texas Instruments
LMZ12008 TI1-LMZ12008 Datasheet
1Mb / 24P
[Old version datasheet]   SIMPLE SWITCHER짰 Power Module with 20V Maximum Input Voltage
logo
National Semiconductor ...
LMZ12002 NSC-LMZ12002 Datasheet
1Mb / 18P
   2A SIMPLE SWITCHER짰 Power Module with 20V Maximum Input Voltage
LMZ12002 NSC-LMZ12002_1 Datasheet
1Mb / 18P
   2A SIMPLE SWITCHER짰 Power Module with 20V Maximum Input Voltage
LMZ12001 NSC-LMZ12001 Datasheet
1Mb / 18P
   1A SIMPLE SWITCHER짰 Power Module with 20V Maximum Input Voltage
logo
Texas Instruments
LMZ22008 TI1-LMZ22008_14 Datasheet
1Mb / 27P
[Old version datasheet]   8A SIMPLE SWITCHER짰 Power Module with 20V Maximum Input Voltage
logo
National Semiconductor ...
LMZ10503 NSC-LMZ10503 Datasheet
980Kb / 22P
   3A SIMPLE SWITCHER짰 Power Module with 5.5V Maximum Input Voltage
LMZ10503_1006 NSC-LMZ10503_1006 Datasheet
980Kb / 22P
   3A SIMPLE SWITCHER짰 Power Module with 5.5V Maximum Input Voltage
LMZ14203 NSC-LMZ14203_11 Datasheet
1Mb / 18P
   3A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com