công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

N02L63W3AT5I bảng dữ liệu(PDF) 11 Page - ON Semiconductor

tên linh kiện N02L63W3AT5I
Giải thích chi tiết về linh kiện  2Mb Ultra-Low Power Asynchronous CMOS SRAM 128K16bit
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

N02L63W3AT5I bảng dữ liệu(HTML) 11 Page - ON Semiconductor

Back Button N02L63W3AT5I Datasheet HTML 3Page - ON Semiconductor N02L63W3AT5I Datasheet HTML 4Page - ON Semiconductor N02L63W3AT5I Datasheet HTML 5Page - ON Semiconductor N02L63W3AT5I Datasheet HTML 6Page - ON Semiconductor N02L63W3AT5I Datasheet HTML 7Page - ON Semiconductor N02L63W3AT5I Datasheet HTML 8Page - ON Semiconductor N02L63W3AT5I Datasheet HTML 9Page - ON Semiconductor N02L63W3AT5I Datasheet HTML 10Page - ON Semiconductor N02L63W3AT5I Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
Rev.
15 | Page 11 of 11 | www.onsemi.com
N02L63W3A
Ordering Information
Part Number
Package
Shipping Method
N02L63W3AT5I
Leaded 44-TSOP II
Tray
N02L63W2AT25I
Green 44-TSOP II (RoHS Compliant)
Tray
N02L63W3AB5I
Leaded 48-BGA
Tray
N02L63W3AB25I
Green 48-BGA (RoHS Compliant)
Tray
N02L63W3AT5IT
Leaded 44-TSOP II
Tape & Reel
N02L63W3AT25IT
Green 44-TSOP II (RoHS Compliant)
Tape & Reel
N02L63W3AB5IT
Leaded 48-BGA
Tape & Reel
N02L63W3AB25IT
Green 48-BGA (RoHS Compliant)
Tape & Reel
Revision History
Revision #
Date
Change Description
A
Dec. 1999
Initial Preliminary Release
B
Sept. 2000
Modified Voltage Range and Standby Current Limits.
C
Oct. 2000
Added Missing Tas Parameter Specification.
D
Oct. 2000
Modified Standby Current Specifications.
E
Jan. 2001
Extensive Modification to use voltage regulator design
F
Mar. 2001
Modified BGA pinout, access time 70ns @ 2.7V, misc. errata
G
May 2001
Changed access time to 55ns, modified 44-Lead TSOP Package diagram
H
June 2001
Revised voltage range in Timing table, revised Dimensions table
I
Sept. 2001
Minor parametric modifications, full production release
J
Dec. 2001
Part number change from EM128L16, modified Overview and Features, added Page Mode Operation
diagram, revised Operating Characteristics table, Package diagram, Functional Description table and
Ordering Information diagram
K
Nov. 2002
Replaced Isb and Icc on Product Family table with typical values
L
Oct. 2004
Added Pb-Free and Green Package Option
M
Nov. 2005
Removed Pb-Free Pkg, added Green Pkg and RoHS Compliant
N
September 2006
Converted to AMI Semiconductor
15
July 2008
Converted to ON Semiconductor and new part numbers
PUBLICATION ORDERING INFORMATION
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
PO Box 5163, Denver, Colorado 80217 USA
Phone: 303-675-2175 or 800-344-3860 Toll Free USA/Canada
Fax: 303-675-2176 or 800-344-3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
N. American Technical Support: 800-282-9855 Toll
Free USA/Canada
Europe, Middle East & Africa Technical Support: Phone
421-33-790-2910
Japan Customer Focus Center:
Phone 81-3-5773-3850
ON Semiconductor Website: www.onsemi.com
Order Literature: http://www.onsemi.com/orderlit
For additional information, please contact your local
Sales Representative
ON Semiconductor and
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without
further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does
SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special,
consequential or incidental damages. “Typical” parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications
and actual performance may vary over time. All operating parameters, including “Typicals” must be validated for each customer application by customer's technical
experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as
components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure
of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or
unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs,
damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or
unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative
Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.


Số phần tương tự - N02L63W3AT5I

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
N02L63W2A ONSEMI-N02L63W2A Datasheet
659Kb / 11P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 128K 횞 16 bit
July 2008 - Rev. 9
N02L63W2AB25I ONSEMI-N02L63W2AB25I Datasheet
659Kb / 11P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 128K 횞 16 bit
July 2008 - Rev. 9
N02L63W2AB25IT ONSEMI-N02L63W2AB25IT Datasheet
659Kb / 11P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 128K 횞 16 bit
July 2008 - Rev. 9
N02L63W2AB5I ONSEMI-N02L63W2AB5I Datasheet
659Kb / 11P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 128K 횞 16 bit
July 2008 - Rev. 9
N02L63W2AB5IT ONSEMI-N02L63W2AB5IT Datasheet
659Kb / 11P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 128K 횞 16 bit
July 2008 - Rev. 9
More results

Mô tả tương tự - N02L63W3AT5I

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NanoAmp Solutions, Inc.
N02L163WC2A NANOAMP-N02L163WC2A Datasheet
264Kb / 11P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 128K 횞 16 bit
logo
ON Semiconductor
N02L63W2A ONSEMI-N02L63W2A Datasheet
659Kb / 11P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 128K 횞 16 bit
July 2008 - Rev. 9
logo
NanoAmp Solutions, Inc.
N08L1618C2A NANOAMP-N08L1618C2A Datasheet
251Kb / 10P
   8Mb Ultra-Low Power Asynchronous CMOS SRAM 512K 횞 16bit
logo
ON Semiconductor
N08L6182A ONSEMI-N08L6182A Datasheet
192Kb / 10P
   8Mb Ultra-Low Power Asynchronous CMOS SRAM 512K 횞 16bit
July 2008 - Rev. 8
logo
NanoAmp Solutions, Inc.
N02L163WN1A NANOAMP-N02L163WN1A Datasheet
272Kb / 11P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM
logo
ON Semiconductor
N02L83W2A ONSEMI-N02L83W2A Datasheet
174Kb / 10P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 256K 횞 8 bit
July 2008 - Rev. 8
N01L83W2A ONSEMI-N01L83W2A Datasheet
527Kb / 10P
   1Mb Ultra-Low Power Asynchronous CMOS SRAM 128K 횞 8 bit
July 2008 - Rev. 10
N02L6181A ONSEMI-N02L6181A Datasheet
636Kb / 11P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 128Kx16 bit
July 2008 - Rev. 4
logo
NanoAmp Solutions, Inc.
N02L1618C1A NANOAMP-N02L1618C1A Datasheet
261Kb / 11P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 128Kx16 bit
N02M083WL1A NANOAMP-N02M083WL1A Datasheet
212Kb / 9P
   2Mb Ultra-Low Power Asynchronous Medical CMOS SRAM 256Kx8 bit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com