công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

N01L83W2A bảng dữ liệu(PDF) 1 Page - ON Semiconductor

tên linh kiện N01L83W2A
Giải thích chi tiết về linh kiện  1Mb Ultra-Low Power Asynchronous CMOS SRAM 128K 횞 8 bit
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

N01L83W2A bảng dữ liệu(HTML) 1 Page - ON Semiconductor

  N01L83W2A Datasheet HTML 1Page - ON Semiconductor N01L83W2A Datasheet HTML 2Page - ON Semiconductor N01L83W2A Datasheet HTML 3Page - ON Semiconductor N01L83W2A Datasheet HTML 4Page - ON Semiconductor N01L83W2A Datasheet HTML 5Page - ON Semiconductor N01L83W2A Datasheet HTML 6Page - ON Semiconductor N01L83W2A Datasheet HTML 7Page - ON Semiconductor N01L83W2A Datasheet HTML 8Page - ON Semiconductor N01L83W2A Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
©2008 SCILLC. All rights reserved.
Publication Order Number:
July 2008 - Rev.
10
N01L83W2A/D
N01L83W2A
1Mb Ultra-Low Power Asynchronous CMOS SRAM
128K × 8 bit
Overview
The N01L83W2A is an integrated memory device
containing a 1 Mbit Static Random Access Memory
organized as 131,072 words by 8 bits. The device
is designed and fabricated using ON
Semiconductor’s advanced CMOS technology to
provide both high-speed performance and ultra-low
power. The device operates with two chip enable
(CE1 and CE2) controls and output enable (OE) to
allow for easy memory expansion. The
N01L83W2A is optimal for various applications
where low-power is critical such as battery backup
and hand-held devices. The device can operate
over a very wide temperature range of -40oC to
+85oC and is available in JEDEC standard
packages compatible with other standard 128Kb x
8 SRAMs.
Features
• Single Wide Power Supply Range
2.3 to 3.6 Volts
• Very low standby current
2.0µA at 3.0V (Typical)
• Very low operating current
2.0mA at 3.0V and 1µs (Typical)
• Very low Page Mode operating current
0.8mA at 3.0V and 1µs (Typical)
• Simple memory control
Dual Chip Enables (CE1and CE2)
Output Enable (OE) for memory expansion
• Low voltage data retention
Vcc = 1.8V
• Very fast output enable access time
30ns OE access time
• Automatic power down to standby mode
• TTL compatible three-state output driver
Pin Configuration
Product Family
Part Number
Package Type
Operating
Temperature
Power
Supply
(Vcc)
Speed
Standby
Current (ISB),
Typical
Operating
Current (Icc),
Typical
N01L83W2AT
32 - TSOP I
-40oC to +85oC 2.3V - 3.6V
55ns @ 2.7V
70ns @ 2.3V
2
µA2 mA @ 1MHz
N01L83W2AN
32 - STSOP I
N01L83W2AT2
32 -TSOP I Green
N01L83W2AN2
32 - STSOP I Green
32-Pin
STSOP-I
TSOP-I
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
A11
A9
A8
A13
WE
CE2
A15
VCC
NC
A16
A14
A12
A7
A6
A5
A4
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
OE
A10
CE1
I/O7
I/O6
I/O5
I/O4
I/O3
VSS
I/O2
I/O1
I/O0
A0
A1
A2
A3
Pin Descriptions
Pin Name
Pin Function
A0-A16
Address Inputs
WE
Write Enable Input
CE1, CE2
Chip Enable Input
OE
Output Enable Input
I/O0-I/O7
Data Inputs/Outputs
VCC
Power
VSS
Ground
NC
Not Connected


Số phần tương tự - N01L83W2A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NanoAmp Solutions, Inc.
N01L0818L1AD-85I NANOAMP-N01L0818L1AD-85I Datasheet
228Kb / 9P
   1Mb Ultra-Low Power Asynchronous Medical CMOS SRAM 128Kx8 bit
N01L0818L1AN-85I NANOAMP-N01L0818L1AN-85I Datasheet
228Kb / 9P
   1Mb Ultra-Low Power Asynchronous Medical CMOS SRAM 128Kx8 bit
N01L083WC2A NANOAMP-N01L083WC2A Datasheet
118Kb / 1P
   1Mb Ultra-Low Power Asynchronous CMOS SRAM
N01L083WC2AN NANOAMP-N01L083WC2AN Datasheet
118Kb / 1P
   1Mb Ultra-Low Power Asynchronous CMOS SRAM
N01L083WC2AN2 NANOAMP-N01L083WC2AN2 Datasheet
118Kb / 1P
   1Mb Ultra-Low Power Asynchronous CMOS SRAM
More results

Mô tả tương tự - N01L83W2A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
N01L63W3A ONSEMI-N01L63W3A Datasheet
647Kb / 10P
   1Mb Ultra-Low Power Asynchronous CMOS SRAM 64K 횞 16 bit
July 2008 - Rev. 9
N01L63W2A ONSEMI-N01L63W2A Datasheet
657Kb / 10P
   1Mb Ultra-Low Power Asynchronous CMOS SRAM 64K 횞 16 bit
July 2008 - Rev. 9
logo
NanoAmp Solutions, Inc.
N02L163WC2A NANOAMP-N02L163WC2A Datasheet
264Kb / 11P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 128K 횞 16 bit
logo
ON Semiconductor
N02L63W2A ONSEMI-N02L63W2A Datasheet
659Kb / 11P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 128K 횞 16 bit
July 2008 - Rev. 9
N01L6183A ONSEMI-N01L6183A Datasheet
1Mb / 10P
   1Mb Ultra-Low Power Asynchronous CMOS SRAM
July 2008 - Rev. 8
logo
NanoAmp Solutions, Inc.
N01L163WN1A NANOAMP-N01L163WN1A Datasheet
260Kb / 10P
   1Mb Ultra-Low Power Asynchronous CMOS SRAM
N01L083WC2A NANOAMP-N01L083WC2A Datasheet
118Kb / 1P
   1Mb Ultra-Low Power Asynchronous CMOS SRAM
logo
ON Semiconductor
N02L63W3A ONSEMI-N02L63W3A Datasheet
664Kb / 11P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 128K 횞 16bit
July 2008 - Rev. 15
logo
NanoAmp Solutions, Inc.
N01L163WC2A NANOAMP-N01L163WC2A Datasheet
274Kb / 11P
   1Mb Ultra-Low Power Asynchronous CMOS SRAM
N01L1618N1A NANOAMP-N01L1618N1A Datasheet
222Kb / 10P
   1Mb Ultra-Low Power Asynchronous CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com