công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC74HCT4053ADWR2G bảng dữ liệu(PDF) 7 Page - ON Semiconductor

tên linh kiện MC74HCT4053ADWR2G
Giải thích chi tiết về linh kiện  Analog Multiplexers / Demultiplexers with LSTTL Compatible Inputs
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74HCT4053ADWR2G bảng dữ liệu(HTML) 7 Page - ON Semiconductor

Back Button MC74HCT4053ADWR2G Datasheet HTML 3Page - ON Semiconductor MC74HCT4053ADWR2G Datasheet HTML 4Page - ON Semiconductor MC74HCT4053ADWR2G Datasheet HTML 5Page - ON Semiconductor MC74HCT4053ADWR2G Datasheet HTML 6Page - ON Semiconductor MC74HCT4053ADWR2G Datasheet HTML 7Page - ON Semiconductor MC74HCT4053ADWR2G Datasheet HTML 8Page - ON Semiconductor MC74HCT4053ADWR2G Datasheet HTML 9Page - ON Semiconductor MC74HCT4053ADWR2G Datasheet HTML 10Page - ON Semiconductor MC74HCT4053ADWR2G Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
MC74HCT4051A, MC74HCT4052A, MC74HCT4053A
http://onsemi.com
7
ADDITIONAL APPLICATION CHARACTERISTICS (GND = 0 V)
Symbol
Parameter
Condition
VCC
V
VEE
V
Limit*
Unit
25°C
BW
Maximum On−Channel Bandwidth
or Minimum Frequency Response
(Figure 12)
fin = 1 MHz Sine Wave; Adjust fin Voltage
to Obtain 0 dBm at VOS; Increase fin
Frequency Until dB Meter Reads −3 dB;
RL = 50 W, CL = 10 pF
2.25
4.50
6.00
−2.25
−4.50
−6.00
‘51
‘52
‘53
MHz
80
80
80
95
95
95
120
120
120
Off−Channel Feed−through
Isolation (Figure 13)
fin = Sine Wave; Adjust fin Voltage to
Obtain 0 dBm at VIS
fin = 10 kHz, RL = 600 W, CL = 50 pF
2.25
4.50
6.00
−2.25
−4.50
−6.00
−50
−50
−50
dB
fin = 1.0 MHz, RL = 50 W, CL = 10 pF
2.25
4.50
6.00
−2.25
−4.50
−6.00
−40
−40
−40
Feedthrough Noise.
Channel−Select Input to Common
I/O (Figure 14)
Vin ≤ 1 MHz Square Wave (tr = tf = 6 ns);
Adjust RL at Setup so that IS = 0 A;
Enable = GND
RL = 600 W, CL = 50 pF
2.25
4.50
6.00
−2.25
−4.50
−6.00
25
105
135
mVPP
RL = 10 kW, CL = 10 pF
2.25
4.50
6.00
−2.25
−4.50
−6.00
35
145
190
Crosstalk Between Any Two
Switches (Figure 18)
(Test does not apply to HCT4051A)
fin = Sine Wave; Adjust fin Voltage to
Obtain 0 dBm at VIS
fin = 10 kHz, RL = 600 W, CL = 50 pF
2.25
4.50
6.00
−2.25
−4.50
−6.00
−50
−50
−50
dB
fin = 1.0 MHz, RL = 50 W, CL = 10 pF
2.25
4.50
6.00
−2.25
−4.50
−6.00
−60
−60
−60
THD
Total Harmonic Distortion
(Figure 20)
fin = 1 kHz, RL = 10 kW, CL = 50 pF
THD = THDmeasured − THDsource
VIS = 4.0 VPP sine wave
VIS = 8.0 VPP sine wave
VIS = 11.0 VPP sine wave
2.25
4.50
6.00
−2.25
−4.50
−6.00
0.10
0.08
0.05
%
*Limits not tested. Determined by design and verified by qualification.
Figure 7a. Typical On Resistance, VCC − VEE = 2.0 V
Figure 7b. Typical On Resistance, VCC − VEE = 3.0 V
250
200
150
100
50
0
0.25
0.5
0.75
1.0
1.25
1.5
1.75
2.0
2.25
VIS, INPUT VOLTAGE (VOLTS), REFERENCED TO VEE
100
80
60
40
20
0
0.25 0.5 0.75 1.0 1.25 1.5 1.75
2.25
VIS, INPUT VOLTAGE (VOLTS), REFERENCED TO VEE
25
°C
-55
°C
125
°C
25
°C
-55
°C
125
°C
2.0
0
300
180
160
140
120
0
2.5 2.75 3.0
Figure 7.


Số phần tương tự - MC74HCT4053ADWR2G

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC74HCT4053ADG ONSEMI-MC74HCT4053ADG Datasheet
207Kb / 16P
   Analog Multiplexers / Demultiplexers
June, 2011 ??Rev. 2
MC74HCT4053ADR2G ONSEMI-MC74HCT4053ADR2G Datasheet
207Kb / 16P
   Analog Multiplexers / Demultiplexers
June, 2011 ??Rev. 2
MC74HCT4053ADTG ONSEMI-MC74HCT4053ADTG Datasheet
207Kb / 16P
   Analog Multiplexers / Demultiplexers
June, 2011 ??Rev. 2
More results

Mô tả tương tự - MC74HCT4053ADWR2G

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
NLVHCT4851ADTR2G ONSEMI-NLVHCT4851ADTR2G Datasheet
166Kb / 14P
   Analog Multiplexers/ Demultiplexers with Injection Current Effect Control with LSTTL Compatible Inputs
April, 2013 ??Rev. 6
MC74HCT4851A ONSEMI-MC74HCT4851A Datasheet
205Kb / 13P
   Analog Multiplexers/ Demultiplexers with Injection Current Effect Control with LSTTL Compatible Inputs
November, 2009 ??Rev. 1
MC74HCT4851ADTG ONSEMI-MC74HCT4851ADTG Datasheet
166Kb / 14P
   Analog Multiplexers/ Demultiplexers with
April, 2013 ??Rev. 6
MC14067B ONSEMI-MC14067B_11 Datasheet
134Kb / 9P
   Analog Multiplexers/Demultiplexers
June, 2011 ??Rev. 7
MC74VHC4051 ONSEMI-MC74VHC4051_14 Datasheet
159Kb / 16P
   Analog Multiplexers / Demultiplexers
September, 2014 ??Rev. 7
MC14067B ONSEMI-MC14067B_05 Datasheet
124Kb / 10P
   Analog Multiplexers / Demultiplexers
February, 2005 ??Rev. 5
MC74HC4051A ONSEMI-MC74HC4051A Datasheet
400Kb / 16P
   Analog Multiplexers/Demultiplexers
March, 2000 ??Rev. 1
MC74HCT4051A ONSEMI-MC74HCT4051A_11 Datasheet
207Kb / 16P
   Analog Multiplexers / Demultiplexers
June, 2011 ??Rev. 2
MC74HCT4851A ONSEMI-MC74HCT4851A_16 Datasheet
139Kb / 14P
   Analog Multiplexers/ Demultiplexers
August, 2016 ??Rev. 8
MC74HC4051A ONSEMI-MC74HC4051A_16 Datasheet
180Kb / 17P
   Analog Multiplexers/ Demultiplexers
March, 2016 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com