công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC74HCT4053ADWG bảng dữ liệu(PDF) 3 Page - ON Semiconductor

tên linh kiện MC74HCT4053ADWG
Giải thích chi tiết về linh kiện  Analog Multiplexers / Demultiplexers with LSTTL Compatible Inputs
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74HCT4053ADWG bảng dữ liệu(HTML) 3 Page - ON Semiconductor

  MC74HCT4053ADWG Datasheet HTML 1Page - ON Semiconductor MC74HCT4053ADWG Datasheet HTML 2Page - ON Semiconductor MC74HCT4053ADWG Datasheet HTML 3Page - ON Semiconductor MC74HCT4053ADWG Datasheet HTML 4Page - ON Semiconductor MC74HCT4053ADWG Datasheet HTML 5Page - ON Semiconductor MC74HCT4053ADWG Datasheet HTML 6Page - ON Semiconductor MC74HCT4053ADWG Datasheet HTML 7Page - ON Semiconductor MC74HCT4053ADWG Datasheet HTML 8Page - ON Semiconductor MC74HCT4053ADWG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
MC74HCT4051A, MC74HCT4052A, MC74HCT4053A
http://onsemi.com
3
Figure 5. Logic Diagram − MC74HCT4053A
Triple Single−Pole, Double−Position Plus Common Off
X0
12
X1
13
A
11
B
10
C
9
ENABLE
6
X SWITCH
Y SWITCH
X
14
ANALOG
INPUTS/OUTPUTS
CHANNEL‐SELECT
INPUTS
PIN 16 = VCC
PIN 7 = VEE
PIN 8 = GND
COMMON
OUTPUTS/INPUTS
L
L
L
L
H
H
H
H
X
L
L
H
H
L
L
H
H
X
L
H
L
H
L
H
L
H
X
FUNCTION TABLE − MC74HCT4053A
Control Inputs
ON Channels
Enable
Select
CBA
L
L
L
L
L
L
L
L
H
X = Don’t Care
Figure 6. Pinout: MC74HCT4053A (Top View)
15
16
14
13
12
11
10
2
1
345
67
VCC
9
8
Y
X
X1
X0
A
B
C
Y1
Y0
Z1
Z
Z0
Enable VEE
GND
Z0
Z0
Z0
Z0
Z1
Z1
Z1
Z1
Y0
Y0
Y1
Y1
Y0
Y0
Y1
Y1
X0
X1
X0
X1
X0
X1
X0
X1
NONE
Y0
2
Y1
1
Y
15
Z0
5
Z1
3
Z
4
Z SWITCH
NOTE: This device allows independent control of each switch.
Channel−Select Input A controls the X−Switch, Input B controls
the Y−Switch and Input C controls the Z−Switch
MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCC
Positive DC Supply Voltage
(Referenced to GND)
(Referenced to VEE)
−0.5 to +7.0
−0.5 to +14.0
V
VEE
Negative DC Supply Voltage (Referenced to GND)
−7.0 to +5.0
V
VIS
Analog Input Voltage
VEE − 0.5 to
VCC + 0.5
V
Vin
Digital Input Voltage (Referenced to GND)
−0.5 to VCC + 0.5
V
I
DC Current, Into or Out of Any Pin
±25
mA
PD
Power Dissipation in Still Air,
SOIC Package†
TSSOP Package†
500
450
mW
Tstg
Storage Temperature Range
−65 to +150
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress
ratings only. Functional operation above the Recommended Operating Conditions is not implied.
Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
†Derating − SOIC Package: − 7 mW/°C from 65°C to 125°C
TSSOP Package: − 6.1 mW/°C from 65°C to 125°C
This device contains protection
circuitry to guard against damage
due to high static voltages or electric
fields. However, precautions must
be taken to avoid applications of any
voltage higher than maximum rated
voltages to this high−impedance cir-
cuit. For proper operation, Vin and
Vout should be constrained to the
range GND v (Vin or Vout) v VCC.
Unused inputs must always be
tied to an appropriate logic voltage
level (e.g., either GND or VCC).
Unused outputs must be left open.


Số phần tương tự - MC74HCT4053ADWG

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC74HCT4053ADG ONSEMI-MC74HCT4053ADG Datasheet
207Kb / 16P
   Analog Multiplexers / Demultiplexers
June, 2011 ??Rev. 2
MC74HCT4053ADR2G ONSEMI-MC74HCT4053ADR2G Datasheet
207Kb / 16P
   Analog Multiplexers / Demultiplexers
June, 2011 ??Rev. 2
MC74HCT4053ADTG ONSEMI-MC74HCT4053ADTG Datasheet
207Kb / 16P
   Analog Multiplexers / Demultiplexers
June, 2011 ??Rev. 2
More results

Mô tả tương tự - MC74HCT4053ADWG

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
NLVHCT4851ADTR2G ONSEMI-NLVHCT4851ADTR2G Datasheet
166Kb / 14P
   Analog Multiplexers/ Demultiplexers with Injection Current Effect Control with LSTTL Compatible Inputs
April, 2013 ??Rev. 6
MC74HCT4851A ONSEMI-MC74HCT4851A Datasheet
205Kb / 13P
   Analog Multiplexers/ Demultiplexers with Injection Current Effect Control with LSTTL Compatible Inputs
November, 2009 ??Rev. 1
MC74HCT4851ADTG ONSEMI-MC74HCT4851ADTG Datasheet
166Kb / 14P
   Analog Multiplexers/ Demultiplexers with
April, 2013 ??Rev. 6
MC14067B ONSEMI-MC14067B_11 Datasheet
134Kb / 9P
   Analog Multiplexers/Demultiplexers
June, 2011 ??Rev. 7
MC74VHC4051 ONSEMI-MC74VHC4051_14 Datasheet
159Kb / 16P
   Analog Multiplexers / Demultiplexers
September, 2014 ??Rev. 7
MC14067B ONSEMI-MC14067B_05 Datasheet
124Kb / 10P
   Analog Multiplexers / Demultiplexers
February, 2005 ??Rev. 5
MC74HC4051A ONSEMI-MC74HC4051A Datasheet
400Kb / 16P
   Analog Multiplexers/Demultiplexers
March, 2000 ??Rev. 1
MC74HCT4051A ONSEMI-MC74HCT4051A_11 Datasheet
207Kb / 16P
   Analog Multiplexers / Demultiplexers
June, 2011 ??Rev. 2
MC74HCT4851A ONSEMI-MC74HCT4851A_16 Datasheet
139Kb / 14P
   Analog Multiplexers/ Demultiplexers
August, 2016 ??Rev. 8
MC74HC4051A ONSEMI-MC74HC4051A_16 Datasheet
180Kb / 17P
   Analog Multiplexers/ Demultiplexers
March, 2016 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com