công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC33566 bảng dữ liệu(PDF) 4 Page - ON Semiconductor

tên linh kiện MC33566
Giải thích chi tiết về linh kiện  Smart Voltage Regulator for Peripheral Card Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33566 bảng dữ liệu(HTML) 4 Page - ON Semiconductor

  MC33566 Datasheet HTML 1Page - ON Semiconductor MC33566 Datasheet HTML 2Page - ON Semiconductor MC33566 Datasheet HTML 3Page - ON Semiconductor MC33566 Datasheet HTML 4Page - ON Semiconductor MC33566 Datasheet HTML 5Page - ON Semiconductor MC33566 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MC33566
http://onsemi.com
4
Vref
Compensation
&
Hysteresis
+5 Vin
Ref &
Detect
5V detect
Comp
Driver
Drive out
+3.3 Vout
+3.3 Vaux
Hyst sw
External
P−channel
MOSFET
+3.3 Vout
External
4.7
μF
cap
LDO
Figure 2. Functional Block Diagram
FUNCTIONAL DESCRIPTION
Input Blocking − The internal NPN pass transistor of the
LDO regulator ensures that no significant reverse current
will flow from +3.3 Vout back to the +5.0 Vin input when the
5.0 V input is not powered and the 3.3 Vin supply is present.
5.0 Volt Detect − Internal circuitry detects the presence of
the 5.0 V input supply. When the 5.0 V supply drops below
a given threshold, the +3.3 Vin bypass transistor (an external
P−channel MOSFET) is enabled. The 5.0 V detect logic is
active throughout the entire range of ramp−up from 0 to
5.5 V. Additionally, the drive out signal is never turned ON
or OFF inappropriately during ramp−up of the +5.0 Vin
supply. Also, +3.3 Vout never drops below 3.0 V while
+5.0 Vin is above the 5.0 V detect minimum threshold.
Glitch−free Transfer − The design of the 5.0 V detect
circuitry and drive out control circuitry guarantees that the
+3.3 Vout will not exceed the output voltage specification
listed in the table of DC Operating Specifications even with
+5.0 Vin ramping up and down at the extremes of the slew
rates in the table of AC Operating Specifications.
Offset Voltage Performance − To ensure performance
when external offsets are present on the +5.0 Vin and
+3.3 Vin power inputs, the device has been designed to be
capable of operating with either one or both of these inputs
rising from or falling to zero volts, or with offsets of 0.05 V
to 0.9 V as the inputs ramp up and down.
Motherboard/
Mainboard
PCI Slot
Figure 3. Application Block Diagram
PCI Card
Circuitry
5V
3.3V aux
4.7
μF
1
2
3
4
5
D
R
V
O
G
N
D
V
I
N
V
A
U
X
4.7
μF


Số phần tương tự - MC33566

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC3356 MOTOROLA-MC3356 Datasheet
211Kb / 8P
   Wideband FSK Receiver
logo
ON Semiconductor
MC33560 ONSEMI-MC33560 Datasheet
435Kb / 24P
   Power Management and Interface IC for Smartcard Readers and Couplers
October, 1999 ??Rev. 0
MC33560 ONSEMI-MC33560 Datasheet
265Kb / 26P
   Power Management and Interface IC for Smartcard Readers and Couplers
August, 2005 ??Rev. 5
MC33560DTB ONSEMI-MC33560DTB Datasheet
435Kb / 24P
   Power Management and Interface IC for Smartcard Readers and Couplers
October, 1999 ??Rev. 0
MC33560DTB ONSEMI-MC33560DTB Datasheet
265Kb / 26P
   Power Management and Interface IC for Smartcard Readers and Couplers
August, 2005 ??Rev. 5
More results

Mô tả tương tự - MC33566

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Zilog, Inc.
Z80185 ZILOG-Z80185 Datasheet
484Kb / 95P
   SMART PERIPHERAL CONTROLLERS
logo
Texas Instruments
SN75460 TI-SN75460 Datasheet
557Kb / 10P
[Old version datasheet]   PERIPHERAL DRIVERS FOR HIGH-VOLTAGE HIGH-CURRENT DRIVER APPLICATIONS
logo
STMicroelectronics
L4952D STMICROELECTRONICS-L4952D Datasheet
167Kb / 8P
   VOLTAGE REGULATOR FOR CAR RADIO APPLICATIONS
L4952 STMICROELECTRONICS-L4952 Datasheet
84Kb / 8P
   VOLTAGE REGULATOR FOR CAR RADIO APPLICATIONS
logo
Vishay Siliconix
SI91860 VISHAY-SI91860 Datasheet
142Kb / 8P
   400-mA Smart Regulator for Network Interface Card
Rev. B, 19-Apr-04
logo
Intersil Corporation
LP3991 INTERSIL-LP3991 Datasheet
325Kb / 12P
   300mA Linear Voltage Regulator for Digital Applications
logo
National Semiconductor ...
LP3990 NSC-LP3990 Datasheet
711Kb / 13P
   150mA Linear Voltage Regulator for Digital Applications
logo
Texas Instruments
LP3991 TI1-LP3991_14 Datasheet
1Mb / 20P
[Old version datasheet]   300mA Linear Voltage Regulator for Digital Applications
logo
ON Semiconductor
NCP81561 ONSEMI-NCP81561 Datasheet
239Kb / 12P
   Single-Phase Voltage Regulator for Computing Applications
May, 2022 - Rev. 0
logo
Vishay Siliconix
SI91861 VISHAY-SI91861 Datasheet
109Kb / 7P
   400-mA Smart Regulator for Network Interface Card
Rev. B, 19-Apr-04
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com