công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MC100EP195BMNG bảng dữ liệu(PDF) 9 Page - ON Semiconductor |
|
MC100EP195BMNG bảng dữ liệu(HTML) 9 Page - ON Semiconductor |
9 / 17 page MC100EP195B http://onsemi.com 9 Table 9. 100EP DC CHARACTERISTICS, NECL VCC = 0 V, VEE = −3.3 V (Note 10) Symbol Characteristic −40°C 25°C 85°C Unit Min Typ Max Min Typ Max Min Typ Max IEE Negative Power Supply Current (Note 11) 90 115 170 100 140 170 100 145 170 mA VOH Output HIGH Voltage (Note 12) −1145 −1020 −895 −1145 −1020 −895 −1145 −1020 −895 mV VOL Output LOW Voltage (Note 12) −1945 −1820 −1695 −1945 −1820 −1695 −1945 −1820 −1695 mV VIH Input HIGH Voltage (Single−Ended) LVNECL −1225 −880 −1225 −880 −1225 −880 mV VIL Input LOW Voltage (Single−Ended) LVNECL −1945 −1625 −1945 −1625 −1945 −1625 mV VBB ECL Output Voltage Reference −1525 −1425 −1325 −1525 −1425 −1325 −1525 −1425 −1325 mV VEF Reference Voltage for ECL Mode Con- nection −1400 −1280 −1250 −1400 −1280 −1250 −1400 −1280 −1250 mV VIHCMR Input HIGH Voltage Common Mode Range (Differential Configuration) (Note 13) VEE+ 1.2 0.0 VEE+ 1.2 0.0 VEE+ 1.2 0.0 V IIH Input HIGH Current (@ VIH) 0 150 0 150 0 150 mA IIL Input LOW Current (@ VIL) 0 150 0 150 0 150 mA NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit values are applied individually under normal operating conditions and not valid simultaneously. 10.Input and output parameters vary 1:1 with VCC. VEE can vary +0.3 V to −0.3 V. 11. Required 500 lfpm air flow when using +5 V power supply. For (VCC − VEE) > 3.3 V, 5 W to 10 W in line with VEE required for maximum thermal protection at elevated temperatures. Recommend VCC − VEE operation at ≤ 3.8 V. 12.All loading with 50 W to VCC − 2.0 V. 13.VIHCMR min varies 1:1 with VEE, VIHCMR max varies 1:1 with VCC. The VIHCMR range is referenced to the most positive side of the differential input signal. |
Số phần tương tự - MC100EP195BMNG |
|
Mô tả tương tự - MC100EP195BMNG |